Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65010RGZT Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65010RGZT
Description  Power and Battery Management IC for Li-Ion Powered Systems
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65010RGZT Datasheet(HTML) 44 Page - Texas Instruments

Back Button TPS65010RGZT Datasheet HTML 40Page - Texas Instruments TPS65010RGZT Datasheet HTML 41Page - Texas Instruments TPS65010RGZT Datasheet HTML 42Page - Texas Instruments TPS65010RGZT Datasheet HTML 43Page - Texas Instruments TPS65010RGZT Datasheet HTML 44Page - Texas Instruments TPS65010RGZT Datasheet HTML 45Page - Texas Instruments TPS65010RGZT Datasheet HTML 46Page - Texas Instruments TPS65010RGZT Datasheet HTML 47Page - Texas Instruments TPS65010RGZT Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 63 page
background image
TPS65010
SLVS149C – JUNE 2003 – REVISED SEPTEMBER 2015
www.ti.com
Table 23. CORE Settings (continued)
CORE2
CORE1
CORE0
VCORE
1
1
1
1.6 V
Bit 3-Bit 2 - CORELP<1:0>: CORELP1 and CORELP0 can be used to set the VCORE voltage in low-
powermode. In low-powermode, CORE2 is effectively '0', and CORE1, CORE0 take on the values programmed
at CORELP1 and CORELP0, default '10' giving VCORE = 1.1V as default in low-powermode. When low-
powermode is exited, VCORE reverts to the value set by CORE2, CORE1 and CORE0.
Bit 1 - VIB:
0 = disables the VIB output transistor.
1 = enables the VIB output transistor to drive the vibrator motor.
Bit 0 - CORE DISCHARGE:
0 = disables the active discharge of the VCORE converter output.
1 = enables the active discharge of the VCORE converter, output, when the converter is disabled.
7.6.14 VREGS1Register (Address: 0Eh—Reset: 88h)
VREGS1Register
VREGS1
B7
B6
B5
B4
B3
B2
B1
B0
Bit name
LDO2 enable
LDO2 OFF /
LDO21
LDO20
LDO1 enable
LDO1 OFF /
LDO11
LDO10
nSLP
nSLP
Default
1
0
0
0
1
0
0
0
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
The VREGS1 register is used to program and enable LDO1 and LDO2 and to set their behavior when low-
powermode is active. The LDO output voltages can be set either on the fly, while the relevant LDO is disabled, or
simultaneously when the relevant enable bit is set. Note that both LDOs are per default ON.
Bit 7-Bit 6 - The function of the LDO2 enable and LDO2 OFF / nSLP bits is shown in Table 24. See the power-on
sequencing section for details of low-power mode.
Table 24. LDO2 Enable and LDO2 OFF/nSLP Functions
LDO2 ENABLE
LDO2 OFF / nSLP
LDO STATUS IN NORMAL MODE
LDO STATUS IN LOW-POWER MODE
0
X
OFF
OFF
1
0
ON, full power
ON, reduced power and performance
1
1
ON, full power
OFF
Bit 5-Bit 4 - LDO2<1:0>: LDO2 has a default output voltage of 1.8 V. If so desired, this can be changed at the
same time as it is enabled through the serial interface.
Table 25. LDO2 Settings
LDO21
LDO20
VLDO2
0
0
1.8 V
0
1
2.5 V
1
0
2.75 V
1
1
3.0 V
Bit 3-Bit 2 - The function of the LDO1 enable and LDO1 OFF / nSLP bits is shown in the following table. See the
power-on sequencing section for details of low-power mode. Note that programming LDO1 to a higher voltage
may force a system power on reset if the increase is in the 10% or greater range.
Table 26. LDO1 Enable and LDO1 OFF/nSLP Functions
LDO1 ENABLE
LDO1 OFF / nSLP
LDO STATUS IN NORMAL MODE
LDO STATUS IN LOW-POWER MODE
0
X
OFF
OFF
44
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: TPS65010


Similar Part No. - TPS65010RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65010RGZ TI-TPS65010RGZ Datasheet
1,006Kb / 50P
POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
More results

Similar Description - TPS65010RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65013 TI-TPS65013 Datasheet
844Kb / 52P
POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65012 TI-TPS65012 Datasheet
1Mb / 51P
POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65012 TI1-TPS65012_15 Datasheet
1Mb / 63P
Power and Battery Management IC for Li-Ion Powered Systems
TPS65011 TI-TPS65011 Datasheet
1,017Kb / 52P
POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65011 TI1-TPS65011_15 Datasheet
1Mb / 63P
Power and Battery Management IC For Li-Ion Powered Systems
TPS65014 TI-TPS65014 Datasheet
1,021Kb / 53P
POWER AND BATTERY MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65010 TI-TPS65010 Datasheet
1,006Kb / 50P
POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com