Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65010RGZT Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65010RGZT
Description  Power and Battery Management IC for Li-Ion Powered Systems
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65010RGZT Datasheet(HTML) 43 Page - Texas Instruments

Back Button TPS65010RGZT Datasheet HTML 39Page - Texas Instruments TPS65010RGZT Datasheet HTML 40Page - Texas Instruments TPS65010RGZT Datasheet HTML 41Page - Texas Instruments TPS65010RGZT Datasheet HTML 42Page - Texas Instruments TPS65010RGZT Datasheet HTML 43Page - Texas Instruments TPS65010RGZT Datasheet HTML 44Page - Texas Instruments TPS65010RGZT Datasheet HTML 45Page - Texas Instruments TPS65010RGZT Datasheet HTML 46Page - Texas Instruments TPS65010RGZT Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 63 page
background image
TPS65010
www.ti.com
SLVS149C – JUNE 2003 – REVISED SEPTEMBER 2015
Table 20. UVLO Settings (continued)
UVLO1
UVLO0
VUVLO
1
1
3.25 V (reset)
Bit 4 - ENABLE SUPPLY:
0 = not allowed
1 = must be left set.
Bit 3 - ENABLE LP:
0 = disables the low-powerfunction of the LOW_PWR pin.
1 = enables the low-powerfunction of the LOW_PWR pin.
Bit 2 - MAIN DISCHARGE:
0 = disable the active discharge of the VMAIN converter output.
1 = enable the active discharge of the VMAIN converter output, when the converter is disabled.
Bit 1-Bit 0 - MAIN<1:0>: The VMAIN converter output voltages are set according to Table 21, with the rest in bold
set by the DEFMAIN pin. The default voltage can subsequently be over-written through the serial interface after
start-up.
Table 21. MAIN Settings
MAIN1
MAIN0
VMAIN
0
0
2.5 V
0
1
2.75 V
1
0
3.0 V
1
1
3.3 V
7.6.13 VDCDC2 Register (Address: 0Dh—Reset: 68h/78h)
Table 22. VDCDC2 Register
VDCDC2
B7
B6
B5
B4
B3
B2
B1
B0
CORE
Bit name
LP_COREOFF
CORE2
CORE1
CORE0
CORELP1
CORELP0
VIB
DISCHARGE
Default
0
1
1
DEFCORE
1
0
0
0
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
The VDCDC2 register is used to program the VCORE switching converter output voltage. It is programmable in 8
steps between 0.85 V and 1.6 V. The reset is governed by the DEFCORE pin; DEFCORE=0 sets an output
voltage of 1.5 V. DEFCORE=1 sets an output voltage of 1.6 V.
Bit 7 - LP_COREOFF:
0 = VCORE converter is enabled in low-powermode.
1 = VCORE converter is disabled in low-powermode.
Bit 6-Bit 4 - CORE<2:0>: The following table shows all possible values of VCORE. The reset can subsequently
be overwritten through the serial interface after start-up.
Table 23. CORE Settings
CORE2
CORE1
CORE0
VCORE
0
0
0
0.85 V
0
0
1
1.0 V
0
1
0
1.1 V
0
1
1
1.2 V
1
0
0
1.3 V
1
0
1
1.4 V
1
1
0
1.5 V
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
43
Product Folder Links: TPS65010


Similar Part No. - TPS65010RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65010RGZ TI-TPS65010RGZ Datasheet
1,006Kb / 50P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
More results

Similar Description - TPS65010RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65013 TI-TPS65013 Datasheet
844Kb / 52P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65012 TI-TPS65012 Datasheet
1Mb / 51P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65012 TI1-TPS65012_15 Datasheet
1Mb / 63P
[Old version datasheet]   Power and Battery Management IC for Li-Ion Powered Systems
TPS65011 TI-TPS65011 Datasheet
1,017Kb / 52P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65011 TI1-TPS65011_15 Datasheet
1Mb / 63P
[Old version datasheet]   Power and Battery Management IC For Li-Ion Powered Systems
TPS65014 TI-TPS65014 Datasheet
1,021Kb / 53P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65010 TI-TPS65010 Datasheet
1,006Kb / 50P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com