Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65010RGZT Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65010RGZT
Description  Power and Battery Management IC for Li-Ion Powered Systems
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65010RGZT Datasheet(HTML) 42 Page - Texas Instruments

Back Button TPS65010RGZT Datasheet HTML 38Page - Texas Instruments TPS65010RGZT Datasheet HTML 39Page - Texas Instruments TPS65010RGZT Datasheet HTML 40Page - Texas Instruments TPS65010RGZT Datasheet HTML 41Page - Texas Instruments TPS65010RGZT Datasheet HTML 42Page - Texas Instruments TPS65010RGZT Datasheet HTML 43Page - Texas Instruments TPS65010RGZT Datasheet HTML 44Page - Texas Instruments TPS65010RGZT Datasheet HTML 45Page - Texas Instruments TPS65010RGZT Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 63 page
background image
TPS65010
SLVS149C – JUNE 2003 – REVISED SEPTEMBER 2015
www.ti.com
Table 16. LED2_ON Register (continued)
LED2_ON
B7
B6
B5
B4
B3
B2
B1
B0
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
The LED2_ON and LED2_PER registers are used to control the LED2 open-drain output.
Bit 7 LED21: Control is determined by LED21 and LED22 according to Table 17.
Bit 6-Bit 0 - LED2_PER<6:0> are used to program the ON-time of the open-drain output transistor at the LED2
pin. The minimum ON-time is typically 10 ms and one LSB corresponds to a 10-ms step change in the ON-time.
7.6.11 LED2_PER (Register Address: 0Bh—Reset: 00h)
Table 17. LED2_PER
LED2_PER
B7
B6
B5
B4
B3
B2
B1
B0
Bit name
LED22
LED2 PER6
LED2 PER5
LED2 PER4
LED2 PER3
LED2 PER2
LED2 PER1
LED2 PER 0
Default
0
0
0
0
0
0
0
0
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit 7 LED22: Control is determined by LED21 and LED22 according to Table 17.
Bit 6-Bit 0 - LED2_ON<6:0> are used to program the time period of the open-drain output transistor at the LED2
pin. The minimum ON-time is typically 100 ms and one LSB corresponds to a 100-ms step change in the ON-
time.
Table 18. LED2 Open-Drain Output Setting
LED21
LED22
BEHAVIOR OF LED2 OPEN-DRAIN OUTPUT
0
0
Off (default)
0
1
Blink
1
0
Off
1
1
Always On
7.6.12
VDCDC1 Register (Address: 0Ch—Reset: 72h/73h)
Table 19. VDCDC1 Register
VDCDC1
B7
B6
B5
B4
B3
B2
B1
B0
Bit name
FPWM
UVLO1
UVLO0
ENABLE
ENABLE
MAIN
MAIN1
MAIN0
SUPPLY
LP
DISCHARGE
Default
0
1
1
1
0
0
1
DEFMAIN
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
The VDCDC1 register is used to program the VMAIN switching converter.
Bit 7 - FPWM: forced PWM mode for DC-DC converters.
0 = MAIN and the CORE DC-DC converter are allowed to switch into PFM mode.
1 = MAIN and the CORE DC-DC converter operate with forced fixed frequency PWM mode and are not
allowed to switch into PFM mode at light load.
Bit 6-Bit 5 - UVLO<1:0>: The under-voltage threshold voltage is set by UVLO1 and UVLO0 according to the
Table 20.
Table 20. UVLO Settings
UVLO1
UVLO0
VUVLO
0
0
2.5 V
0
1
2.75 V
1
0
3.0 V
42
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: TPS65010


Similar Part No. - TPS65010RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65010RGZ TI-TPS65010RGZ Datasheet
1,006Kb / 50P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
More results

Similar Description - TPS65010RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65013 TI-TPS65013 Datasheet
844Kb / 52P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65012 TI-TPS65012 Datasheet
1Mb / 51P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65012 TI1-TPS65012_15 Datasheet
1Mb / 63P
[Old version datasheet]   Power and Battery Management IC for Li-Ion Powered Systems
TPS65011 TI-TPS65011 Datasheet
1,017Kb / 52P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65011 TI1-TPS65011_15 Datasheet
1Mb / 63P
[Old version datasheet]   Power and Battery Management IC For Li-Ion Powered Systems
TPS65014 TI-TPS65014 Datasheet
1,021Kb / 53P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65010 TI-TPS65010 Datasheet
1,006Kb / 50P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com