Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65010RGZT Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65010RGZT
Description  Power and Battery Management IC for Li-Ion Powered Systems
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65010RGZT Datasheet(HTML) 41 Page - Texas Instruments

Back Button TPS65010RGZT Datasheet HTML 37Page - Texas Instruments TPS65010RGZT Datasheet HTML 38Page - Texas Instruments TPS65010RGZT Datasheet HTML 39Page - Texas Instruments TPS65010RGZT Datasheet HTML 40Page - Texas Instruments TPS65010RGZT Datasheet HTML 41Page - Texas Instruments TPS65010RGZT Datasheet HTML 42Page - Texas Instruments TPS65010RGZT Datasheet HTML 43Page - Texas Instruments TPS65010RGZT Datasheet HTML 44Page - Texas Instruments TPS65010RGZT Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 63 page
background image
TPS65010
www.ti.com
SLVS149C – JUNE 2003 – REVISED SEPTEMBER 2015
Bit 2 - USB 100 mA / 500 mA:
0 = sets the USB charging current to max 100 mA.
1 = sets the USB charging current to max 500mA. B2 is ignored if B1=0.
Bit 1 - USB charge allowed:
0 = prevents any charging from the USB input.
1 = charging from the USB input is allowed.
Bit 0 - Charge enable:
0 = charging is not allowed.
1 = charger is free to charge from either of the two input sources. If both sources are present and valid, the
TPS65010 charges from the ac source.
7.6.8 LED1_ON Register (Address: 08h—Reset: 00h)
Table 13. LED1_ON Register
LED1_ON
B7
B6
B5
B4
B3
B2
B1
B0
Bit name
PG1
LED1 ON6
LED1 ON5
LED1 ON4
LED1 ON3
LED1 ON2
LED1 ON1
LED1 ON 0
Default
0
0
0
0
0
0
0
0
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
The LED1_ON and LED1_PER registers can be used to take control of the PG open-drain output normally
controlled by the charger.
Bit 7 - PG1: Control of the PG pin is determined by PG1 and PG2 according to the table under LED1_PER
register
Bit 6 - BIT 0 - LED1_ON<6:0> are used to program the ON-time of the open-drain output transistor at the PG pin.
The minimum ON-time is typically 10 ms and one LSB corresponds to a 10-ms step change in the ON-time.
7.6.9 LED1_PER Register (Address: 09h—Reset: 00h)
Table 14. LED1_PER Register
LED1_PER
B7
B6
B5
B4
B3
B2
B1
B0
Bit name
PG2
LED1 PER6
LED1 PER5
LED1 PER4
LED1 PER3
LED1 PER2
LED1 PER1
LED1 PER 0
Default
0
0
0
0
0
0
0
0
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit 7 - PG2: Control of the PG pin is determined by PG1 and PG2 according to the following table.
Table 15. PG Settings
PG1
PG2
BEHAVIOR OF PG OPEN-DRAIN OUTPUT
0
0
Under charger control (default)
0
1
Blink
1
0
Off
1
1
Always On
Bit 6-Bit 0 - LED1_PER<6:0> are used to program the time period of the open-drain output transistor at the PG
pin. The minimum period is typically 100 ms and one LSB corresponds to a 100-ms step change in the period.
7.6.10 LED2_ON Register (Address: 0Ah—Reset: 00h)
Table 16. LED2_ON Register
LED2_ON
B7
B6
B5
B4
B3
B2
B1
B0
Bit name
LED21
LED2 ON6
LED2 ON5
LED2 ON4
LED2 ON3
LED2 ON2
LED2 ON1
LED2 ON0
Default
0
0
0
0
0
0
0
0
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
41
Product Folder Links: TPS65010


Similar Part No. - TPS65010RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65010RGZ TI-TPS65010RGZ Datasheet
1,006Kb / 50P
POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
More results

Similar Description - TPS65010RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65013 TI-TPS65013 Datasheet
844Kb / 52P
POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65012 TI-TPS65012 Datasheet
1Mb / 51P
POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65012 TI1-TPS65012_15 Datasheet
1Mb / 63P
Power and Battery Management IC for Li-Ion Powered Systems
TPS65011 TI-TPS65011 Datasheet
1,017Kb / 52P
POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65011 TI1-TPS65011_15 Datasheet
1Mb / 63P
Power and Battery Management IC For Li-Ion Powered Systems
TPS65014 TI-TPS65014 Datasheet
1,021Kb / 53P
POWER AND BATTERY MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65010 TI-TPS65010 Datasheet
1,006Kb / 50P
POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com