Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65010RGZT Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65010RGZT
Description  Power and Battery Management IC for Li-Ion Powered Systems
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65010RGZT Datasheet(HTML) 40 Page - Texas Instruments

Back Button TPS65010RGZT Datasheet HTML 36Page - Texas Instruments TPS65010RGZT Datasheet HTML 37Page - Texas Instruments TPS65010RGZT Datasheet HTML 38Page - Texas Instruments TPS65010RGZT Datasheet HTML 39Page - Texas Instruments TPS65010RGZT Datasheet HTML 40Page - Texas Instruments TPS65010RGZT Datasheet HTML 41Page - Texas Instruments TPS65010RGZT Datasheet HTML 42Page - Texas Instruments TPS65010RGZT Datasheet HTML 43Page - Texas Instruments TPS65010RGZT Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 63 page
background image
TPS65010
SLVS149C – JUNE 2003 – REVISED SEPTEMBER 2015
www.ti.com
The ACKINT1 register is internally used to acknowledge any of the interrupts in the corresponding
CHGSTATUS<7:0> positions. When this is done, the acknowledged interrupt is no longer fed through to the INT
pin and so the INT pin becomes free to indicate the next pending interrupt. If none exists, then the INT pin goes
high, else it will remain low. A 1 at any position in ACKINT1 is automatically cleared when the corresponding
interrupt condition in CHGSTATUS is removed. The application processor should not normally need to access
the ACKINT1 register.
7.6.6 ACKINT2 Register (Address: 06h—Reset: 00h)
Table 10. ACKINT2 Register
ACKINT2
B7
B6
B5
B4
B3
B2
B1
B0
Bit name and
Ack
Ack BATT_
Ack PGOOD
Ack PGOOD
Ack PGOOD
Ack PGOOD
Ack UVLO
function
PB_ONOFF
COVER
LDO2
LDO1
MAIN
CORE
Default
0
0
0
0
0
0
0
0
Read/write
R
R
R
R
R
R
R
R
The ACKINT2 register is internally used to acknowledge any of the interrupts in the corresponding
REGSTATUS<7:0> positions. When this is done, the acknowledged interrupt is no longer fed through to the INT
pin and so the INT pin becomes free to indicate the next pending interrupt. If none exists, then the INT pin goes
high, else it will remain low. A 1 at any position in ACKINT2 is automatically cleared when the corresponding
interrupt condition in REGSTATUS is removed. The application processor should not normally need to access
the ACKINT2 register.
7.6.7 CHGCONFIG Register Address: 07h—Reset: 1Bh
Table 11. CHGCONFIG Register
CHGCONFIG
B7
B6
B5
B4
B3
B2
B1
B0
Fast charge
MSB charge
LSB charge
USB / 100
USB charge
Charge
Bit name
POR
Charger reset
timer + taper
current
current
mA 500 mA
allowed
enable
timer enabled
Default
0
0
0
1
1
0
1
1
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
The CHGCONFIG register is used to configure the charger.
Bit 7 - POR:
0 = Tn(RESPWRON) duration typically 1000 ms (+/-25%)
1 = Tn(RESPWRON) duration typically 69 ms (+/-25%)
Bit 6 - Charger reset:
Clears all the timers in the charger and forces a restart of the charge algorithm.
0 / 1 = This bit must be set and then reset through the serial interface.
Bit 5 - Fast charge timer + taper timer enabled:
0 = fast charge timer disabled (default)
1 = enables the fast charge timer.
Bit 4, Bit 3 - MSB/LSB Charge current:
Used to set the constant current in the current regulation phase.
Table 12. Charge Current Settings
B4:B3
CHARGE CURRENT RATE
11
Maximum current set by the external resistor at the ISET pin
10
75% of maximun
01
50% of maximun
00
25% of maximun
40
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: TPS65010


Similar Part No. - TPS65010RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65010RGZ TI-TPS65010RGZ Datasheet
1,006Kb / 50P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
More results

Similar Description - TPS65010RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65013 TI-TPS65013 Datasheet
844Kb / 52P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65012 TI-TPS65012 Datasheet
1Mb / 51P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65012 TI1-TPS65012_15 Datasheet
1Mb / 63P
[Old version datasheet]   Power and Battery Management IC for Li-Ion Powered Systems
TPS65011 TI-TPS65011 Datasheet
1,017Kb / 52P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65011 TI1-TPS65011_15 Datasheet
1Mb / 63P
[Old version datasheet]   Power and Battery Management IC For Li-Ion Powered Systems
TPS65014 TI-TPS65014 Datasheet
1,021Kb / 53P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65010 TI-TPS65010 Datasheet
1,006Kb / 50P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com