Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65010RGZT Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65010RGZT
Description  Power and Battery Management IC for Li-Ion Powered Systems
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65010RGZT Datasheet(HTML) 39 Page - Texas Instruments

Back Button TPS65010RGZT Datasheet HTML 35Page - Texas Instruments TPS65010RGZT Datasheet HTML 36Page - Texas Instruments TPS65010RGZT Datasheet HTML 37Page - Texas Instruments TPS65010RGZT Datasheet HTML 38Page - Texas Instruments TPS65010RGZT Datasheet HTML 39Page - Texas Instruments TPS65010RGZT Datasheet HTML 40Page - Texas Instruments TPS65010RGZT Datasheet HTML 41Page - Texas Instruments TPS65010RGZT Datasheet HTML 42Page - Texas Instruments TPS65010RGZT Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 63 page
background image
TPS65010
www.ti.com
SLVS149C – JUNE 2003 – REVISED SEPTEMBER 2015
1 = BATT_COVER pin is low.
Bit 5 - UVLO:
0 = voltage at the VCC pin above UVLO threshold.
1 = voltage at the VCC pin has dropped below the UVLO threshold.
Bit 4 - not implemented
Bit 3 - PGOOD LDO2:
0 = LDO2 output in regulation, or LDO2 disabled with VREGS1<7> = 0
1 = LDO2 output out of regulation.
Bit 2 - PGOOD LDO1:
0 = LDO1 output in regulation, or LDO1 disabled with VREGS1<3> =0
1 = LDO1 output out of regulation.
Bit 1 - PGOOD MAIN:
0 = Main converter output in regulation.
1 = Main converter output out of regulation.
Bit 0 - PGOOD CORE:
0 = Core converter output in regulation.
1 = Core converter output out of regulation, or VDCDC2<7> = 1 in low-powermode.
A rising edge in the REGSTATUS register contents causes INT to be driven low if it is not masked in the MASK2.
7.6.3 MASK1 Register (Address: 03h—Reset: FFh)
Table 7. MASK1 Register
MASK1
B7
B6
B5
B4
B3
B2
B1
B0
Mask Thermal
Mask
Bit name
Mask USB
Mask AC
Mask Term
Mask Taper
Mask Chg
Mask Prechg
Suspend
BattTemp
Default
1
1
1
1
1
1
1
1
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
The MASK1 register is used to mask all or any of the conditions in the corresponding CHGSTATUS<7:0>
positions being indicated at the INT pin. Default is to mask all.
7.6.4 MASK2 Register (Address: 04h—Reset: FFh)
Table 8. MASK2 Register
MASK2
B7
B6
B5
B4
B3
B2
B1
B0
Mask
Mask
Mask PGOOD
Mask PGOOD
Mask PGOOD
Bit name
Mask UVLO
Mask PGOOD CORE
PB_ONOFF
BATT_COVER
LDO2
LDO1
MAIN
Default
1
1
1
1
1
1
1
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
The MASK2 register is used to mask all or any of the conditions in the corresponding REGSTATUS<7:0>
positions being indicated at the INT pin. Default is to mask all.
7.6.5 ACKINT1 Register (Address: 05h—Reset: 00h)
Table 9. ACKINT1 Register
ACKINT1
B7
B6
B5
B4
B3
B2
B1
B0
Ack Thermal
Ack
Bit name
Ack USB
Ack AC
Ack Term
Ack Taper
Ack Chg
Ack Prechg
Shutdown
BattTemp
Default
0
0
0
0
0
0
0
0
Read/write
R
R
R
R
R
R
R
R
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: TPS65010


Similar Part No. - TPS65010RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65010RGZ TI-TPS65010RGZ Datasheet
1,006Kb / 50P
POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
More results

Similar Description - TPS65010RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65010 TI-TPS65010 Datasheet
1,006Kb / 50P
POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65011 TI-TPS65011 Datasheet
1,017Kb / 52P
POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65013 TI-TPS65013 Datasheet
844Kb / 52P
POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65014 TI-TPS65014 Datasheet
1,021Kb / 53P
POWER AND BATTERY MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65012 TI-TPS65012 Datasheet
1Mb / 51P
POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65012 TI1-TPS65012_15 Datasheet
1Mb / 63P
Power and Battery Management IC for Li-Ion Powered Systems
TPS65011 TI1-TPS65011_15 Datasheet
1Mb / 63P
Power and Battery Management IC For Li-Ion Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com