Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65010RGZT Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65010RGZT
Description  Power and Battery Management IC for Li-Ion Powered Systems
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65010RGZT Datasheet(HTML) 38 Page - Texas Instruments

Back Button TPS65010RGZT Datasheet HTML 34Page - Texas Instruments TPS65010RGZT Datasheet HTML 35Page - Texas Instruments TPS65010RGZT Datasheet HTML 36Page - Texas Instruments TPS65010RGZT Datasheet HTML 37Page - Texas Instruments TPS65010RGZT Datasheet HTML 38Page - Texas Instruments TPS65010RGZT Datasheet HTML 39Page - Texas Instruments TPS65010RGZT Datasheet HTML 40Page - Texas Instruments TPS65010RGZT Datasheet HTML 41Page - Texas Instruments TPS65010RGZT Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 63 page
background image
TPS65010
SLVS149C – JUNE 2003 – REVISED SEPTEMBER 2015
www.ti.com
7.6 Register Maps
7.6.1 CHGSTATUS Register (Address: 01h—Reset: 00h)
Table 5. CHGSTATUS Register
CHGSTATUS
B7
B6
B5
B4
B3
B2
B1
B0
Name
USB charge
AC charge
Thermal
Term Current
Taper
Chg Timeout
Prechg
BattTemp
Suspend
Timeout
Timeout
error
Default
0
0
0
0
0
0
0
0
Read/write
R
R
R
R
R/W
R/W
R/W
R
The CHGSTATUS register contents indicate the status of charge.
Bit 7 - USB charge:
0 = inactive.
1 = USB source is present and in the range valid for charging. B7 remains active as long as the charge
source is present.
Bit 6 - AC charge:
0 = wall plug source is not present and/or not in the range valid for charging.
1 = wall plug source is present and in the range valid for charging. B6 remains active as long as the charge
source is present.
Bit 5 - Thermal suspend:
0 = charging is allowed
1 = charging is momentarily suspended due to excessive power dissipation on chip.
Bit 4 - Term current:
0 = charging, charge termination current threshold has not been crossed.
1 = charge termination current threshold has been crossed and charging has been stopped. It can be due to
a battery reaching full capacity, or it can be due to a battery removal condition.
Bit 3 - 1 Prechg Timeout, Chg Timeout, Taper Timeout:
0 = charging
1 = one of the timers has timed out and charging has been terminated.
Bit 0 - BattTemp error: Battery temperature error
0 = battery temperature is inside the allowed range and that charging is allowed.
1 = battery temperature is outside of the allowed range and that charging is suspended.
B1-4 may be reset through the serial interface in order to force a reset of the charger. Any attempt to write to B0
and B5-7 is ignored. A 1 in B<7:0> sets the INT pin active unless the corresponding bit in the MASK register is
set.
7.6.2 REGSTATUS Register (Address: 02h—Reset: 00h)
Table 6. REGSTATUS Register
REGSTATUS
B7
B6
B5
B4
B3
B2
B1
B0
PGOOD
PGOOD
PGOOD
PGOOD
Bit name
PB_ONOFF
BATT_COVER
UVLO
LDO2
LDO1
MAIN
CORE
Default
0
0
0
0
0
0
0
0
Read/write
R
R
R
R
R
R
R
R
Bit 7 - PB_ONOFF:
0 = inactive
1 = user activated the PB_ONOFF switch to request that all rails are shut down.
Bit 6 - BATT_COVER:
0 = BATT_COVER pin is high.
38
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: TPS65010


Similar Part No. - TPS65010RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65010RGZ TI-TPS65010RGZ Datasheet
1,006Kb / 50P
POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
More results

Similar Description - TPS65010RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65013 TI-TPS65013 Datasheet
844Kb / 52P
POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65012 TI-TPS65012 Datasheet
1Mb / 51P
POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65012 TI1-TPS65012_15 Datasheet
1Mb / 63P
Power and Battery Management IC for Li-Ion Powered Systems
TPS65011 TI-TPS65011 Datasheet
1,017Kb / 52P
POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65011 TI1-TPS65011_15 Datasheet
1Mb / 63P
Power and Battery Management IC For Li-Ion Powered Systems
TPS65014 TI-TPS65014 Datasheet
1,021Kb / 53P
POWER AND BATTERY MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65010 TI-TPS65010 Datasheet
1,006Kb / 50P
POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com