Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65010RGZT Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65010RGZT
Description  Power and Battery Management IC for Li-Ion Powered Systems
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65010RGZT Datasheet(HTML) 35 Page - Texas Instruments

Back Button TPS65010RGZT Datasheet HTML 31Page - Texas Instruments TPS65010RGZT Datasheet HTML 32Page - Texas Instruments TPS65010RGZT Datasheet HTML 33Page - Texas Instruments TPS65010RGZT Datasheet HTML 34Page - Texas Instruments TPS65010RGZT Datasheet HTML 35Page - Texas Instruments TPS65010RGZT Datasheet HTML 36Page - Texas Instruments TPS65010RGZT Datasheet HTML 37Page - Texas Instruments TPS65010RGZT Datasheet HTML 38Page - Texas Instruments TPS65010RGZT Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 63 page
background image
TPS65010
www.ti.com
SLVS149C – JUNE 2003 – REVISED SEPTEMBER 2015
Programming (continued)
Interrupt events are always captured; thus when an interrupt source is unmasked, INT may immediately go active
due to a previous interrupt condition. This can be prevented by first reading the relevant STATUS register before
unmasking the interrupt source.
If an interrupt condition occurs then the INT pin is set low. The CHGSTATUS, REGSTATUS and DEFGPIO
registers should be read. Bit positions containing a 1 (or possibly a 0 in DEFGPIO) are noted by the CPU and the
corresponding situation resolved. The reading of the CHGSTATUS and REGSTATUS registers automatically
acknowledges any interrupt condition in those registers and blocks the path to the INT pin from the relevant
bit(s). No interrupt should be missed during the read process since this process starts by latching the contents of
the register before shifting them out at SDAT. Once the contents have been latched (takes a couple of
nanoseconds), the register is free to capture new interrupt conditions. Hence the probability of missing anything
is, for practical purposes, zero.
The following describes how registers 0x01 (CHGSTATUS) and 0x02 (REGSTATUS) are handled:
CHGSTATUS(5,0) are positive edge set. Read of set CHGSTATUS(5,0) bits sets ACKINT1(5,0) bits.
CHGSTATUS(7-6,4-1) are level set. Read of set CHGSTATUS(7-6,4-1) bits sets ACKINT1(7-6,4-1) bits.
CHGSTATUS(5,0) clear when input signal low and ACKINT1(5,0) bits are already set.
CHGSTATUS(7-6,4-1) clear when input signal is low.
ACKINT1(7-0) clear when CHGSTATUS(7-0) is clear.
REGSTATUS(7-5) are positive edge set. Read of set REGSTATUS(7-5) bits sets ACKINT2(7-5) bits.
REGSTATUS(3-0) are level set. Read of set REGSTATUS(3-0) bits sets ACKINT2(3-0) bits.
REGSTATUS(7-5) clear when input signal low and ACKINT1(7-5) bit are already set.
REGSTATUS(3-0) clear when input signal is low.
ACKINT2(7-0) clear when REGSTATUS(7-0) is clear.
The following describes the function of the 0x05 (ACKINT1) and 0x06 (ACKINT2) registers. These are not
usually written to by the CPU since the TPS65010 internally sets/clears these registers:
ACKINT1(7:0) - Bit is set when the corresponding CHGSTATUS set bit is read through I2C.
ACKINT1(7:0) - Bit is cleared when the corresponding CHGSTATUS set bit clears.
ACKINT2(7:0) - Bit is set when the corresponding REGSTATUS set bit is read through I2C.
ACKINT2(7:0) - Bit is cleared when the corresponding REGSTATUS set bit clears.
ACKINT1(7:0) - a bit set masks the corresponding CHGSTATUS bit from INT.
ACKINT2(7:0) - a bit set masks the corresponding REGSTATUS bit from INT.
The following describes the function of the 0x03 (MASK1), 0x04 (MASK2) and 0x0F (MASK3) registers:
MASK1(7:0) - a bit set in this register masks CHGSTATUS from INT.
MASK2(7:0) - a bit set in this register masks REGSTATUS from INT.
MASK3(7:4) - a bit set in this register detects a rising edge on GPIO.
MASK3(7:4) - a bit cleared in this register detects a falling edge on GPIO.
MASK3(3:0) - a bit set in this register clears GPIO Detect signal from INT.
GPIO interrupts are located by reading the 0x10 (DEFGPIO) register. The application CPU stores, or can read
from DEFGPIO<7:4>, which GPIO is set to input or output. This information together with the information on
which edge the interrupt was generated (the CPU either knows this or can read it from MASK3<7:4>) determines
whether the CPU is looking for a 0 or a 1 in DEFGPIO<3:0>. A GPIO interrupt is blocked from the INT pin by
setting the relevant MASK3<3:0> bit; this must be done by the CPU, there is no auto-acknowledge for the GPIO
interrupts.
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links: TPS65010


Similar Part No. - TPS65010RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65010RGZ TI-TPS65010RGZ Datasheet
1,006Kb / 50P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
More results

Similar Description - TPS65010RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65013 TI-TPS65013 Datasheet
844Kb / 52P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65012 TI-TPS65012 Datasheet
1Mb / 51P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65012 TI1-TPS65012_15 Datasheet
1Mb / 63P
[Old version datasheet]   Power and Battery Management IC for Li-Ion Powered Systems
TPS65011 TI-TPS65011 Datasheet
1,017Kb / 52P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65011 TI1-TPS65011_15 Datasheet
1Mb / 63P
[Old version datasheet]   Power and Battery Management IC For Li-Ion Powered Systems
TPS65014 TI-TPS65014 Datasheet
1,021Kb / 53P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65010 TI-TPS65010 Datasheet
1,006Kb / 50P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com