Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65010RGZT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65010RGZT
Description  Power and Battery Management IC for Li-Ion Powered Systems
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65010RGZT Datasheet(HTML) 3 Page - Texas Instruments

  TPS65010RGZT Datasheet HTML 1Page - Texas Instruments TPS65010RGZT Datasheet HTML 2Page - Texas Instruments TPS65010RGZT Datasheet HTML 3Page - Texas Instruments TPS65010RGZT Datasheet HTML 4Page - Texas Instruments TPS65010RGZT Datasheet HTML 5Page - Texas Instruments TPS65010RGZT Datasheet HTML 6Page - Texas Instruments TPS65010RGZT Datasheet HTML 7Page - Texas Instruments TPS65010RGZT Datasheet HTML 8Page - Texas Instruments TPS65010RGZT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 63 page
background image
ISET
TS
BATT_COVER
AC
VBAT_A
VBAT_B
USB
AGND2
AGND3
PGND2
PB_ONOFF
VCORE
37
38
39
40
41
42
43
44
45
46
47
48
24
23
22
21
20
19
18
17
16
15
14
13
1
2 3
4 5 6 7
8 9 10 11 12
36 35 34 33 32 31 30 29 28 27 26 25
VLDO1
VFB_LDO1
VINLDO1
AGND1
VLDO2
VINLDO2
GPIO3
GPIO4
PGND1_B
PGND1_A
PS_SEQ
VMAIN
NC - No internal connection
TPS65010
www.ti.com
SLVS149C – JUNE 2003 – REVISED SEPTEMBER 2015
5 Pin Configuration and Functions
RGZ Package
48-Pin VQFN
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
CHARGER SECTION
AC
40
I
Charger input voltage from AC adapter. The AC pin can be left open or can be connected to
ground if the charger is not used.
AGND2
44
Analog ground connection. All analog ground pins are connected internally on the chip.
ISET
37
I
External charge current setting resistor connection for use with AC adapter.
NC
27
Connect this pin to GND.
PG
11
O
Indicates when a valid power supply is present for the charger (open-drain).
Thermal pad
-
Connect the thermal pad to GND.
TS
38
I
Battery temperature sense input.
USB
43
I
Charger input voltage from USB port. The USB pin can be left open or can be connected to
ground if the charger is not used.
VBAT_A
41
I
Sense input for the battery voltage. Connect directly with the battery.
VBAT_B
42
O
Power output of the battery charger. Connect directly with the battery.
SWITCHING REGULATOR SECTION
AGND3
45
Analog ground connection. All analog ground pins are connected internally on the chip.
L1_A, L1_B
9,10
Switch pin of VMAIN converter. The VMAIN inductor is connected here.
L2
4
Switch pin of VCORE converter. The VCORE inductor is connected here.
PGND1_A,
Power ground for VMAIN converter.
15,16
PGND1_B
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS65010


Similar Part No. - TPS65010RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65010RGZ TI-TPS65010RGZ Datasheet
1,006Kb / 50P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
More results

Similar Description - TPS65010RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65013 TI-TPS65013 Datasheet
844Kb / 52P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65012 TI-TPS65012 Datasheet
1Mb / 51P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65012 TI1-TPS65012_15 Datasheet
1Mb / 63P
[Old version datasheet]   Power and Battery Management IC for Li-Ion Powered Systems
TPS65011 TI-TPS65011 Datasheet
1,017Kb / 52P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65011 TI1-TPS65011_15 Datasheet
1Mb / 63P
[Old version datasheet]   Power and Battery Management IC For Li-Ion Powered Systems
TPS65014 TI-TPS65014 Datasheet
1,021Kb / 53P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65010 TI-TPS65010 Datasheet
1,006Kb / 50P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com