Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65010RGZT Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65010RGZT
Description  Power and Battery Management IC for Li-Ion Powered Systems
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65010RGZT Datasheet(HTML) 23 Page - Texas Instruments

Back Button TPS65010RGZT Datasheet HTML 19Page - Texas Instruments TPS65010RGZT Datasheet HTML 20Page - Texas Instruments TPS65010RGZT Datasheet HTML 21Page - Texas Instruments TPS65010RGZT Datasheet HTML 22Page - Texas Instruments TPS65010RGZT Datasheet HTML 23Page - Texas Instruments TPS65010RGZT Datasheet HTML 24Page - Texas Instruments TPS65010RGZT Datasheet HTML 25Page - Texas Instruments TPS65010RGZT Datasheet HTML 26Page - Texas Instruments TPS65010RGZT Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 63 page
background image
(
)
I(min)
O(max)
O(max)
DS(on)max
L
V
V
I
r
R
=
+
´
+
PFM Mode at Light Load
Comp High
Comp Low
Comp Low 2
PFM Mode at Medium to Full Load
1.6%
0.8%
VO
TPS65010
www.ti.com
SLVS149C – JUNE 2003 – REVISED SEPTEMBER 2015
During the power save mode the output voltage is monitored with the comparator by the thresholds comp low
and comp high. As the output voltage falls below the comp low threshold, set to typically 0.8% above the nominal
Vout, the P-channel switch turns on. The converter then runs at 50% of the nominal switching frequency. If the
load is below the delivered current then the output voltage rises until the comp high threshold is reached,
typically 1.6% above the nominal Vout, whereupon all switching activity ceases, hence reducing the quiescent
current to a minimum until the output voltage has dropped below comp low again. If the load current is greater
than the delivered current, then the output voltage falls until it crosses the nominal output voltage threshold
(comp low 2 threshold), whereupon power save mode is exited and the converter returns to PWM mode.
These control methods reduce the quiescent current to typically to 12-µA per converter and the switching
frequency to a minimum achieving the highest converter efficiency. Setting the comparator thresholds to typically
0.8% and 1.6% above the nominal output voltage at light load current results in a dynamic voltage positioning
achieving lower absolute voltage drops during heavy load transient changes. This allows the converters to
operate with a small output capacitor of just 10 µF for the core and 22 µF for the main output and still have a low
absolute voltage drop during heavy load transient changes. Refer to Figure 28 for detailed operation of the power
save mode. The power save mode can be disabled through the I2C interface to force the converters to stay in
fixed frequency PWM mode.
Figure 28. Power Save Mode Thresholds and Dynamic Voltage Positioning
7.3.2.2 Forced PWM
The core and main converters are forced into PWM mode by setting bit 7 in the VDCDC1 register. This feature is
used to minimize ripple on the output voltages.
7.3.2.3 Dynamic Voltage Positioning
As described in the power save mode operation sections and as detailed in Figure 13, the output voltage is
typically 1.2% above the nominal output voltage at light load currents as the device is in power save mode. This
gives additional headroom for the voltage drop during a load transient from light load to full load. During a load
transient from full load to light load the voltage overshoot is also minimized due to active regulation turning on the
N-channel rectifier switch.
7.3.2.4 Soft Start
Both converters have an internal soft start circuit that limits the inrush current during start-up. The soft start is
implemented as a digital circuit increasing the switch current in 4 steps up to the typical maximum switch current
limit of 700 mA (core) and 1.75 A (main). Therefore, the start-up time mainly depends on the output capacitor
and load current.
7.3.2.5 100% Duty Cycle Low Dropout Operation
The TPS65010 converters offer a low input to output voltage difference while maintaining operation with the use
of the 100% duty cycle mode. In this mode, the P-channel switch is constantly turned on. This is particularly
useful in battery-powered applications to achieve longest operation time by taking full advantage of the whole
battery voltage range. i.e., The minimum input voltage to maintain regulation depends on the load current and
output voltage and is calculated as:
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: TPS65010


Similar Part No. - TPS65010RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65010RGZ TI-TPS65010RGZ Datasheet
1,006Kb / 50P
POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
More results

Similar Description - TPS65010RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65013 TI-TPS65013 Datasheet
844Kb / 52P
POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65012 TI-TPS65012 Datasheet
1Mb / 51P
POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65012 TI1-TPS65012_15 Datasheet
1Mb / 63P
Power and Battery Management IC for Li-Ion Powered Systems
TPS65011 TI-TPS65011 Datasheet
1,017Kb / 52P
POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65011 TI1-TPS65011_15 Datasheet
1Mb / 63P
Power and Battery Management IC For Li-Ion Powered Systems
TPS65014 TI-TPS65014 Datasheet
1,021Kb / 53P
POWER AND BATTERY MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65010 TI-TPS65010 Datasheet
1,006Kb / 50P
POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com