Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65010RGZT Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65010RGZT
Description  Power and Battery Management IC for Li-Ion Powered Systems
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65010RGZT Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPS65010RGZT Datasheet HTML 18Page - Texas Instruments TPS65010RGZT Datasheet HTML 19Page - Texas Instruments TPS65010RGZT Datasheet HTML 20Page - Texas Instruments TPS65010RGZT Datasheet HTML 21Page - Texas Instruments TPS65010RGZT Datasheet HTML 22Page - Texas Instruments TPS65010RGZT Datasheet HTML 23Page - Texas Instruments TPS65010RGZT Datasheet HTML 24Page - Texas Instruments TPS65010RGZT Datasheet HTML 25Page - Texas Instruments TPS65010RGZT Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 63 page
background image
I(MAIN)
I(CORE)
(skipmain)
(skipcore)
V
V
I
I
17
42
=
=
W
W
TPS65010
SLVS149C – JUNE 2003 – REVISED SEPTEMBER 2015
www.ti.com
Feature Description (continued)
Table 2. Thermal Considerations for Setting Charge Current
AMBIENT TEMPERATURE
MAX POWER DISSIPATION FOR Tj= 125°C
DERATING FACTOR ABOVE TA = 55°C
25°C
3 W
30 mW/°C
55°C
2.1 W
Consideration needs to be given to the maximum charge current when the assembled application board exhibits
a thermal impedance, which differs significantly from the JEDEC high-k board. The charger has a thermal
shutdown feature, which suspends charging if the TPS65010 junction temperature rises above a threshold of
145°C. This threshold is set 15°C below the threshold used to power down the TPS65010 completely.
7.3.2 Step-Down Converters, VMAIN and VCORE
The TPS65010 incorporates two synchronous step-down converters operating typically at 1.25 MHz fixed
frequency pulse width modulation (PWM) at moderate to heavy load currents. At light load currents the
converters automatically enter power save mode and operate with pulse frequency modulation (PFM). The main
converter is capable of delivering 1-A output current and the core converter is capable of delivering 400 mA.
The converter output voltages are programmed through the VDCDC1 and VDCDC2 registers in the serial
interface. The main converter defaults to 3.0-V or 3.3-V output voltage depending on the DEFMAIN configuration
pin, if DEFMAIN is tied to ground the default is 3.0 V, if it is tied to VCCthe default is 3.3 V. The core converter
defaults to either 1.5 V or 1.6 V depending on whether the DEFCORE configuration pin is tied to GND or to VCC
respectively. Both the main and core output voltages can subsequently be reprogrammed after start-up through
the serial interface. In addition, the LOW_PWR pin can be used either to lower the core voltage to a value
defined in the VDCDC2 register when the application processor is in deep sleep mode or to disable the core
converter. An active signal at LOW_PWR is ignored if the ENABLE_LP bit is not set in the VDCDC1 register.
The step-down converter outputs (when enabled) are monitored by power good comparators, the outputs of
which are available through the serial interface. The outputs of the DC-DC converters can be optionally
discharged when the DC-DC converters are disabled.
During PWM operation the converters use a unique fast response voltage mode controller scheme with input
voltage feed-forward to achieve good line and load regulation allowing the use of small ceramic input and output
capacitors. At the beginning of each clock cycle initiated by the clock signal, the P-channel MOSFET switch is
turned on and the inductor current ramps up until the comparator trips and the control logic turns off the switch.
The current limit comparator also turns off the switch in case the current limit of the P-channel switch is
exceeded. After the dead time preventing current shoot through, the N-channel MOSFET rectifier is turned on
and the inductor current ramps down. The next cycle is initiated by the clock signal again turning off the N-
channel rectifier and turning on the P-channel switch.
The error amplifier, together with the input voltage, determines the rise time of the saw tooth generator, and
therefore, any change in input voltage or output voltage directly controls the duty cycle of the converter giving a
very good line and load transient regulation.
The two DC-DC converters operate synchronized to each other, with the MAIN converter as the master. A 270°
phase shift between the MAIN switch turn on and the CORE switch turn on decreases the input RMS current and
smaller input capacitors can be used. This is optimized for a typical application where the MAIN converter
regulates a Li-Ion battery voltage of 3.7 V to 3.3 V and the CORE from 3.7 V to 1.5 V
7.3.2.1 Power Save Mode Operation
As the load current decreases, the converter enters the power save mode operation. During power save mode
the converter operates with reduced switching frequency in PFM mode and with a minimum quiescent current to
maintain high efficiency.
In order to optimize the converter efficiency at light load the average current is monitored and if in PWM mode
the inductor current remains below a certain threshold, then power save mode is entered. The typical threshold
can be calculated as follows:
(1)
22
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: TPS65010


Similar Part No. - TPS65010RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65010RGZ TI-TPS65010RGZ Datasheet
1,006Kb / 50P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
More results

Similar Description - TPS65010RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65013 TI-TPS65013 Datasheet
844Kb / 52P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65012 TI-TPS65012 Datasheet
1Mb / 51P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65012 TI1-TPS65012_15 Datasheet
1Mb / 63P
[Old version datasheet]   Power and Battery Management IC for Li-Ion Powered Systems
TPS65011 TI-TPS65011 Datasheet
1,017Kb / 52P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65011 TI1-TPS65011_15 Datasheet
1Mb / 63P
[Old version datasheet]   Power and Battery Management IC For Li-Ion Powered Systems
TPS65014 TI-TPS65014 Datasheet
1,021Kb / 53P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65010 TI-TPS65010 Datasheet
1,006Kb / 50P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com