Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65010RGZT Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65010RGZT
Description  Power and Battery Management IC for Li-Ion Powered Systems
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65010RGZT Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS65010RGZT Datasheet HTML 17Page - Texas Instruments TPS65010RGZT Datasheet HTML 18Page - Texas Instruments TPS65010RGZT Datasheet HTML 19Page - Texas Instruments TPS65010RGZT Datasheet HTML 20Page - Texas Instruments TPS65010RGZT Datasheet HTML 21Page - Texas Instruments TPS65010RGZT Datasheet HTML 22Page - Texas Instruments TPS65010RGZT Datasheet HTML 23Page - Texas Instruments TPS65010RGZT Datasheet HTML 24Page - Texas Instruments TPS65010RGZT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 63 page
background image
TPS65010
www.ti.com
SLVS149C – JUNE 2003 – REVISED SEPTEMBER 2015
Feature Description (continued)
7.3.1.5 Battery Voltage Regulation
The voltage regulation feedback is through the VBAT pin. This pin is tied directly to the positive side of the
battery pack. The TPS65010 monitors the battery-pack voltage between the VBAT and AGND pins. The
TPS65010 is offered in a fixed-voltage version of 4.2 V.
As a safety backup, the TPS65010 also monitors the charge time in the fast-charge mode. If taper current is not
detected within this time period, t(CHG), the TPS65010 turns off the charger and indicates FAULT in the
CHGSTATUS register. In the case of a FAULT condition, the TPS65010 reduces the current to I(DETECT). I(DETECT)
is used to detect a battery replacement condition. Fault condition is cleared by POR through the serial interface.
Note that the safety timer is reset if the TPS65010 is forced out of the voltage regulation mode. The fast-charge
timer is disabled by default to allow charging during normal operation of the end equipment. It is enabled through
the CHGCONFIG register.
7.3.1.6 Charge Termination and Recharge
The TPS65010 monitors the charging current during the voltage regulation phase. Once the taper threshold,
I(TAPER), is detected the TPS65010 initiates the taper timer, t(TAPER). Charge is terminated after the timer expires.
The TPS65010 resets the taper timer in the event that the charge current returns above the taper threshold,
I(TAPER). After a charge termination, the TPS65010 restarts the charge once the voltage on the VBAT pin falls
below the V(RCH) threshold. This feature keeps the battery at full capacity at all times. The fast charge timer and
the taper timer must be enabled by programming CHGCONFIG(5)=1. A thermal suspend will suspend the fast
charge and taper timers.
In addition to the taper current detection, the TPS65010 terminates charge in the event that the charge current
falls below the I(TERM) threshold. This feature allows for quick recognition of a battery removal condition. When a
full battery is replaced with an empty battery, the TPS65010 detects that the VBAT voltage is below the recharge
threshold and starts charging the new battery. The taper and termination bits are cleared in the CHGSTATUS
register and if the INT pin is still active due to these two interrupt sources, then it is de-asserted. Depending on
the transient seen at the VCC pin, all registers may be set to their default values and require reprogramming with
any nondefault values required, such as enabling the fast charge timer and taper termination; this must only
happen if VCC drops below approximately 2 V.
7.3.1.7 Sleep Mode
The TPS65010 charger enters the low-power sleep mode if both input sources are removed from the circuit. This
feature prevents draining the battery during the absence of input power.
7.3.1.8
PG Output
The open-drain power good (PG) output indicates when a valid power supply is present for the charger. This can
be either from the AC adapter input or from the USB. The output turns ON when a valid voltage is detected. A
valid voltage is detected whenever the voltage on either pin AC or pin USB rises above the voltage on VBAT
plus 100 mV. This output is turned off in the sleep mode. The PG pin can be used to drive an LED or
communicate to the host processor. A voltage greater than the V(CHGOVLO) threshold (typ 6.6 V) at the AC input is
not valid and does not activate the PG output. The PG output is held in high impedance state if the charger is in
reset by programming CHGCONFIG(6)=1.
The PG output can also be programmed through the LED1_ON and LED1_PER registers in the serial interface.
It can then be programmed to be permanently on, off, or to blink with defined ON-times and period-times. PG is
controlled per default through the charger.
7.3.1.9 Thermal Considerations for Setting Charge Current
The TPS65010 is housed in a 48-pin QFN package with exposed leadframe on the underside. This 7 mm × 7
mm package exhibits a thermal impedance (junction-to-ambient) of 33 K/W when mounted on a JEDEC high-k
board with zero air flow.
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: TPS65010


Similar Part No. - TPS65010RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65010RGZ TI-TPS65010RGZ Datasheet
1,006Kb / 50P
POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
More results

Similar Description - TPS65010RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65010 TI-TPS65010 Datasheet
1,006Kb / 50P
POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65011 TI-TPS65011 Datasheet
1,017Kb / 52P
POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65013 TI-TPS65013 Datasheet
844Kb / 52P
POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65014 TI-TPS65014 Datasheet
1,021Kb / 53P
POWER AND BATTERY MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65012 TI-TPS65012 Datasheet
1Mb / 51P
POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65012 TI1-TPS65012_15 Datasheet
1Mb / 63P
Power and Battery Management IC for Li-Ion Powered Systems
TPS65011 TI1-TPS65011_15 Datasheet
1Mb / 63P
Power and Battery Management IC For Li-Ion Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com