Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65010RGZT Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65010RGZT
Description  Power and Battery Management IC for Li-Ion Powered Systems
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65010RGZT Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPS65010RGZT Datasheet HTML 16Page - Texas Instruments TPS65010RGZT Datasheet HTML 17Page - Texas Instruments TPS65010RGZT Datasheet HTML 18Page - Texas Instruments TPS65010RGZT Datasheet HTML 19Page - Texas Instruments TPS65010RGZT Datasheet HTML 20Page - Texas Instruments TPS65010RGZT Datasheet HTML 21Page - Texas Instruments TPS65010RGZT Datasheet HTML 22Page - Texas Instruments TPS65010RGZT Datasheet HTML 23Page - Texas Instruments TPS65010RGZT Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 63 page
background image
+
Pack+
Pack–
TEMP
Battery Pack
LTF
HTF
TS
bqTINY II
RT1
RT2
NTC
V(HTF)
V(LTF)
I(TS)
+
Pack+
Pack–
TEMP
Battery Pack
V(HTF)
V(LTF)
LTF
HTF
TS
I(TS)
bqTINY II
NTC
TPS65010
SLVS149C – JUNE 2003 – REVISED SEPTEMBER 2015
www.ti.com
Feature Description (continued)
Figure 26. TS Pin Configuration
Figure 27. TS Pin Threshold
7.3.1.3 Battery Preconditioning
On power up, if the battery voltage is below the V(LOWV) threshold, the TPS65010 applies a precharge current,
I(PRECHG), to the battery. This feature revives deeply discharged cells. The charge current during this phase is one
tenth of the value in current regulation phase which is set with IO(out) = KSET × V(SET)/R(SET). The load current in
preconditioning phase must be lower than I(PRECHG) and must allow the battery voltage to rise above V(LOWV)
within t(Prechg). VBAT_A is the sense pin to the voltage comparator for the battery voltage. This allows a power on
sense measurement if the VBAT_A and VBAT_B pins are connected together at the battery.
The TPS65010 activates a safety timer, t(PRECHG), during the conditioning phase. If V(LOWV) threshold is not
reached within the timer period, the TPS65010 turns off the charger and indicates the fault condition in the
CHGSTATUS register. In the case of a fault condition, the TPS65010 reduces the current to I(DETECT). I(DETECT)is
used to detect a battery replacement condition. Fault condition is cleared by POR or battery replacement or
through the serial interface.
7.3.1.4 Battery Charge Current
TPS65010 offers on-chip current regulation. When charging from an AC adapter, a resistor connected between
the ISET1 and AGND pins determines the charge rate. A maximum of 1-A charger current from the AC adapter
is allowed. When charging from a USB port either a 100-mA or 500-mA charge rate can be selected through the
serial interface, default is 100 mA max. Two bits are available in the CHGCONFIG register in the serial interface
to reduce the charge current in 25% steps. These only influence charging from the AC input and may be of use if
charging is often suspended due to excessive junction temperature in the TPS65010 (e.g., at high AC input
voltages) and low battery voltages.
20
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: TPS65010


Similar Part No. - TPS65010RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65010RGZ TI-TPS65010RGZ Datasheet
1,006Kb / 50P
POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
More results

Similar Description - TPS65010RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65013 TI-TPS65013 Datasheet
844Kb / 52P
POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65012 TI-TPS65012 Datasheet
1Mb / 51P
POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65012 TI1-TPS65012_15 Datasheet
1Mb / 63P
Power and Battery Management IC for Li-Ion Powered Systems
TPS65011 TI-TPS65011 Datasheet
1,017Kb / 52P
POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65011 TI1-TPS65011_15 Datasheet
1Mb / 63P
Power and Battery Management IC For Li-Ion Powered Systems
TPS65014 TI-TPS65014 Datasheet
1,021Kb / 53P
POWER AND BATTERY MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65010 TI-TPS65010 Datasheet
1,006Kb / 50P
POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com