Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65010RGZT Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65010RGZT
Description  Power and Battery Management IC for Li-Ion Powered Systems
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65010RGZT Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPS65010RGZT Datasheet HTML 15Page - Texas Instruments TPS65010RGZT Datasheet HTML 16Page - Texas Instruments TPS65010RGZT Datasheet HTML 17Page - Texas Instruments TPS65010RGZT Datasheet HTML 18Page - Texas Instruments TPS65010RGZT Datasheet HTML 19Page - Texas Instruments TPS65010RGZT Datasheet HTML 20Page - Texas Instruments TPS65010RGZT Datasheet HTML 21Page - Texas Instruments TPS65010RGZT Datasheet HTML 22Page - Texas Instruments TPS65010RGZT Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 63 page
background image
Charge Voltage
Charge Current
Current Regulation
Phase
Voltage Regulation and Charge
Termination Phase
Regulation Voltage
Regulation Current
Minimum Charge
Voltage
Preconditioning
and Taper Detect
Pre-
Conditioning
Phase
t(PRECHG)
t(TAPER)
t(CHG)
TPS65010
www.ti.com
SLVS149C – JUNE 2003 – REVISED SEPTEMBER 2015
7.3 Feature Description
7.3.1 Battery Charger
The TPS65010 supports a precision Li-Ion or Li-Polymer charging system suitable for single-cells with either
coke or graphite anodes. Charging the battery is possible even without the application processor being powered
up. The TPS65010 starts charging when an input voltage on either ac or USB input is present, which is greater
than the charger UVLO threshold. See Figure 25 for a typical charge profile.
Figure 25. Typical Charging Profile
7.3.1.1 Autonomous Power Source Selection
Per default the TPS65010 attempts to charge from the AC input. If AC input is not present, the USB is selected.
If both inputs are available, the AC input has priority. The charge current is initially limited to 100 mA when
charging from the USB input. This can be increased to 500 mA through the serial interface. The charger can be
completely disabled through the interface, and it is also possible just to disable charging from the USB port. The
start of the charging process from the USB port is delayed in order to allow the application processor time to
disable USB charging, for instance if a USB OTG port is recognized. The recommended input voltage for
charging from the AC input is 4.5 V < VAC < 5.5 V. However, the TPS65010 is capable of withstanding (but not
charging from) up to 20 V. Charging is disabled if VAC is greater than typically 6.6 V.
7.3.1.2 Temperature Qualification
The TPS65010 continuously monitors battery temperature by measuring the voltage between the TS and AGND
pins. An internal current source provides the bias for most common 10K negative-temperature coefficient
thermistors (NTC) (see Figure 26). The IC compares the voltage on the TS pin against the internal V(LTF) and
V(HTF) thresholds to determine if charging is allowed. Once a temperature outside the V(LTF) and V(HTF) thresholds
is detected the IC immediately suspends the charge. The IC suspends charge by turning off the power FET and
holding the timer value (i.e., timers are not reset). Charge is resumed when the temperature returns to the
normal range.
The allowed temperature range for 103-A T-type thermistor is 0°C to 45°C. However the user may modify these
thresholds by adding two external resistors. See Figure 27.
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: TPS65010


Similar Part No. - TPS65010RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65010RGZ TI-TPS65010RGZ Datasheet
1,006Kb / 50P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
More results

Similar Description - TPS65010RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65013 TI-TPS65013 Datasheet
844Kb / 52P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65012 TI-TPS65012 Datasheet
1Mb / 51P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65012 TI1-TPS65012_15 Datasheet
1Mb / 63P
[Old version datasheet]   Power and Battery Management IC for Li-Ion Powered Systems
TPS65011 TI-TPS65011 Datasheet
1,017Kb / 52P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65011 TI1-TPS65011_15 Datasheet
1Mb / 63P
[Old version datasheet]   Power and Battery Management IC For Li-Ion Powered Systems
TPS65014 TI-TPS65014 Datasheet
1,021Kb / 53P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65010 TI-TPS65010 Datasheet
1,006Kb / 50P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com