Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65010RGZT Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65010RGZT
Description  Power and Battery Management IC for Li-Ion Powered Systems
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65010RGZT Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS65010RGZT Datasheet HTML 13Page - Texas Instruments TPS65010RGZT Datasheet HTML 14Page - Texas Instruments TPS65010RGZT Datasheet HTML 15Page - Texas Instruments TPS65010RGZT Datasheet HTML 16Page - Texas Instruments TPS65010RGZT Datasheet HTML 17Page - Texas Instruments TPS65010RGZT Datasheet HTML 18Page - Texas Instruments TPS65010RGZT Datasheet HTML 19Page - Texas Instruments TPS65010RGZT Datasheet HTML 20Page - Texas Instruments TPS65010RGZT Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 63 page
background image
TPS65010
www.ti.com
SLVS149C – JUNE 2003 – REVISED SEPTEMBER 2015
7 Detailed Description
7.1 Overview
The TPS65010 charger automatically selects the USB-Port or the ac-adapter as the power source for the
system. In the USB configuration, the host can increase the charge current from the default value of
maximum 100 mA to 500 mA through the interface. In the ac-adapter configuration an external resistor sets
the maximum value of charge current.
The battery is charged in three phases: conditioning, constant current, and constant voltage. Charge is
normally terminated based on minimum current. An internal charge timer provides a safety backup for charge
termination. The TPS65010 automatically restarts the charge if the battery voltage falls below an internal
threshold. The charger automatically enters sleep mode when both supplies are removed.
The serial interface can be used for dynamic voltage scaling, for collecting information on and controlling the
battery charger status, for optionally controlling 2 LED driver outputs, a vibrator driver, masking interrupts, or
for disabling/enabling and setting the LDO output voltages. The interface is compatible with the fast/standard
mode specification allowing transfers at up to 400 kHz.
Battery Charger, Step-Down Converters, LDOs, UVLO protection, Rail Sequencing, Vibrator Driver, and
various logic level controls. The LOW_PWR pin allows the core converter to lower its output voltage when
the application processor goes into deep sleep.
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: TPS65010


Similar Part No. - TPS65010RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65010RGZ TI-TPS65010RGZ Datasheet
1,006Kb / 50P
POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
More results

Similar Description - TPS65010RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65010 TI-TPS65010 Datasheet
1,006Kb / 50P
POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65011 TI-TPS65011 Datasheet
1,017Kb / 52P
POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65013 TI-TPS65013 Datasheet
844Kb / 52P
POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65014 TI-TPS65014 Datasheet
1,021Kb / 53P
POWER AND BATTERY MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65012 TI-TPS65012 Datasheet
1Mb / 51P
POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65012 TI1-TPS65012_15 Datasheet
1Mb / 63P
Power and Battery Management IC for Li-Ion Powered Systems
TPS65011 TI1-TPS65011_15 Datasheet
1Mb / 63P
Power and Battery Management IC For Li-Ion Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com