Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65010RGZT Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65010RGZT
Description  Power and Battery Management IC for Li-Ion Powered Systems
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65010RGZT Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS65010RGZT Datasheet HTML 12Page - Texas Instruments TPS65010RGZT Datasheet HTML 13Page - Texas Instruments TPS65010RGZT Datasheet HTML 14Page - Texas Instruments TPS65010RGZT Datasheet HTML 15Page - Texas Instruments TPS65010RGZT Datasheet HTML 16Page - Texas Instruments TPS65010RGZT Datasheet HTML 17Page - Texas Instruments TPS65010RGZT Datasheet HTML 18Page - Texas Instruments TPS65010RGZT Datasheet HTML 19Page - Texas Instruments TPS65010RGZT Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 63 page
background image
f - Frequency - Hz
1k
10k
100k
1M
10M
0
10
20
30
40
70
60
50
80
LDO Output Current 200 mA
LDO Output Current 10 mA
LDOIN = 3.3 V
0
0.005
0.01
0.015
0.02
0.025
0.03
0.035
0.04
0.045
0.05
0
3
6
9
12
15
18
21
24
27
30
LDO1 VO = 2.5 V
LDO2 VO = 1.8 V
LDO2 VO = 3 V
IO - Output Current - mA
LDO1 VO = 2.8 V
Low Power Mode
TA = 25°C
CH1 = VO Main
CH3 = Icoil Main
CH2 = VO Core
CH4 = Icoil Core
VI = 3.8 V, VO Main = 3.3 V,
RL Main = 1 A, VO Core = 1.6 V,
RL Core = 400 mA, TA = 25°C
500
s/div
µ
0
0.05
0.1
0.15
0.2
0.25
0
20
40
60
80
100 120 140 160 180 200
LDO1 VO = 2.5 V
LDO2 VO = 1.8 V
LDO2 VO = 3 V
IO - Output Current - mA
Normal Mode
TA = 25°C
LDO1 VO = 2.8 V
CH3 = Iinductor Main
CH4 = Iinductor Core
CH1 = VO Main
CH2 = VO Core
VO Main = 3.3 V IL Main = 100 mA,
VO Core = 1.6 V, IL Core = 40 mA
VI = 3.8 V, TA = 25°C
5
s/div
µ
VO Main = 3.3 V RL Main = 500 mA,
VO Core = 1.6 V, RL Core = 400 mA
VI = 3.8 V, TA = 25°C
500 ns/div
CH3 = Iinductor Main
CH4 = Iinductor Core
CH1 = VO Main
CH2 = VO Core
TPS65010
SLVS149C – JUNE 2003 – REVISED SEPTEMBER 2015
www.ti.com
Figure 20. Output Ripple (PWM)
Figure 19. Output Ripple (PFM)
Figure 22. Dropout Voltage vs Output Current
Figure 21. Startup Timing
Figure 23. Dropout Voltage vs Output Current
Figure 24. PSRR (LDO1, LDO2) vs Frequency
16
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: TPS65010


Similar Part No. - TPS65010RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65010RGZ TI-TPS65010RGZ Datasheet
1,006Kb / 50P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
More results

Similar Description - TPS65010RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65013 TI-TPS65013 Datasheet
844Kb / 52P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65012 TI-TPS65012 Datasheet
1Mb / 51P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65012 TI1-TPS65012_15 Datasheet
1Mb / 63P
[Old version datasheet]   Power and Battery Management IC for Li-Ion Powered Systems
TPS65011 TI-TPS65011 Datasheet
1,017Kb / 52P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65011 TI1-TPS65011_15 Datasheet
1Mb / 63P
[Old version datasheet]   Power and Battery Management IC For Li-Ion Powered Systems
TPS65014 TI-TPS65014 Datasheet
1,021Kb / 53P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65010 TI-TPS65010 Datasheet
1,006Kb / 50P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com