Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBS1205 Datasheet(PDF) 1 Page - DENSEI-LAMBDA

Part # MBS1205
Description  Equipment Designed to Meet EMI Regulations Such As VCCI,CISPR,FCC,VDE,etc???
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA

MBS1205 Datasheet(HTML) 1 Page - DENSEI-LAMBDA

  MBS1205 Datasheet HTML 1Page - DENSEI-LAMBDA MBS1205 Datasheet HTML 2Page - DENSEI-LAMBDA MBS1205 Datasheet HTML 3Page - DENSEI-LAMBDA  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
145
MBS-SERIES
Features
(1) For equipment designed to meet EMI regulations
such as VCCI, CISPR, FCC, VDE, etc.
(2) Attenuation effect against high voltage pulse
noise
(3) Attenuates conductive emission from power
supply
(4) Leakage current: 1mA max. (250V, 60Hz)
(5) High shielded effect
Safety standard
UL1283,
CSA Std. C22. 2 No. 8
VDE0565 Teil. 3
VDE0565 will transfer to EN133200
on and after July 23, 2003.
Specifications
Circuit
Derating
(Note 1) : Value at Ta
55°C. Refer to the derating curve (A) shown below at Ta > 55°C.
(Note 2) : Value at Ta
50°C. Refer to the derating curve (B) shown below at Ta > 50°C.
Request customer specification for further details of specifications, outline, characteristics, etc.
Read the instruction manual before usage.
Contact us about delivery before ordering.
MBS-1230-22
MBS-1215-22
MBS-1220-22
MBS-1210-22
MBS-1205-22
1
2
3
4
5
6
7
8
9
Rated voltage (AC, DC)
Rated current (AC, DC)
Test voltage (terminal to case, AC 1 minute)
Isolation resistance (terminal to case, 500VDC)
Leakage current
DC resistance
Temperature rise
Operating temperature range
Weight
(typ)
250V
2500V
100M
Ω min.
0.5mA max.
1mA max.
–25 ~ +85°C
5A (Note 1)
10A (Note 1)
15A (Note 2)
20A (Note 2)
30A (Note 2)
0.15
Ω max.
0.05
Ω max.
0.03
Ω max.
0.02
Ω max.
0.01
Ω max.
Item
Model
MBS-1205-22
MBS-1210-22
MBS-1215-22
MBS-1220-22
MBS-1230-22
310g
310g
550g
550g
1,100g
30°C max.
35°C max.
125V, 60Hz
250V, 60Hz
R: Breeder resistance
R: Breeder resistance
MBS-1205, -1210, -1215, -1220
MBS-1230
<
=
<
=
()


Similar Part No. - MBS1205

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBS10 ETC-MBS10 Datasheet
42Kb / 2P
Single Phase 0.8 AMPS. Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
MBS10 TSC-MBS10 Datasheet
55Kb / 2P
Single Phase 0.8 AMPS. Glass Passivated Bridge Rectifiers
MBS10 TSC-MBS10 Datasheet
167Kb / 2P
Single Phase 0.8 AMPS. Glass Passivated Bridge Rectifiers
MBS10 TSC-MBS10 Datasheet
150Kb / 2P
Single Phase 0.8 AMP Glass Passivated Bridge Rectifiers
MBS10 TSC-MBS10 Datasheet
198Kb / 4P
Glass Passivated Bridge Rectifiers
More results

Similar Description - MBS1205

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
MAF1206 LAMBDA-MAF1206 Datasheet
137Kb / 2P
Equipment Designed to Conform EMI Regulations Such As VCCI,CISPR,FCC,VDE,etc
PBP-3201 LAMBDA-PBP-3201 Datasheet
123Kb / 2P
Equipment Designed to Conform EMI Regulations Such As VCCI,CISPR,FCC,VDE,etc??????
MAS1206 LAMBDA-MAS1206 Datasheet
139Kb / 2P
Equipment Designed to Conform EMI Regulations Such As VCCI,CISPR,FCC,VDE,etc?
MAW-12R5 LAMBDA-MAW-12R5 Datasheet
152Kb / 3P
Equipment Designed to Conform EMI Regulations Such As VCCI,CISPR,FCC,VDE,etc?
PBF-1201 LAMBDA-PBF-1201 Datasheet
132Kb / 2P
Equipment Designed to Conform EMI Regulations Such As VCCI,CISPR,FCC,VDE,etc????
PBW-1201 LAMBDA-PBW-1201 Datasheet
152Kb / 2P
Equipment Designed to Conform EMI Regulations Such As VCCI,CISPR,FCC,VDE,etc???????
MZS1206 LAMBDA-MZS1206 Datasheet
147Kb / 2P
Equipment Designed to Conform EMI Regulations Such As VCCI,CISPR,FCC,VDE,etc???
logo
Toshiba Semiconductor
TLP1023 TOSHIBA-TLP1023 Datasheet
364Kb / 7P
OA EQUIPMENT SUCH AS COPYING MACHINE, PRINTER, FACSMILE, ETC.
logo
Powerbox
CFM-201S POWERBOX-CFM-201S Datasheet
341Kb / 2P
Conductive EMI Meets CISPR/FCC Class B
logo
Guangdong Youtai Semico...
HT75XX UMW-HT75XX Datasheet
722Kb / 10P
Power supply equipment such as batteries
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com