Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6C4931504-04 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI6C4931504-04
Description  High Performance HCSL Fanout Buffer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C4931504-04 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI6C4931504-04 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C4931504-04 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C4931504-04 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C4931504-04 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C4931504-04 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C4931504-04 Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PI6C20800B
Features
Î
4 HCSL outputs
Î
Up to 250MHz output frequency
Î
Ultra low additive phase jitter: < 0.1 ps (typ)
Î
Two selectable inputs
Î
Low delay from input to output (Tpd typ. 1.5ns)
Î
2.5V / 3.3V power supply
Î
Industrial temperature support
Î
TSSOP-20 package
PI6C4931504-04
Block Diagram
PRELIMINARY INFORMATION - COMPANY CONFIDENTIAL
1
PI6C4931504-04
Rev A
08/14/2012
Pin Configuration (20-Pin TSSOP)
Description
The PI6C4931504-04 is a high performance fanout buffer device
which supports up to 250MHz frequency. This device is ideal
for systems that need to distribute low jitter clock signals to
multiple destinations.
Applications
Î
Networking systems including switches and Routers
Î
High frequency backplane based computing and telecom
platforms
High Performance HCSL Fanout Buffer
1
2
3
CLK0
4
nCLK0
5
CLK_SEL
6
NC
7
VDD
8
CLK1
Q0
VDD
Q1
Q2
nQ2
NC
20
19
18
17
16
15
14
13
GND
CLK_EN
nQ1
nQ0
Q3
9
IREF
12
nQ3
10
VDD
11
Q0
Pullup
CLK_SEL
Iref
CLK1
CLK0
nCLK0
D
LE
Q
CLK_EN
Pulldown
Pullup/ Pulldown
Pulldown
0
1
Pulldown
nQ0
Q1
nQ1
Q2
nQ2
Q3
nQ3
12-0251


Similar Part No. - PI6C4931504-04

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C4931502-04 PERICOM-PI6C4931502-04 Datasheet
979Kb / 6P
   High Performance HCSL Fanout Buffer
PI6C4931502-04LIE PERICOM-PI6C4931502-04LIE Datasheet
979Kb / 6P
   High Performance HCSL Fanout Buffer
More results

Similar Description - PI6C4931504-04

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C4931502-04 PERICOM-PI6C4931502-04 Datasheet
979Kb / 6P
   High Performance HCSL Fanout Buffer
logo
Integrated Device Techn...
8T73S1802 IDT-8T73S1802 Datasheet
663Kb / 24P
   High-performance fanout buffer clock and fanout buffer
logo
ON Semiconductor
NB3L204K ONSEMI-NB3L204K_17 Datasheet
406Kb / 14P
   Differential 1:4 HCSL Fanout Buffer
October, 2017 ??Rev. 1
logo
Integrated Device Techn...
9DBV0541 IDT-9DBV0541_16 Datasheet
218Kb / 17P
   5-output 1.8V HCSL Fanout Buffer
9DBV0741 IDT-9DBV0741 Datasheet
221Kb / 17P
   7-output 1.8V HCSL Fanout Buffer
9DBV0531 IDT-9DBV0531_17 Datasheet
204Kb / 17P
   5-Output 1.8V HCSL Fanout Buffer
logo
ON Semiconductor
NB3L202K ONSEMI-NB3L202K_18 Datasheet
143Kb / 14P
   Differential 1:2 HCSL Fanout Buffer
January, 2018 ??Rev. 4
NB3L204K ONSEMI-NB3L204K Datasheet
319Kb / 14P
   Differential 1:4 HCSL Fanout Buffer
April, 2016 ??Rev. 0
NB3L208K ONSEMI-NB3L208K_17 Datasheet
205Kb / 13P
   Differential 1:8 HCSL Fanout Buffer
October, 2017 ??Rev. 3
logo
Integrated Device Techn...
9DBV0731 IDT-9DBV0731_16 Datasheet
264Kb / 17P
   7-output 1.8V HCSL Fanout Buffer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com