Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6C4931504-04 Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI6C4931504-04
Description  High Performance HCSL Fanout Buffer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C4931504-04 Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI6C4931504-04 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C4931504-04 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C4931504-04 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C4931504-04 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C4931504-04 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C4931504-04 Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PI6C4931504-04
High Performance HCSL Fanout Buffer
PRELIMINARY INFORMATION - COMPANY CONFIDENTIAL
5
PI6C4931504-04
Rev A
08/14/2012
5
AC Electrical Specifications – Differential Outputs
Parameter Description
Conditions
Min.
Typ.
Max.
Units
f
OUT
Output frequency
250
MHz
Tr
Output rise time
From 20% to 80%
175
700
ps
Tf
Output fall time
From 80% to 20%
175
700
ps
TODC
Output duty cycle
48
52
%
Tj
Buffer additive jitter RMS
0.1
ps
V
MAX
Absolute Maximum Output Volt-
age
1150
mV
V
MIN
Absolute Minimum Output Volt-
age
-300
mV
VCROSS
Absolute crossing voltage
HCSL
250
550
mV
DVCROSS
Total variation of crossing voltage HCSL
140
mV
TSK
Output Skew
40
100
ps
TPD
Propagation Delay
1500
ps
TP2P Skew
Part to Part Skew1
600
ps
Notes:
1. This parameter is guaranteed by design
Configuration test load board termination for HCSL Outputs
Rs
33
5%
Rs
33
5%
Rp
49.9
1%
475
1%
Rp
49.9
1%
2pF
5%
2pF
5%
Clock#
Clock
TLA
TLB
PI6C4931504-04
12-0251


Similar Part No. - PI6C4931504-04

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C4931502-04 PERICOM-PI6C4931502-04 Datasheet
979Kb / 6P
High Performance HCSL Fanout Buffer
PI6C4931502-04LIE PERICOM-PI6C4931502-04LIE Datasheet
979Kb / 6P
High Performance HCSL Fanout Buffer
More results

Similar Description - PI6C4931504-04

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C4931502-04 PERICOM-PI6C4931502-04 Datasheet
979Kb / 6P
High Performance HCSL Fanout Buffer
logo
Integrated Device Techn...
8T73S1802 IDT-8T73S1802 Datasheet
663Kb / 24P
High-performance fanout buffer clock and fanout buffer
logo
ON Semiconductor
NB3L204K ONSEMI-NB3L204K_17 Datasheet
406Kb / 14P
Differential 1:4 HCSL Fanout Buffer
October, 2017 ??Rev. 1
logo
Integrated Device Techn...
9DBV0541 IDT-9DBV0541_16 Datasheet
218Kb / 17P
5-output 1.8V HCSL Fanout Buffer
9DBV0741 IDT-9DBV0741 Datasheet
221Kb / 17P
7-output 1.8V HCSL Fanout Buffer
9DBV0531 IDT-9DBV0531_17 Datasheet
204Kb / 17P
5-Output 1.8V HCSL Fanout Buffer
logo
ON Semiconductor
NB3L202K ONSEMI-NB3L202K_18 Datasheet
143Kb / 14P
Differential 1:2 HCSL Fanout Buffer
January, 2018 ??Rev. 4
NB3L204K ONSEMI-NB3L204K Datasheet
319Kb / 14P
Differential 1:4 HCSL Fanout Buffer
April, 2016 ??Rev. 0
NB3L208K ONSEMI-NB3L208K_17 Datasheet
205Kb / 13P
Differential 1:8 HCSL Fanout Buffer
October, 2017 ??Rev. 3
logo
Integrated Device Techn...
9DBV0731 IDT-9DBV0731_16 Datasheet
264Kb / 17P
7-output 1.8V HCSL Fanout Buffer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com