Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61193-Q1 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61193-Q1
Description  High-Performance 3-Channel LED Driver
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61193-Q1 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS61193-Q1 Datasheet HTML 10Page - Texas Instruments TPS61193-Q1 Datasheet HTML 11Page - Texas Instruments TPS61193-Q1 Datasheet HTML 12Page - Texas Instruments TPS61193-Q1 Datasheet HTML 13Page - Texas Instruments TPS61193-Q1 Datasheet HTML 14Page - Texas Instruments TPS61193-Q1 Datasheet HTML 15Page - Texas Instruments TPS61193-Q1 Datasheet HTML 16Page - Texas Instruments TPS61193-Q1 Datasheet HTML 17Page - Texas Instruments TPS61193-Q1 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
RISET = 2342 / (IOUT ± 2.5)
TPS61193-Q1
SNVSAC7 – OCTOBER 2015
www.ti.com
Converter SW pin DC current is limited to 2 A (typical). To support warm start transient condition the current limit
is automatically increased to 2.5 A for a short period of 1.5 seconds when a 2-A limit is reached.
NOTE
Application condition where the 2-A limit is exceeded continuously is not allowed. In this
case the current limit would be 2 A for 1.5 seconds followed by 2.5-A limit for 1.5 seconds,
and this 3-second period repeats.
7.3.2 Internal LDO
The internal LDO regulator converts the input voltage at VIN to a 4.3-V output voltage for internal use. Connect a
minimum of 1 µF ceramic capacitor from LDO pin to ground, as close to the LDO pin as possible.
7.3.3 LED Current Sinks
7.3.3.1 Output Configuration
TPS61193-Q1 detects LED output configuration during start-up. Any current sink output connected to ground is
disabled and excluded from the adaptive voltage control of the DC-DC and fault detections.
7.3.3.2 Current Setting
Maximum current for the LED outputs is controlled with external RISET resistor. RISET value for target maximum
current can be calculated using Equation 3:
where
RISET is current setting resistor, kΩ
ILED is output current per output, mA
(3)
7.3.3.3 Brightness Control
TPS61193-Q1 controls the brightness of the display with conventional PWM. Output PWM directly follows the
input PWM. Input PWM frequency can be in the range of 100 Hz to 20 kHz. Dimming ratio is calculated as ratio
between the input PWM period and minimum on/off time (0.5 µs).
7.3.4 Protection and Fault Detections
TPS61193-Q1 has fault detection for LED open and short, VIN input overvoltage protection (VIN_OVP) , VIN
undervoltage lockout (VIN_UVLO), and thermal shutdown (TSD).
7.3.4.1 Adaptive DC-DC Voltage Control and Functionality of LED Fault Comparators
Adaptive voltage control function adjusts the DC-DC output voltage to the minimum sufficient voltage for proper
LED current sink operation. The current sink with highest VF LED string is detected and DC-DC output voltage
adjusted accordingly. DC-DC adaptive control voltage step size is defined by maximum voltage setting, VSTEP =
(VOUT_MAX - VOUT_MIN) /256. Periodic down pressure is applied to the target voltage to achieve better system
efficiency.
Every LED current sink has 3 comparators for the adaptive DC-DC control and LED fault detections. Comparator
outputs are filtered, filtering time is 1 µs.
14
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated


Similar Part No. - TPS61193-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61193-Q1 TI1-TPS61193-Q1 Datasheet
717Kb / 10P
TPS61193-Q1 Low-EMI Automotive LED Driver With Three 100-mA Channels
TPS61193-Q1 TI1-TPS61193-Q1_16 Datasheet
717Kb / 10P
TPS61193-Q1 Low-EMI Automotive LED Driver With Three 100-mA Channels
More results

Similar Description - TPS61193-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61193 TI1-TPS61193 Datasheet
592Kb / 33P
High-Performance 3-Channel LED Driver
TPS61194 TI1-TPS61194 Datasheet
611Kb / 34P
High-Performance 4-Channel LED Driver
LP8862-Q1 TI1-LP8862-Q1 Datasheet
1Mb / 37P
High-Performance 2-Channel LED Driver
TPS61194 TI1-TPS61194_16 Datasheet
712Kb / 9P
TPS61194 High-Performance Four-Channel LED Driver
logo
List of Unclassifed Man...
WS3130 ETC2-WS3130 Datasheet
1Mb / 8P
High Performance LED Driver
logo
Shenzhen Winsemi Microe...
WS3130 WINSEMI-WS3130 Datasheet
1Mb / 8P
High Performance LED Driver
logo
Texas Instruments
LP8861-Q1 TI1-LP8861-Q1 Datasheet
1Mb / 43P
Low-EMI, High-Performance Four-Channel LED Driver
logo
Will Semiconductor Ltd.
WD3153 WILLSEMI-WD3153 Datasheet
732Kb / 19P
3-Channel LED Driver
logo
Shenzhen Winsemi Microe...
WS3110 WINSEMI-WS3110 Datasheet
262Kb / 8P
WS3110 High Performance LED Driver
logo
Kinetic Technologies.
KTD3136 KINETIC-KTD3136 Datasheet
1Mb / 24P
High Efficiency 3-Channel LED Backlight Driver
April 2019 - Revision 04a
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com