Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61193-Q1 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61193-Q1
Description  High-Performance 3-Channel LED Driver
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61193-Q1 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS61193-Q1 Datasheet HTML 9Page - Texas Instruments TPS61193-Q1 Datasheet HTML 10Page - Texas Instruments TPS61193-Q1 Datasheet HTML 11Page - Texas Instruments TPS61193-Q1 Datasheet HTML 12Page - Texas Instruments TPS61193-Q1 Datasheet HTML 13Page - Texas Instruments TPS61193-Q1 Datasheet HTML 14Page - Texas Instruments TPS61193-Q1 Datasheet HTML 15Page - Texas Instruments TPS61193-Q1 Datasheet HTML 16Page - Texas Instruments TPS61193-Q1 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
RC
filter
BOOST
OSCILLATOR
SYNC
FB
OFF/BLANK
TIME
PULSE
GENERATOR
CURRENT
RAMP
GENERATOR
BLANK
TIME
SW
OVP
S
OCP
LIGHT
LOAD
R
R
R
R
-
+
FSET
FSET
CTRL
GM
GM
RFSET
ADAPTIVE
VOLTAGE
CONTROL
CIN
D
COUT
VIN
CURRENT
SENSE
PGND
VOUT
R1
R2
TPS61193-Q1
www.ti.com
SNVSAC7 – OCTOBER 2015
Feature Description (continued)
Figure 8. Boost Block Diagram
DC-DC can be driven by an external SYNC signal between 300 kHz and 2.2 MHz. If the external synchronization
input disappears, DC-DC continues operation at the frequency defined by RFSET resistor. When external
frequency disappears and SYNC pin level is low, converter continues operation without spread spectrum
immediately. If SYNC remains high, converter continues switching with spread spectrum enabled after 256 µs.
External SYNC frequency must be 1.2 to 1.5 times higher than the frequency defined by RFSET resistor. Minimum
frequency setting with RFSET is 250 kHz to support 300 kHz switching with external clock.
The optional spread spectrum feature (±3% from central frequency, 1-kHz modulation frequency) reduces EMI
noise at the switching frequency and its harmonic frequencies. When external synchronization is used, spread
spectrum is not available.
Table 1. DC-DC Synchronization Mode
SYNC PIN INPUT
MODE
Low
Spread spectrum disabled
High
Spread spectrum enabled
300 to 2200 kHz frequency
Spread spectrum disabled, external synchronization mode
Table 2. DC-DC Parameters(1)
TYPICAL BOOST
FREQUENCY
TYPICAL
INPUT
MINIMUM SWITCH
BLANK
CURRENT
CURRENT RAMP
RANGE
(kHz)
INDUCTANCE (µH)
AND OUTPUT
OFF TIME (ns)
(2)
TIME (ns)
RAMP (A/s)
DELAY (ns)
CAPACITORS (µF)
1
300...480
33
2x10(cer.)+33(electr.)
150
95
24
550
2
480...1150
15
10(cer.)+33(electr.)
60
95
43
300
3
1150...1650
10
3x10(cer.)
40
95
79
0
4
1650...2200
4.7
3x10(cer.)
40
70
145
0
(1)
Parameters are for reference only
(2)
Due to current sensing comparator delay the actual minimum off time is 6 ns (typical) longer than in the table.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
13


Similar Part No. - TPS61193-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61193-Q1 TI1-TPS61193-Q1 Datasheet
717Kb / 10P
[Old version datasheet]   TPS61193-Q1 Low-EMI Automotive LED Driver With Three 100-mA Channels
TPS61193-Q1 TI1-TPS61193-Q1_16 Datasheet
717Kb / 10P
[Old version datasheet]   TPS61193-Q1 Low-EMI Automotive LED Driver With Three 100-mA Channels
More results

Similar Description - TPS61193-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61193 TI1-TPS61193 Datasheet
592Kb / 33P
[Old version datasheet]   High-Performance 3-Channel LED Driver
TPS61194 TI1-TPS61194 Datasheet
611Kb / 34P
[Old version datasheet]   High-Performance 4-Channel LED Driver
LP8862-Q1 TI1-LP8862-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   High-Performance 2-Channel LED Driver
TPS61194 TI1-TPS61194_16 Datasheet
712Kb / 9P
[Old version datasheet]   TPS61194 High-Performance Four-Channel LED Driver
logo
List of Unclassifed Man...
WS3130 ETC2-WS3130 Datasheet
1Mb / 8P
   High Performance LED Driver
logo
Shenzhen Winsemi Microe...
WS3130 WINSEMI-WS3130 Datasheet
1Mb / 8P
   High Performance LED Driver
logo
Texas Instruments
LP8861-Q1 TI1-LP8861-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   Low-EMI, High-Performance Four-Channel LED Driver
logo
Will Semiconductor Ltd.
WD3153 WILLSEMI-WD3153 Datasheet
732Kb / 19P
   3-Channel LED Driver
logo
Shenzhen Winsemi Microe...
WS3110 WINSEMI-WS3110 Datasheet
262Kb / 8P
   WS3110 High Performance LED Driver
logo
Kinetic Technologies.
KTD3136 KINETIC-KTD3136 Datasheet
1Mb / 24P
   High Efficiency 3-Channel LED Backlight Driver
April 2019 - Revision 04a
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com