Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61193-Q1 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61193-Q1
Description  High-Performance 3-Channel LED Driver
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61193-Q1 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS61193-Q1 Datasheet HTML 8Page - Texas Instruments TPS61193-Q1 Datasheet HTML 9Page - Texas Instruments TPS61193-Q1 Datasheet HTML 10Page - Texas Instruments TPS61193-Q1 Datasheet HTML 11Page - Texas Instruments TPS61193-Q1 Datasheet HTML 12Page - Texas Instruments TPS61193-Q1 Datasheet HTML 13Page - Texas Instruments TPS61193-Q1 Datasheet HTML 14Page - Texas Instruments TPS61193-Q1 Datasheet HTML 15Page - Texas Instruments TPS61193-Q1 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
10
15
20
25
30
35
40
45
200
300
400
500
600
700
800
900
1000
R1 (k )
C008
VOUT_MAX = (
VBG
R2
+ 0.0387 ) x R1 + VBG
TPS61193-Q1
SNVSAC7 – OCTOBER 2015
www.ti.com
7.3 Feature Description
7.3.1 Integrated DC-DC Converter
The TPS61193-Q1 DC-DC converter generates supply voltage for the LEDs and can operate in boost mode or in
SEPIC mode. The maximum output voltage VOUT_MAX is defined by an external resistive divider (R1, R2).
VOUT_MAX voltage should be chosen based on the maximum voltage required for LED strings. Recommended
maximum voltage is about 30% higher than maximum LED string voltage. Initial output voltage is about 88% of
VOUT_MAX voltage. DC-DC output voltage is adjusted automatically based on LED current sink headroom voltage.
Maximum output voltage can be calculated with Equation 1:
where
VBG = 1.2 V
R2 recommended value is 130 k
Ω
Resistor values are in k
Ω
(1)
Figure 7. Maximum Converter Output Voltage vs R1 Resistance
The converter is a current mode DC-DC converter, where the inductor current is measured and controlled with
the feedback. Switching frequency is adjustable between 250 kHz and 2.2 MHz with RFSET resistor as
Equation 2:
ƒSW = 67600 / (RFSET + 6.4)
where
ƒSW is switching frequency, kHz
RFSET is frequency setting resistor, kΩ
(2)
In most cases lower frequency has higher system efficiency. DC-DC internal parameters are chosen
automatically according to the selected switching frequency (see Table 2) to ensure stability. In boost mode a 15
pF capacitor CFB must be placed across resistor R1 when operating in 300 kHz to 500 kHz range (see Typical
Application for 3 LED Strings). When operating in the 1.8 MHz to 2.2 MHz range CFB = 4.7 pF.
12
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated


Similar Part No. - TPS61193-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61193-Q1 TI1-TPS61193-Q1 Datasheet
717Kb / 10P
[Old version datasheet]   TPS61193-Q1 Low-EMI Automotive LED Driver With Three 100-mA Channels
TPS61193-Q1 TI1-TPS61193-Q1_16 Datasheet
717Kb / 10P
[Old version datasheet]   TPS61193-Q1 Low-EMI Automotive LED Driver With Three 100-mA Channels
More results

Similar Description - TPS61193-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61193 TI1-TPS61193 Datasheet
592Kb / 33P
[Old version datasheet]   High-Performance 3-Channel LED Driver
TPS61194 TI1-TPS61194 Datasheet
611Kb / 34P
[Old version datasheet]   High-Performance 4-Channel LED Driver
LP8862-Q1 TI1-LP8862-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   High-Performance 2-Channel LED Driver
TPS61194 TI1-TPS61194_16 Datasheet
712Kb / 9P
[Old version datasheet]   TPS61194 High-Performance Four-Channel LED Driver
logo
List of Unclassifed Man...
WS3130 ETC2-WS3130 Datasheet
1Mb / 8P
   High Performance LED Driver
logo
Shenzhen Winsemi Microe...
WS3130 WINSEMI-WS3130 Datasheet
1Mb / 8P
   High Performance LED Driver
logo
Texas Instruments
LP8861-Q1 TI1-LP8861-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   Low-EMI, High-Performance Four-Channel LED Driver
logo
Will Semiconductor Ltd.
WD3153 WILLSEMI-WD3153 Datasheet
732Kb / 19P
   3-Channel LED Driver
logo
Shenzhen Winsemi Microe...
WS3110 WINSEMI-WS3110 Datasheet
262Kb / 8P
   WS3110 High Performance LED Driver
logo
Kinetic Technologies.
KTD3136 KINETIC-KTD3136 Datasheet
1Mb / 24P
   High Efficiency 3-Channel LED Backlight Driver
April 2019 - Revision 04a
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com