Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61193-Q1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61193-Q1
Description  High-Performance 3-Channel LED Driver
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61193-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS61193-Q1 Datasheet HTML 5Page - Texas Instruments TPS61193-Q1 Datasheet HTML 6Page - Texas Instruments TPS61193-Q1 Datasheet HTML 7Page - Texas Instruments TPS61193-Q1 Datasheet HTML 8Page - Texas Instruments TPS61193-Q1 Datasheet HTML 9Page - Texas Instruments TPS61193-Q1 Datasheet HTML 10Page - Texas Instruments TPS61193-Q1 Datasheet HTML 11Page - Texas Instruments TPS61193-Q1 Datasheet HTML 12Page - Texas Instruments TPS61193-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
200
600
1000
1400
1800
2200
20
60
100
140
180
220
R
FSET (k
)
C009
0
20
40
60
80
100
20
40
60
80
100
120
140
160
R
ISET (k
)
C005
200
300
400
500
600
700
800
900
1000
5
10
15
20
25
30
Input Voltage (V)
Vboost = 22 V
Vboost = 30 V
Vboost = 37 V
C003
200
300
400
500
600
700
800
900
1000
5
10
15
20
25
30
Input Voltage (V)
Vboost = 22 V
Vboost = 30 V
Vboost = 37 V
C004
200
300
400
500
600
700
800
900
1000
5
10
15
20
25
30
Input Voltage (V)
Vboost = 22 V
Vboost = 30 V
Vboost = 37 V
C001
200
300
400
500
600
700
800
900
1000
5
10
15
20
25
30
Input Voltage (V)
Vboost = 22 V
Vboost = 30V
Vboost = 37 V
C002
TPS61193-Q1
www.ti.com
SNVSAC7 – OCTOBER 2015
6.12 Typical Characteristics
Unless otherwise specified: D = NRVB460MFS, T = 25ºC
ƒSW = 300 kHz
L = 33
μH
DC Load (PWM = 100%)
ƒSW = 800 kHz
L = 15
μH
CIN = 2 × 10 µF (cer.)
COUT = 33 µF + 2 × 10 µF (cer.)
CIN = 33 µF + 2 × 10 µF (cer.)
COUT = 2 ×10 µF (cer.)
DC Load (PWM = 100%)
Figure 1. Maximum Boost Current
Figure 2. Maximum Boost Current
ƒSW = 1.5 MHz
L = 8.2
μH
CIN= 2 × 10 µF (cer.)
ƒSW = 2.2 MHz
L = 4.7
μH
CIN = 2 × 10 µF (cer.)
COUT = 2 × 10 µF (cer.)
DC Load (PWM = 100%)
COUT = 2 × 10 µF (cer.)
DC Load (PWM = 100%)
Figure 3. Maximum Boost Current
Figure 4. Maximum Boost Current
Figure 5. LED Current vs RISET
Figure 6. Boost Switching Frequency ƒSW vs RFSET
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
9


Similar Part No. - TPS61193-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61193-Q1 TI1-TPS61193-Q1 Datasheet
717Kb / 10P
TPS61193-Q1 Low-EMI Automotive LED Driver With Three 100-mA Channels
TPS61193-Q1 TI1-TPS61193-Q1_16 Datasheet
717Kb / 10P
TPS61193-Q1 Low-EMI Automotive LED Driver With Three 100-mA Channels
More results

Similar Description - TPS61193-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61193 TI1-TPS61193 Datasheet
592Kb / 33P
High-Performance 3-Channel LED Driver
TPS61194 TI1-TPS61194 Datasheet
611Kb / 34P
High-Performance 4-Channel LED Driver
LP8862-Q1 TI1-LP8862-Q1 Datasheet
1Mb / 37P
High-Performance 2-Channel LED Driver
TPS61194 TI1-TPS61194_16 Datasheet
712Kb / 9P
TPS61194 High-Performance Four-Channel LED Driver
logo
List of Unclassifed Man...
WS3130 ETC2-WS3130 Datasheet
1Mb / 8P
High Performance LED Driver
logo
Shenzhen Winsemi Microe...
WS3130 WINSEMI-WS3130 Datasheet
1Mb / 8P
High Performance LED Driver
logo
Texas Instruments
LP8861-Q1 TI1-LP8861-Q1 Datasheet
1Mb / 43P
Low-EMI, High-Performance Four-Channel LED Driver
logo
Will Semiconductor Ltd.
WD3153 WILLSEMI-WD3153 Datasheet
732Kb / 19P
3-Channel LED Driver
logo
Shenzhen Winsemi Microe...
WS3110 WINSEMI-WS3110 Datasheet
262Kb / 8P
WS3110 High Performance LED Driver
logo
Kinetic Technologies.
KTD3136 KINETIC-KTD3136 Datasheet
1Mb / 24P
High Efficiency 3-Channel LED Backlight Driver
April 2019 - Revision 04a
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com