Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61193-Q1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61193-Q1
Description  High-Performance 3-Channel LED Driver
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61193-Q1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS61193-Q1 Datasheet HTML 3Page - Texas Instruments TPS61193-Q1 Datasheet HTML 4Page - Texas Instruments TPS61193-Q1 Datasheet HTML 5Page - Texas Instruments TPS61193-Q1 Datasheet HTML 6Page - Texas Instruments TPS61193-Q1 Datasheet HTML 7Page - Texas Instruments TPS61193-Q1 Datasheet HTML 8Page - Texas Instruments TPS61193-Q1 Datasheet HTML 9Page - Texas Instruments TPS61193-Q1 Datasheet HTML 10Page - Texas Instruments TPS61193-Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
TPS61193-Q1
www.ti.com
SNVSAC7 – OCTOBER 2015
6.8 Current Sinks Electrical Characteristics
TJ = −40°C to 125°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ILEAKAGE
Leakage current
Outputs OUT1 to OUT3 VOUTx = 45 V
0.1
5
µA
IMAX
Maximum current
OUT1, OUT2, OUT3
100
mA
IOUT
Output current accuracy
IOUT = 100 mA
−5%
5%
IMATCH
Output current matching(1)
IOUT = 100 mA, PWM duty =100%
1%
5%
VSAT
Saturation voltage(2)
IOUT = 100 mA
0.4
0.7
V
(1)
Output Current Accuracy is the difference between the actual value of the output current and programmed value of this current.
Matching is the maximum difference from the average. For the constant current sinks on the part (OUTx), the following are determined:
the maximum output current (MAX), the minimum output current (MIN), and the average output current of all outputs (AVG). Matching
number is calculated: (MAX-MIN)/AVG. The typical specification provided is the most likely norm of the matching figure for all parts. LED
current sinks were characterized with 1-V headroom voltage. Note that some manufacturers have different definitions in use.
(2)
Saturation voltage is defined as the voltage when the LED current has dropped 10% from the value measured at 1 V.
6.9 PWM Brightness Control Electrical Characteristics
TJ = −40°C to 125°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ƒPWM
PWM input frequency
100
20 000
Hz
tON/OFF
Minimum on/off time
IOUT = 100 mA.
0.5
µs
6.10 Boost and SEPIC Converter Characteristics
TJ = −40°C to 125°C (unless otherwise noted).
Unless otherwise specified: VIN = 12 V, VEN/VDDIO = 3.3 V, L = 22 μH, CIN = 2 x 10 μF ceramic and 33 μF electrolytic,
COUT = 2 × 10-μF ceramic and 33-μF electrolytic, D = NRVB460MFS, ƒSW = 300 kHz.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage
4.5
40
V
VOUT
Output voltage
6
45
Minimum switching frequency
ƒSW_MIN
(central frequency if spread
300
kHz
spectrum is enabled)
Defined by RFSET resistor
Maximum switching frequency
ƒSW_MAX
(central frequency if spread
2 200
kHz
spectrum is enabled)
VOUT/VIN
Conversion ratio
10
TOFF
Minimum switch OFF time
ƒSW ≥ 1.15 MHz
55
ns
ISW_MAX
SW current limit
1.8
2.0
2.2
A
RDSON
FET RDSON
Pin-to-pin
240
400
m
Ω
fSYNC
External SYNC frequency
300
2 200
kHz
tSYNC_ON_MIN
External SYNC minimum on time
150
ns
tSYNC_OFF_MIN
External SYNC minimum off time
150
ns
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7


Similar Part No. - TPS61193-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61193-Q1 TI1-TPS61193-Q1 Datasheet
717Kb / 10P
[Old version datasheet]   TPS61193-Q1 Low-EMI Automotive LED Driver With Three 100-mA Channels
TPS61193-Q1 TI1-TPS61193-Q1_16 Datasheet
717Kb / 10P
[Old version datasheet]   TPS61193-Q1 Low-EMI Automotive LED Driver With Three 100-mA Channels
More results

Similar Description - TPS61193-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61193 TI1-TPS61193 Datasheet
592Kb / 33P
[Old version datasheet]   High-Performance 3-Channel LED Driver
TPS61194 TI1-TPS61194 Datasheet
611Kb / 34P
[Old version datasheet]   High-Performance 4-Channel LED Driver
LP8862-Q1 TI1-LP8862-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   High-Performance 2-Channel LED Driver
TPS61194 TI1-TPS61194_16 Datasheet
712Kb / 9P
[Old version datasheet]   TPS61194 High-Performance Four-Channel LED Driver
logo
List of Unclassifed Man...
WS3130 ETC2-WS3130 Datasheet
1Mb / 8P
   High Performance LED Driver
logo
Shenzhen Winsemi Microe...
WS3130 WINSEMI-WS3130 Datasheet
1Mb / 8P
   High Performance LED Driver
logo
Texas Instruments
LP8861-Q1 TI1-LP8861-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   Low-EMI, High-Performance Four-Channel LED Driver
logo
Will Semiconductor Ltd.
WD3153 WILLSEMI-WD3153 Datasheet
732Kb / 19P
   3-Channel LED Driver
logo
Shenzhen Winsemi Microe...
WS3110 WINSEMI-WS3110 Datasheet
262Kb / 8P
   WS3110 High Performance LED Driver
logo
Kinetic Technologies.
KTD3136 KINETIC-KTD3136 Datasheet
1Mb / 24P
   High Efficiency 3-Channel LED Backlight Driver
April 2019 - Revision 04a
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com