Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61193-Q1 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61193-Q1
Description  High-Performance 3-Channel LED Driver
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61193-Q1 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPS61193-Q1 Datasheet HTML 18Page - Texas Instruments TPS61193-Q1 Datasheet HTML 19Page - Texas Instruments TPS61193-Q1 Datasheet HTML 20Page - Texas Instruments TPS61193-Q1 Datasheet HTML 21Page - Texas Instruments TPS61193-Q1 Datasheet HTML 22Page - Texas Instruments TPS61193-Q1 Datasheet HTML 23Page - Texas Instruments TPS61193-Q1 Datasheet HTML 24Page - Texas Instruments TPS61193-Q1 Datasheet HTML 25Page - Texas Instruments TPS61193-Q1 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
Brightness (%)
0
10
20
30
40
50
60
70
80
90
100
50
55
60
65
70
75
80
85
90
95
100
D001
VIN=5V
VIN=8V
VIN=12V
VIN=16V
Brightness (%)
0
10
20
30
40
50
60
70
80
90
100
50
55
60
65
70
75
80
85
90
95
100
D001
VIN=5V
VIN=8V
VIN=12V
VIN=16V
TPS61193-Q1
SNVSAC7 – OCTOBER 2015
www.ti.com
300 m
Ω for good efficiency.
See detailed information in Texas Instruments Application Report Understanding Boost Power Stages in Switch
Mode Power Supplies (SLVA061). Power Stage Designer™ Tool can be used for the boost calculation:
http://www.ti.com/tool/powerstage-designer.
8.2.1.2.2
Output Capacitor Selection
A ceramic capacitor with 2 × VMAX BOOST or more voltage rating is recommended for the output capacitor. The
DC-bias effect can reduce the effective capacitance by up to 80%, which needs to be considered in capacitance
value selection. Capacitance recommendations for different switching frequencies are shown in Table 2. To
minimize audible noise of ceramic capacitors their physical size should typically be minimized.
8.2.1.2.3
Input Capacitor Selection
A ceramic capacitor with 2 × VIN MAX or more voltage rating is recommended for the input capacitor. The DC-bias
effect can reduce the effective capacitance by up to 80%, which needs to be considered in capacitance value
selection. Capacitance recommendations for different boost switching frequencies are shown in Table 2.
8.2.1.2.4
LDO Output Capacitor
A ceramic capacitor with at least 10-V voltage rating is recommended for the output capacitor of the LDO. The
DC-bias effect can reduce the effective capacitance by up to 80%, which needs to be considered in capacitance
value selection. Typically a 1-µF capacitor is sufficient.
8.2.1.2.5
Diode
A Schottky diode should be used for the boost output diode. Do not use ordinary rectifier diodes because slow
switching speeds and long recovery times degrade the efficiency and the load regulation. Diode rating for peak
repetitive current should be greater than inductor peak current (up to 3 A) to ensure reliable operation in boost
mode. Average current rating should be greater than the maximum output current. Schottky diodes with a low
forward drop and fast switching speeds are ideal for increasing efficiency. Choose a reverse breakdown voltage
of the Schottky diode significantly larger than the output voltage.
8.2.1.3 Application Curves
Load 3 strings, 8 LEDs per string
ƒsw=300 kHz, 33 μH
Load 3 strings, 8 LEDs per string
ƒsw=300 kHz, 33 μH
100 mA/string for VIN = 12 V and VIN = 16 V
100 mA/string for VIN = 12 V and VIN = 16 V
60 mA/string for VIN = 8 V
60 mA/string for VIN = 8 V
50 mA/string for VIN = 5 V
50 mA/string for VIN = 5 V
Figure 19. Boost Efficiency
Figure 20. System Efficiency
22
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated


Similar Part No. - TPS61193-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61193-Q1 TI1-TPS61193-Q1 Datasheet
717Kb / 10P
[Old version datasheet]   TPS61193-Q1 Low-EMI Automotive LED Driver With Three 100-mA Channels
TPS61193-Q1 TI1-TPS61193-Q1_16 Datasheet
717Kb / 10P
[Old version datasheet]   TPS61193-Q1 Low-EMI Automotive LED Driver With Three 100-mA Channels
More results

Similar Description - TPS61193-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61193 TI1-TPS61193 Datasheet
592Kb / 33P
[Old version datasheet]   High-Performance 3-Channel LED Driver
TPS61194 TI1-TPS61194 Datasheet
611Kb / 34P
[Old version datasheet]   High-Performance 4-Channel LED Driver
LP8862-Q1 TI1-LP8862-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   High-Performance 2-Channel LED Driver
TPS61194 TI1-TPS61194_16 Datasheet
712Kb / 9P
[Old version datasheet]   TPS61194 High-Performance Four-Channel LED Driver
logo
List of Unclassifed Man...
WS3130 ETC2-WS3130 Datasheet
1Mb / 8P
   High Performance LED Driver
logo
Shenzhen Winsemi Microe...
WS3130 WINSEMI-WS3130 Datasheet
1Mb / 8P
   High Performance LED Driver
logo
Texas Instruments
LP8861-Q1 TI1-LP8861-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   Low-EMI, High-Performance Four-Channel LED Driver
logo
Will Semiconductor Ltd.
WD3153 WILLSEMI-WD3153 Datasheet
732Kb / 19P
   3-Channel LED Driver
logo
Shenzhen Winsemi Microe...
WS3110 WINSEMI-WS3110 Datasheet
262Kb / 8P
   WS3110 High Performance LED Driver
logo
Kinetic Technologies.
KTD3136 KINETIC-KTD3136 Datasheet
1Mb / 24P
   High Efficiency 3-Channel LED Backlight Driver
April 2019 - Revision 04a
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com