Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61193-Q1 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61193-Q1
Description  High-Performance 3-Channel LED Driver
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61193-Q1 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS61193-Q1 Datasheet HTML 17Page - Texas Instruments TPS61193-Q1 Datasheet HTML 18Page - Texas Instruments TPS61193-Q1 Datasheet HTML 19Page - Texas Instruments TPS61193-Q1 Datasheet HTML 20Page - Texas Instruments TPS61193-Q1 Datasheet HTML 21Page - Texas Instruments TPS61193-Q1 Datasheet HTML 22Page - Texas Instruments TPS61193-Q1 Datasheet HTML 23Page - Texas Instruments TPS61193-Q1 Datasheet HTML 24Page - Texas Instruments TPS61193-Q1 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
ISAT >
x
(VOUT - VIN)
VOUT
VIN
Where D =
Where IRIPPLE =
(2 x L x f)
DQG '¶ = (1 - D)
(VOUT ± VIN)
(VOUT)
+ IRIPPLE
IOUTMAX
For Boost
TPS61193-Q1
www.ti.com
SNVSAC7 – OCTOBER 2015
Typical Applications (continued)
8.2.1.1 Design Requirements
DESIGN PARAMETER
VALUE
VIN voltage range
4.5…28 V
LED string
3P8S LEDs (30 V)
LED string current
100 mA
Maximum boost voltage
37 V
Boost switching frequency
300 kHz
External boost sync
not used
Boost spread spectrum
enabled
L1
33
μH
CIN
10 µF 50 V
CIN BOOST
2 × (10 µF 50-V ceramic) + 33 µF 50-V electrolytic
COUT
2 × (10 µF 50-V ceramic) + 33 µF 50-V electrolytic
CFB
15 pF
CLDO
1 µF 10 V
RISET
24 k
Ω
RFSET
210 k
Ω
R1
750 k
Ω
R2
130 k
Ω
R3
10 k
Ω
8.2.1.2 Detailed Design Procedure
8.2.1.2.1
Inductor Selection
There are two main considerations when choosing an inductor; the inductor should not saturate, and the inductor
current ripple should be small enough to achieve the desired output voltage ripple. Different saturation current
rating specifications are followed by different manufacturers so attention must be given to details. Saturation
current ratings are typically specified at 25°C. However, ratings at the maximum ambient temperature of
application should be requested from the manufacturer. Shielded inductors radiate less noise and should be
preferred. The saturation current should be greater than the sum of the maximum load current and the worst
case average to peak inductor current. The equation below shows the worst case conditions
IRIPPLE - peak inductor current
IOUTMAX - maximum load current
VIN - minimum input voltage in application
L - min inductor value including worst case tolerances
f - minimum switching frequency
VOUT - output voltage
D - Duty Cycle for CCM Operation
VOUT - Output Voltage
(4)
As a result the inductor should be selected according to the ISAT. A more conservative and recommended
approach is to choose an inductor that has a saturation current rating greater than the maximum current limit. A
saturation current rating of at least 2.5 A is recommended for most applications. See Table 2 for recommended
inductance value for the different switching frequency ranges. The inductor’s resistance should be less than
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
21


Similar Part No. - TPS61193-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61193-Q1 TI1-TPS61193-Q1 Datasheet
717Kb / 10P
[Old version datasheet]   TPS61193-Q1 Low-EMI Automotive LED Driver With Three 100-mA Channels
TPS61193-Q1 TI1-TPS61193-Q1_16 Datasheet
717Kb / 10P
[Old version datasheet]   TPS61193-Q1 Low-EMI Automotive LED Driver With Three 100-mA Channels
More results

Similar Description - TPS61193-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61193 TI1-TPS61193 Datasheet
592Kb / 33P
[Old version datasheet]   High-Performance 3-Channel LED Driver
TPS61194 TI1-TPS61194 Datasheet
611Kb / 34P
[Old version datasheet]   High-Performance 4-Channel LED Driver
LP8862-Q1 TI1-LP8862-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   High-Performance 2-Channel LED Driver
TPS61194 TI1-TPS61194_16 Datasheet
712Kb / 9P
[Old version datasheet]   TPS61194 High-Performance Four-Channel LED Driver
logo
List of Unclassifed Man...
WS3130 ETC2-WS3130 Datasheet
1Mb / 8P
   High Performance LED Driver
logo
Shenzhen Winsemi Microe...
WS3130 WINSEMI-WS3130 Datasheet
1Mb / 8P
   High Performance LED Driver
logo
Texas Instruments
LP8861-Q1 TI1-LP8861-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   Low-EMI, High-Performance Four-Channel LED Driver
logo
Will Semiconductor Ltd.
WD3153 WILLSEMI-WD3153 Datasheet
732Kb / 19P
   3-Channel LED Driver
logo
Shenzhen Winsemi Microe...
WS3110 WINSEMI-WS3110 Datasheet
262Kb / 8P
   WS3110 High Performance LED Driver
logo
Kinetic Technologies.
KTD3136 KINETIC-KTD3136 Datasheet
1Mb / 24P
   High Efficiency 3-Channel LED Backlight Driver
April 2019 - Revision 04a
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com