Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61193-Q1 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61193-Q1
Description  High-Performance 3-Channel LED Driver
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61193-Q1 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPS61193-Q1 Datasheet HTML 14Page - Texas Instruments TPS61193-Q1 Datasheet HTML 15Page - Texas Instruments TPS61193-Q1 Datasheet HTML 16Page - Texas Instruments TPS61193-Q1 Datasheet HTML 17Page - Texas Instruments TPS61193-Q1 Datasheet HTML 18Page - Texas Instruments TPS61193-Q1 Datasheet HTML 19Page - Texas Instruments TPS61193-Q1 Datasheet HTML 20Page - Texas Instruments TPS61193-Q1 Datasheet HTML 21Page - Texas Instruments TPS61193-Q1 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
VDDIO/EN
OUT# pin
Other LEDs
FAULT
t = 2...20 µs
OUTT# pin
Shorted LED
HIGH_COMP level
LOW_COMP level
MID_COMP level
VOUT
VDDIO/EN
OUT# pin
Other LEDs
FAULT
t = 2...20 µs
OUT# pin
Open LED
LOW_COMP level
VOUT_MAX
TPS61193-Q1
SNVSAC7 – OCTOBER 2015
www.ti.com
Figure 14. LED Open Fault
Figure 15. LED Short Fault
7.4 Device Functional Modes
7.4.1 Device States
TPS61193-Q1 enters STANDBY mode when the internal LDO output rises above the power-on reset level, VLDO
> VPOR. In STANDBY mode device is able to detect VDDIO/EN signal. When VDDIO/EN is pulled high, device
powers up. After start LED outputs are sensed to detect grounded outputs. Grounded outputs are disabled and
excluded from the adaptive voltage control loop of the DC-DC.
If a fault condition is detected, device enters FAULT_RECOVERY state. Faults that cause the device to enter
FAULT_RECOVERY are listed in Table 3. When LED open or short is detected, faulty string is disabled but
device stays in ACTIVE mode.
18
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated


Similar Part No. - TPS61193-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61193-Q1 TI1-TPS61193-Q1 Datasheet
717Kb / 10P
TPS61193-Q1 Low-EMI Automotive LED Driver With Three 100-mA Channels
TPS61193-Q1 TI1-TPS61193-Q1_16 Datasheet
717Kb / 10P
TPS61193-Q1 Low-EMI Automotive LED Driver With Three 100-mA Channels
More results

Similar Description - TPS61193-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61193 TI1-TPS61193 Datasheet
592Kb / 33P
High-Performance 3-Channel LED Driver
TPS61194 TI1-TPS61194 Datasheet
611Kb / 34P
High-Performance 4-Channel LED Driver
LP8862-Q1 TI1-LP8862-Q1 Datasheet
1Mb / 37P
High-Performance 2-Channel LED Driver
TPS61194 TI1-TPS61194_16 Datasheet
712Kb / 9P
TPS61194 High-Performance Four-Channel LED Driver
logo
List of Unclassifed Man...
WS3130 ETC2-WS3130 Datasheet
1Mb / 8P
High Performance LED Driver
logo
Shenzhen Winsemi Microe...
WS3130 WINSEMI-WS3130 Datasheet
1Mb / 8P
High Performance LED Driver
logo
Texas Instruments
LP8861-Q1 TI1-LP8861-Q1 Datasheet
1Mb / 43P
Low-EMI, High-Performance Four-Channel LED Driver
logo
Will Semiconductor Ltd.
WD3153 WILLSEMI-WD3153 Datasheet
732Kb / 19P
3-Channel LED Driver
logo
Shenzhen Winsemi Microe...
WS3110 WINSEMI-WS3110 Datasheet
262Kb / 8P
WS3110 High Performance LED Driver
logo
Kinetic Technologies.
KTD3136 KINETIC-KTD3136 Datasheet
1Mb / 24P
High Efficiency 3-Channel LED Backlight Driver
April 2019 - Revision 04a
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com