Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61193-Q1 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61193-Q1
Description  High-Performance 3-Channel LED Driver
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61193-Q1 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS61193-Q1 Datasheet HTML 13Page - Texas Instruments TPS61193-Q1 Datasheet HTML 14Page - Texas Instruments TPS61193-Q1 Datasheet HTML 15Page - Texas Instruments TPS61193-Q1 Datasheet HTML 16Page - Texas Instruments TPS61193-Q1 Datasheet HTML 17Page - Texas Instruments TPS61193-Q1 Datasheet HTML 18Page - Texas Instruments TPS61193-Q1 Datasheet HTML 19Page - Texas Instruments TPS61193-Q1 Datasheet HTML 20Page - Texas Instruments TPS61193-Q1 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
VIN
FB
UVLO rising threshold
FAULT
UVLO falling threshold
ttRECOVERY = 100 mst
ttRECOVERY = 100 mst
ttSOFTSTART +t
ttBOOST STARTUPt
VIN
FB
VIN OVP threshold
ttRECOVERY = 100 mst
DCDC OVP threshold
FAULT
ttRECOVERY = 100 mst
ttSOFTSTART +t
ttBOOST STARTUPt
VIN
tRECOVERY =
100 ms
FAULT
tFILTER = 560 ms
VOUT
tSOFTSTART +
tBOOST START
tFILTER =
50 ms
tRECOVERY =
100 ms
tSOFTSTART +
tBOOST START
tFILTER =
40 - 50 ms
tSOFTSTART +
tBOOST START
tFILTER =
50 ms
tRECOVERY =
100 ms
VIN OVERVOLTAGE
VIN OK
IOUT
Time is not enough to
discharge COUT
VSET_DCDC + 6...10 V
TPS61193-Q1
www.ti.com
SNVSAC7 – OCTOBER 2015
Figure 11. VIN Overvoltage Protection (DC-DC OVP)
Figure 12. VIN Overvoltage Protection (VIN OVP)
Figure 13. VIN Undervoltage Lockout
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
17


Similar Part No. - TPS61193-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61193-Q1 TI1-TPS61193-Q1 Datasheet
717Kb / 10P
[Old version datasheet]   TPS61193-Q1 Low-EMI Automotive LED Driver With Three 100-mA Channels
TPS61193-Q1 TI1-TPS61193-Q1_16 Datasheet
717Kb / 10P
[Old version datasheet]   TPS61193-Q1 Low-EMI Automotive LED Driver With Three 100-mA Channels
More results

Similar Description - TPS61193-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61193 TI1-TPS61193 Datasheet
592Kb / 33P
[Old version datasheet]   High-Performance 3-Channel LED Driver
TPS61194 TI1-TPS61194 Datasheet
611Kb / 34P
[Old version datasheet]   High-Performance 4-Channel LED Driver
LP8862-Q1 TI1-LP8862-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   High-Performance 2-Channel LED Driver
TPS61194 TI1-TPS61194_16 Datasheet
712Kb / 9P
[Old version datasheet]   TPS61194 High-Performance Four-Channel LED Driver
logo
List of Unclassifed Man...
WS3130 ETC2-WS3130 Datasheet
1Mb / 8P
   High Performance LED Driver
logo
Shenzhen Winsemi Microe...
WS3130 WINSEMI-WS3130 Datasheet
1Mb / 8P
   High Performance LED Driver
logo
Texas Instruments
LP8861-Q1 TI1-LP8861-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   Low-EMI, High-Performance Four-Channel LED Driver
logo
Will Semiconductor Ltd.
WD3153 WILLSEMI-WD3153 Datasheet
732Kb / 19P
   3-Channel LED Driver
logo
Shenzhen Winsemi Microe...
WS3110 WINSEMI-WS3110 Datasheet
262Kb / 8P
   WS3110 High Performance LED Driver
logo
Kinetic Technologies.
KTD3136 KINETIC-KTD3136 Datasheet
1Mb / 24P
   High Efficiency 3-Channel LED Backlight Driver
April 2019 - Revision 04a
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com