Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61193-Q1 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61193-Q1
Description  High-Performance 3-Channel LED Driver
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61193-Q1 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS61193-Q1 Datasheet HTML 12Page - Texas Instruments TPS61193-Q1 Datasheet HTML 13Page - Texas Instruments TPS61193-Q1 Datasheet HTML 14Page - Texas Instruments TPS61193-Q1 Datasheet HTML 15Page - Texas Instruments TPS61193-Q1 Datasheet HTML 16Page - Texas Instruments TPS61193-Q1 Datasheet HTML 17Page - Texas Instruments TPS61193-Q1 Datasheet HTML 18Page - Texas Instruments TPS61193-Q1 Datasheet HTML 19Page - Texas Instruments TPS61193-Q1 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
TPS61193-Q1
SNVSAC7 – OCTOBER 2015
www.ti.com
7.3.4.2 Overview of the Fault/Protection Schemes
Summary of TPS61193-Q1 fault detection behavior is shown in Table 3. Detected faults (excluding LED open or
short) cause device to enter FAULT_RECOVERY state. In FAULT_RECOVERY the DC-DC and LED current
sinks of the device are disabled and FAULT pin is pulled low. The device recovers automatically and enters
normal operating mode (ACTIVE) after a recovery time of 100ms if the fault condition has disappeared. When
recovery is succesful, FAULT pin is released.
In case a LED fault is detected, device continues normal operation and only the faulty string is disabled. Fault is
indicated via FAULT pin which can be released by toggling VDDIO/EN pin low for a short period of 2…20 µs.
LEDs are turned off for this period but device stays in ACTIVE mode. If VDDIO/EN is low longer, device goes to
STANDBY and restarts when EN goes high again.
Table 3. Fault Detections
FAULT_
FAULT/
FAULT
FAULT NAME
THRESHOLD
RECOVERY
ACTION
PROTECTION
PIN
STATE
1. Overvoltage is monitored from the beginning of soft
1. VIN > 42 V
start. Fault is detected if the duration of overvoltage
2. VOUT >
condition is 100 µs minimum.
VSET_DCDC + 6..10
2. Overvoltage is monitored from the beginning of
VIN
V.
normal operation (ACTIVE mode). Fault is detected if
overvoltage
VIN_OVP
Yes
Yes
VSET_DCDC is
over-voltage condition duration is 560 ms minimum
protection
voltage value
(tfilter). After the first fault, detection filter time is reduced
defined by logic
to 50 ms for following recovery cycles. When device
during adaptation
recovers and has been in ACTIVE mode for 160 ms ,
filter time is increased back to 560 ms .
VIN
Detects undervoltage condition at VIN pin. Sensed in all
Falling 3.9 V
undervoltage
VIN_UVLO
Yes
Yes
operating modes. Fault is detected if undervoltage
Rising 4 V
lockout
condition duration is 100 µs minimum.
Detected if the voltage of one or more current sinks is
below threshold level, and DC-DC adaptive control has
reached maximum voltage. Open string is removed from
the DC-DC voltage control loop and current sink is
LOW_COMP
disabled.
Open LED fault
OPEN_LED
Yes
No
threshold
Fault pin is released by toggling VDDIO/EN pin. If
VDDIO/EN is low for a period of 2…20 µs, LEDs are
turned off for this period but device stays ACTIVE. If
VDDIO/EN is low longer, device goes to STANDBY and
restarts when EN goes high again.
Detected if the voltage of one or more current sinks is
above shorted string detection level and at least one
OUTx voltage is within headroom window. Shorted string
is removed from the DC-DC voltage control loop and
Shorted LED
Shorted string
current sink is disabled.
SHORT_LED
Yes
No
fault
detection level 6 V
Fault pin is released by toggling VDDIO/EN pin. If
VDDIO/EN is low for a period of 2…20 µs, LEDs are
turned off for this period but device stays ACTIVE. If
VDDIO/EN is low longer, device goes to STANDBY and
restarts when EN goes high again..
165ºC
Thermal shutdown is monitored from the beginning of
Thermal
TSD
Thermal shutdown
Yes
Yes
soft start. Die temperature must decrease by 20ºC for
protection
hysteresis 20ºC
device to recover.
16
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated


Similar Part No. - TPS61193-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61193-Q1 TI1-TPS61193-Q1 Datasheet
717Kb / 10P
TPS61193-Q1 Low-EMI Automotive LED Driver With Three 100-mA Channels
TPS61193-Q1 TI1-TPS61193-Q1_16 Datasheet
717Kb / 10P
TPS61193-Q1 Low-EMI Automotive LED Driver With Three 100-mA Channels
More results

Similar Description - TPS61193-Q1

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WS3110 WINSEMI-WS3110 Datasheet
262Kb / 8P
WS3110 High Performance LED Driver
logo
Texas Instruments
TPS61194 TI1-TPS61194 Datasheet
611Kb / 34P
High-Performance 4-Channel LED Driver
LP8861-Q1 TI1-LP8861-Q1 Datasheet
1Mb / 43P
Low-EMI, High-Performance Four-Channel LED Driver
LP8862-Q1 TI1-LP8862-Q1 Datasheet
1Mb / 37P
High-Performance 2-Channel LED Driver
TPS61193 TI1-TPS61193 Datasheet
592Kb / 33P
High-Performance 3-Channel LED Driver
TPS61194 TI1-TPS61194_16 Datasheet
712Kb / 9P
TPS61194 High-Performance Four-Channel LED Driver
logo
List of Unclassifed Man...
WS3130 ETC2-WS3130 Datasheet
1Mb / 8P
High Performance LED Driver
logo
Shenzhen Winsemi Microe...
WS3130 WINSEMI-WS3130 Datasheet
1Mb / 8P
High Performance LED Driver
logo
Will Semiconductor Ltd.
WD3153 WILLSEMI-WD3153 Datasheet
732Kb / 19P
3-Channel LED Driver
logo
Kinetic Technologies.
KTD3136 KINETIC-KTD3136 Datasheet
1Mb / 24P
High Efficiency 3-Channel LED Backlight Driver
April 2019 - Revision 04a
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com