Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61193PWPR Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61193PWPR
Description  High-Performance 3-Channel LED Driver
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61193PWPR Datasheet(HTML) 15 Page - Texas Instruments

Back Button TPS61193PWPR Datasheet HTML 11Page - Texas Instruments TPS61193PWPR Datasheet HTML 12Page - Texas Instruments TPS61193PWPR Datasheet HTML 13Page - Texas Instruments TPS61193PWPR Datasheet HTML 14Page - Texas Instruments TPS61193PWPR Datasheet HTML 15Page - Texas Instruments TPS61193PWPR Datasheet HTML 16Page - Texas Instruments TPS61193PWPR Datasheet HTML 17Page - Texas Instruments TPS61193PWPR Datasheet HTML 18Page - Texas Instruments TPS61193PWPR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
Minimum
headroom
level
reached
Open LED
fault
Shorted
LED fault
LOW_COMP
MID_COMP
HIGH_COMP
No actions
No actions
DCDC
increases
voltage
Open LED fault when
VOUT=V OUT_MAX
Shorted LED fault (at
least one output should
be between
LOW_COMP and
MID_COMP)
All outputs are
above headroom
window
DCDC
decreases
voltage
HEADROOM
WINDOW
HIGH_COMP
MID_COMP
LOW_COMP
OUT#
CURRENT/PWM
CONTROL
LOWEST VOLTAGE
SHORT STRING
DETECTION LEVEL
VOLTAGE THRESHOLD
TPS61193
www.ti.com
SNVSAF4 – OCTOBER 2015
Figure 9. Comparators for Adaptive Voltage Control and LED Fault Detection
Figure 10 illustrates different cases which cause DC-DC voltage increase, decrease, or generate faults. In
normal operation, voltage at all the OUT# pins is between LOW_COMP and MID_COMP levels and boost
voltage stays constant. LOW_COMP level is the minimum for proper LED current sink operation, 1.1 × VSAT + 0.2
V (typical). MID_COMP level is 1.1 × VSAT + 1.2 V (typical) so typical headroom window is 1 V.
When voltage at all the OUT# pins increases above MID_COMP level, DC-DC voltage adapts downwards.
When voltage at any of the OUT# pins falls below LOW_COMP threshold, DC-DC voltage adapts upwards. In
the condition where DC-DC voltage reaches the maximum and there are one or more outputs still below
LOW_COMP level, an open LED fault is detected.
HIGH_COMP level, 6 V typical, is the threshold for shorted LED detection. When the voltage of one or more of
the OUT# pins increases above HIGH_COMP level and at least one of the other outputs is within the normal
headroom window, shorted LED fault is detected.
Figure 10. Protection and DC-DC Voltage Adaptation Algorithms
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
15


Similar Part No. - TPS61193PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61193PWPRQ1 TI1-TPS61193PWPRQ1 Datasheet
717Kb / 10P
[Old version datasheet]   TPS61193-Q1 Low-EMI Automotive LED Driver With Three 100-mA Channels
More results

Similar Description - TPS61193PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61193-Q1 TI1-TPS61193-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   High-Performance 3-Channel LED Driver
TPS61194 TI1-TPS61194 Datasheet
611Kb / 34P
[Old version datasheet]   High-Performance 4-Channel LED Driver
LP8862-Q1 TI1-LP8862-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   High-Performance 2-Channel LED Driver
TPS61194 TI1-TPS61194_16 Datasheet
712Kb / 9P
[Old version datasheet]   TPS61194 High-Performance Four-Channel LED Driver
logo
List of Unclassifed Man...
WS3130 ETC2-WS3130 Datasheet
1Mb / 8P
   High Performance LED Driver
logo
Shenzhen Winsemi Microe...
WS3130 WINSEMI-WS3130 Datasheet
1Mb / 8P
   High Performance LED Driver
logo
Texas Instruments
LP8861-Q1 TI1-LP8861-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   Low-EMI, High-Performance Four-Channel LED Driver
logo
Will Semiconductor Ltd.
WD3153 WILLSEMI-WD3153 Datasheet
732Kb / 19P
   3-Channel LED Driver
logo
Shenzhen Winsemi Microe...
WS3110 WINSEMI-WS3110 Datasheet
262Kb / 8P
   WS3110 High Performance LED Driver
logo
Kinetic Technologies.
KTD3136 KINETIC-KTD3136 Datasheet
1Mb / 24P
   High Efficiency 3-Channel LED Backlight Driver
April 2019 - Revision 04a
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com