Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61193PWPR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61193PWPR
Description  High-Performance 3-Channel LED Driver
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61193PWPR Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS61193PWPR Datasheet HTML 8Page - Texas Instruments TPS61193PWPR Datasheet HTML 9Page - Texas Instruments TPS61193PWPR Datasheet HTML 10Page - Texas Instruments TPS61193PWPR Datasheet HTML 11Page - Texas Instruments TPS61193PWPR Datasheet HTML 12Page - Texas Instruments TPS61193PWPR Datasheet HTML 13Page - Texas Instruments TPS61193PWPR Datasheet HTML 14Page - Texas Instruments TPS61193PWPR Datasheet HTML 15Page - Texas Instruments TPS61193PWPR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
10
15
20
25
30
35
40
45
200
300
400
500
600
700
800
900
1000
R1 (k )
C008
VOUT_MAX = (
VBG
R2
+ 0.0387 ) x R1 + VBG
TPS61193
SNVSAF4 – OCTOBER 2015
www.ti.com
7.3 Feature Description
7.3.1 Integrated DC-DC Converter
The TPS61193 DC-DC converter generates supply voltage for the LEDs and can operate in boost mode or in
SEPIC mode. The maximum output voltage VOUT_MAX is defined by an external resistive divider (R1, R2).
VOUT_MAX voltage should be chosen based on the maximum voltage required for LED strings. Recommended
maximum voltage is about 30% higher than maximum LED string voltage. Initial output voltage is about 88% of
VOUT_MAX voltage. DC-DC output voltage is adjusted automatically based on LED current sink headroom voltage.
Maximum output voltage can be calculated with Equation 1:
where
VBG = 1.2 V
R2 recommended value is 130 k
Ω
Resistor values are in k
Ω
(1)
Figure 7. Maximum Converter Output Voltage vs R1 Resistance
The converter is a current mode DC-DC converter, where the inductor current is measured and controlled with
the feedback. Switching frequency is adjustable between 250 kHz and 2.2 MHz with RFSET resistor as
Equation 2:
ƒSW = 67600 / (RFSET + 6.4)
where
ƒSW is switching frequency, kHz
RFSET is frequency setting resistor, kΩ
(2)
In most cases lower frequency has higher system efficiency. DC-DC internal parameters are chosen
automatically according to the selected switching frequency (see Table 2) to ensure stability. In boost mode a 15
pF capacitor CFB must be placed across resistor R1 when operating in 300 kHz to 500 kHz range (see Typical
Application for LED Strings). When operating in the 1.8 MHz to 2.2 MHz range CFB = 4.7 pF.
12
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated


Similar Part No. - TPS61193PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61193PWPRQ1 TI1-TPS61193PWPRQ1 Datasheet
717Kb / 10P
TPS61193-Q1 Low-EMI Automotive LED Driver With Three 100-mA Channels
More results

Similar Description - TPS61193PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61193-Q1 TI1-TPS61193-Q1 Datasheet
1Mb / 35P
High-Performance 3-Channel LED Driver
TPS61194 TI1-TPS61194 Datasheet
611Kb / 34P
High-Performance 4-Channel LED Driver
LP8862-Q1 TI1-LP8862-Q1 Datasheet
1Mb / 37P
High-Performance 2-Channel LED Driver
TPS61194 TI1-TPS61194_16 Datasheet
712Kb / 9P
TPS61194 High-Performance Four-Channel LED Driver
logo
List of Unclassifed Man...
WS3130 ETC2-WS3130 Datasheet
1Mb / 8P
High Performance LED Driver
logo
Shenzhen Winsemi Microe...
WS3130 WINSEMI-WS3130 Datasheet
1Mb / 8P
High Performance LED Driver
logo
Texas Instruments
LP8861-Q1 TI1-LP8861-Q1 Datasheet
1Mb / 43P
Low-EMI, High-Performance Four-Channel LED Driver
logo
Will Semiconductor Ltd.
WD3153 WILLSEMI-WD3153 Datasheet
732Kb / 19P
3-Channel LED Driver
logo
Shenzhen Winsemi Microe...
WS3110 WINSEMI-WS3110 Datasheet
262Kb / 8P
WS3110 High Performance LED Driver
logo
Kinetic Technologies.
KTD3136 KINETIC-KTD3136 Datasheet
1Mb / 24P
High Efficiency 3-Channel LED Backlight Driver
April 2019 - Revision 04a
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com