Electronic Components Datasheet Search |
|
TPS61193PWPR Datasheet(PDF) 1 Page - Texas Instruments |
|
|
|
TPS61193PWPR Datasheet(HTML) 1 Page - Texas Instruments |
1 / 33 page TPS61193 FB PWM OUT1 OUT2 OUT3 L1 D1 VOUT up to 45 V VIN 4.5...40 V COUT CIN RISET Up to 100 mA/string SW LDO FSET VDDIO/EN SYNC PGND GND PAD VIN ISET FAULT EN BRIGHTNESS RFSET R1 R2 CLDO CFB Brightness (%) 0 10 20 30 40 50 60 70 80 90 100 50 55 60 65 70 75 80 85 90 95 100 D001 VIN=5V VIN=8V VIN=12V VIN=16V Product Folder Sample & Buy Technical Documents Tools & Software Support & Community TPS61193 SNVSAF4 – OCTOBER 2015 TPS61193 High-Performance 3-Channel LED Driver 1 Features 3 Description The TPS61193 is a high-efficiency, low-EMI, easy-to- 1 • Input Voltage Operating Range 4.5 V to 40 V use LED driver with flexibility to support a wide range • Three High-Precision Current Sinks of applications. It has three high-precision current – Current Matching 1% (typical) sinks that can be combined for higher current capability per string. The device provides high – Output Current up to 100 mA per Channel dimming ratio 10 000:1 for up to 200 Hz input PWM – Outputs can be combined externally for higher frequency. current per string The TPS61193 has an integrated DC-DC supporting • High Dimming Ratio 10 000:1 at 200 Hz both boost and SEPIC mode operation. The converter • Integrated DC-DC for LED String Power has adaptive output voltage control based on the LED – Boost and SEPIC modes supported current sink headroom voltages. This feature minimizes the power consumption by adjusting the – Output Voltage up to 45 V voltage to lowest sufficient level in all conditions. For – Switching Frequency 300 kHz to 2.2 MHz EMI control the DC-DC converter supports spread • EMI Minimization spectrum for switching frequency and an external synchronization with dedicated pin. – DC-DC Synchronization Input – Spread Spectrum Option The TPS61193 has wide input voltage range from 4.5 V to 40 V for robust support of different types of • Extensive Fault Detection Features applications. The TPS61193 integrates extensive – Fault Output fault detection features. – Input Voltage OVP and UVLO Device Information(1) – Open and Shorted LED Fault Detection PART NUMBER PACKAGE BODY SIZE (NOM) – Thermal Shutdown TPS61193 HTSSOP (20) 6.50 mm × 4.40 mm • Minimum Number of External Components (1) For all available packages, see the orderable addendum at the end of the data sheet. 2 Applications space Industrial Backlighting Systems in Control Panels and Test & Measurement Equipment space Simplified Schematic System Efficiency 1 An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications, intellectual property matters and other important disclaimers. PRODUCTION DATA. |
Similar Part No. - TPS61193PWPR |
|
Similar Description - TPS61193PWPR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |