Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61193PWPR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61193PWPR
Description  High-Performance 3-Channel LED Driver
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61193PWPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS61193PWPR Datasheet HTML 2Page - Texas Instruments TPS61193PWPR Datasheet HTML 3Page - Texas Instruments TPS61193PWPR Datasheet HTML 4Page - Texas Instruments TPS61193PWPR Datasheet HTML 5Page - Texas Instruments TPS61193PWPR Datasheet HTML 6Page - Texas Instruments TPS61193PWPR Datasheet HTML 7Page - Texas Instruments TPS61193PWPR Datasheet HTML 8Page - Texas Instruments TPS61193PWPR Datasheet HTML 9Page - Texas Instruments TPS61193PWPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
TPS61193
SNVSAF4 – OCTOBER 2015
www.ti.com
6.4 Thermal Information
PWP (TSSOP)
THERMAL METRIC(1)
UNIT
(20 PINS)
RθJA
Junction-to-ambient thermal resistance(2)
44.2
RθJCtop
Junction-to-case (top) thermal resistance
26.5
RθJB
Junction-to-board thermal resistance
22.4
°C/W
ψJT
Junction-to-top characterization parameter
0.9
ψJB
Junction-to-board characterization parameter
22.2
RθJCbot
Junction-to-case (bottom) thermal resistance
2.5
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
Junction-to-ambient thermal resistance is highly application and board-layout dependent. In applications where high maximum power
dissipation exists, special care must be paid to thermal dissipation issues in board design.
6.5 Electrical Characteristics
(1) (2)
TJ = −40°C to 125°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Device disabled, VVDDIO/EN = 0 V,
Standby supply current
4.5
20
μA
VIN = 12 V
IQ
VIN = 12 V, VOUT = 26 V, output
Active supply current
current 80 mA/channel, converter
5
12
mA
Fsw = 300 kHz
VPOR_R
Power-on reset rising threshold
LDO pin voltage.
2.7
V
VPOR_F
Power-on reset falling threshold
LDO pin voltage.
1.5
V
TTSD
Thermal shutdown threshold
150
165
175
°C
TTSD_HYST
Thermal shutdown hysteresis
20
°C
(1)
All voltages are with respect to the potential at the GND pins.
(2)
Minimum and maximum limits are specified by design, test, or statistical analysis.
6.6 Internal LDO Electrical Characteristics
TJ = −40°C to 125°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VLDO
Output voltage
VIN = 12 V
4.15
4.3
4.55
V
VDR
Dropout voltage
120
300
430
mV
ISHORT
Short circuit current
50
mA
6.7 Protection Electrical Characteristics
TJ = −40°C to 125°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOVP
VIN OVP threshold voltage
41
42
44
V
VUVLO
VIN UVLO
4.0
V
VUVLO_HYST
VIN UVLO hysteresis
100
mV
LED short detection threshold
5.6
6
7
V
6
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated


Similar Part No. - TPS61193PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61193PWPRQ1 TI1-TPS61193PWPRQ1 Datasheet
717Kb / 10P
[Old version datasheet]   TPS61193-Q1 Low-EMI Automotive LED Driver With Three 100-mA Channels
More results

Similar Description - TPS61193PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61193-Q1 TI1-TPS61193-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   High-Performance 3-Channel LED Driver
TPS61194 TI1-TPS61194 Datasheet
611Kb / 34P
[Old version datasheet]   High-Performance 4-Channel LED Driver
LP8862-Q1 TI1-LP8862-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   High-Performance 2-Channel LED Driver
TPS61194 TI1-TPS61194_16 Datasheet
712Kb / 9P
[Old version datasheet]   TPS61194 High-Performance Four-Channel LED Driver
logo
List of Unclassifed Man...
WS3130 ETC2-WS3130 Datasheet
1Mb / 8P
   High Performance LED Driver
logo
Shenzhen Winsemi Microe...
WS3130 WINSEMI-WS3130 Datasheet
1Mb / 8P
   High Performance LED Driver
logo
Texas Instruments
LP8861-Q1 TI1-LP8861-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   Low-EMI, High-Performance Four-Channel LED Driver
logo
Will Semiconductor Ltd.
WD3153 WILLSEMI-WD3153 Datasheet
732Kb / 19P
   3-Channel LED Driver
logo
Shenzhen Winsemi Microe...
WS3110 WINSEMI-WS3110 Datasheet
262Kb / 8P
   WS3110 High Performance LED Driver
logo
Kinetic Technologies.
KTD3136 KINETIC-KTD3136 Datasheet
1Mb / 24P
   High Efficiency 3-Channel LED Backlight Driver
April 2019 - Revision 04a
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com