Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61193PWPR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61193PWPR
Description  High-Performance 3-Channel LED Driver
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61193PWPR Datasheet(HTML) 4 Page - Texas Instruments

  TPS61193PWPR Datasheet HTML 1Page - Texas Instruments TPS61193PWPR Datasheet HTML 2Page - Texas Instruments TPS61193PWPR Datasheet HTML 3Page - Texas Instruments TPS61193PWPR Datasheet HTML 4Page - Texas Instruments TPS61193PWPR Datasheet HTML 5Page - Texas Instruments TPS61193PWPR Datasheet HTML 6Page - Texas Instruments TPS61193PWPR Datasheet HTML 7Page - Texas Instruments TPS61193PWPR Datasheet HTML 8Page - Texas Instruments TPS61193PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
TPS61193
SNVSAF4 – OCTOBER 2015
www.ti.com
Pin Functions
PIN
DESCRIPTION
TYPE(1)
NUMBER
NAME
1
VIN
A
Input power pin
2
LDO
A
Output of internal LDO; connect a 1-
μF decoupling capacitor between this pin and noise-free
ground.
3
FSET
A
DC-DC (boost or SEPIC) switching frequency setting resistor.
4
VDDIO/EN
I
Enable input for the device as well as supply input (VDDIO) for digital pins
5
FAULT
OD
Fault signal output. If unused, the pin may be left floating.
6
SYNC
I
Input for synchronizing boost.
If synchronization is not used, connect this pin to GND to disable spread spectrum or to
VDDIO/EN to enable spread spectrum.
7
PWM
I
PWM dimming input.
8
NC
No connect
9
GND
G
Ground.
10
ISET
A
LED current setting resistor.
11
GND
G
Ground
12
GND
G
Ground
13
OUT3
A
Current sink output
This pin must be connected to GND if not used.
14
OUT2
A
Current sink output
This pin must be connected to GND if not used.
15
OUT1
A
Current sink output
This pin must be connected to GND if not used.
16
FB
A
DC-DC (boost or SEPIC) feedback input
17
PGND
G
DC-DC (boost or SEPIC) power ground
18
SW
A
DC-DC (boost or SEPIC) switch pin
19
NC
A
No connect
20
VIN
A
Input power pin
(1)
A: Analog pin, G: Ground pin, P: Power pin, I: Input pin, I/O: Input/Output pin, O: Output pin, OD: Open Drain pin
4
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated


Similar Part No. - TPS61193PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61193PWPRQ1 TI1-TPS61193PWPRQ1 Datasheet
717Kb / 10P
[Old version datasheet]   TPS61193-Q1 Low-EMI Automotive LED Driver With Three 100-mA Channels
More results

Similar Description - TPS61193PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61193-Q1 TI1-TPS61193-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   High-Performance 3-Channel LED Driver
TPS61194 TI1-TPS61194 Datasheet
611Kb / 34P
[Old version datasheet]   High-Performance 4-Channel LED Driver
LP8862-Q1 TI1-LP8862-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   High-Performance 2-Channel LED Driver
TPS61194 TI1-TPS61194_16 Datasheet
712Kb / 9P
[Old version datasheet]   TPS61194 High-Performance Four-Channel LED Driver
logo
List of Unclassifed Man...
WS3130 ETC2-WS3130 Datasheet
1Mb / 8P
   High Performance LED Driver
logo
Shenzhen Winsemi Microe...
WS3130 WINSEMI-WS3130 Datasheet
1Mb / 8P
   High Performance LED Driver
logo
Texas Instruments
LP8861-Q1 TI1-LP8861-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   Low-EMI, High-Performance Four-Channel LED Driver
logo
Will Semiconductor Ltd.
WD3153 WILLSEMI-WD3153 Datasheet
732Kb / 19P
   3-Channel LED Driver
logo
Shenzhen Winsemi Microe...
WS3110 WINSEMI-WS3110 Datasheet
262Kb / 8P
   WS3110 High Performance LED Driver
logo
Kinetic Technologies.
KTD3136 KINETIC-KTD3136 Datasheet
1Mb / 24P
   High Efficiency 3-Channel LED Backlight Driver
April 2019 - Revision 04a
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com