Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61193PWPR Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61193PWPR
Description  High-Performance 3-Channel LED Driver
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61193PWPR Datasheet(HTML) 26 Page - Texas Instruments

Back Button TPS61193PWPR Datasheet HTML 22Page - Texas Instruments TPS61193PWPR Datasheet HTML 23Page - Texas Instruments TPS61193PWPR Datasheet HTML 24Page - Texas Instruments TPS61193PWPR Datasheet HTML 25Page - Texas Instruments TPS61193PWPR Datasheet HTML 26Page - Texas Instruments TPS61193PWPR Datasheet HTML 27Page - Texas Instruments TPS61193PWPR Datasheet HTML 28Page - Texas Instruments TPS61193PWPR Datasheet HTML 29Page - Texas Instruments TPS61193PWPR Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
TPS61193
SNVSAF4 – OCTOBER 2015
www.ti.com
10 Layout
10.1 Layout Guidelines
Figure 26 is a layout recommendation for TPS61193 used to demonstrate the principles of a good layout. This
layout can be adapted to the actual application layout if or where possible. It is important that all boost
components are close to the chip, and the high current traces must be wide enough. By placing boost
components on one side of the chip it is easy to keep the ground plane intact below the high current paths. This
way other chip pins can be routed more easily without splitting the ground plane. Bypass LDO capacitor should
as close to the device as possible.
Here are some main points to help the PCB layout work:
Current loops need to be minimized:
For low frequency the minimal current loop can be achieved by placing the boost components as close as
possible to the SW and PGND pins. Input and output capacitor grounds need to be close to each other to
minimize current loop size.
Minimal current loops for high frequencies can be achieved by making sure that the ground plane is intact
under the current traces. High frequency return currents try to find route with minimum impedance, which
is the route with minimum loop area, not necessarily the shortest path. Minimum loop area is formed when
return current flows just under the “positive” current route in the ground plane, if the ground plane is intact
under the route.
The GND plane needs to be intact under the high current boost traces to provide shortest possible return path
and smallest possible current loops for high frequencies.
Current loops when the boost switch is conducting and not conducting need to be on the same direction in
optimal case.
Inductors must be placed so that the current flows in the same direction as in the current loops. Rotating
inductor 180° changes current direction.
Use separate power and noise-free grounds. Power ground is used for boost converter return current and
noise-free ground for more sensitive signals, like LDO bypass capacitor grounding as well as grounding the
GND pin of the device itself.
Boost output feedback voltage to LEDs need to be taken out after the output capacitors, not straight from the
diode cathode.
Place LDO 1-µF bypass capacitor as close to the LDO pin as possible.
Input and output capacitors need strong grounding (wide traces, many vias to GND plane).
If two output capacitors are used they need symmetrical layout to get both capacitors working ideally.
Output ceramic capacitors have DC-bias effect. If the output capacitance is too low, it can cause boost to
become unstable on some loads, and this increases EMI. DC-bias characteristics need to be obtained from
the component manufacturer; it is not taken into account on component tolerance. X5R/X7R capacitors are
recommended.
26
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated


Similar Part No. - TPS61193PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61193PWPRQ1 TI1-TPS61193PWPRQ1 Datasheet
717Kb / 10P
[Old version datasheet]   TPS61193-Q1 Low-EMI Automotive LED Driver With Three 100-mA Channels
More results

Similar Description - TPS61193PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61193-Q1 TI1-TPS61193-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   High-Performance 3-Channel LED Driver
TPS61194 TI1-TPS61194 Datasheet
611Kb / 34P
[Old version datasheet]   High-Performance 4-Channel LED Driver
LP8862-Q1 TI1-LP8862-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   High-Performance 2-Channel LED Driver
TPS61194 TI1-TPS61194_16 Datasheet
712Kb / 9P
[Old version datasheet]   TPS61194 High-Performance Four-Channel LED Driver
logo
List of Unclassifed Man...
WS3130 ETC2-WS3130 Datasheet
1Mb / 8P
   High Performance LED Driver
logo
Shenzhen Winsemi Microe...
WS3130 WINSEMI-WS3130 Datasheet
1Mb / 8P
   High Performance LED Driver
logo
Texas Instruments
LP8861-Q1 TI1-LP8861-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   Low-EMI, High-Performance Four-Channel LED Driver
logo
Will Semiconductor Ltd.
WD3153 WILLSEMI-WD3153 Datasheet
732Kb / 19P
   3-Channel LED Driver
logo
Shenzhen Winsemi Microe...
WS3110 WINSEMI-WS3110 Datasheet
262Kb / 8P
   WS3110 High Performance LED Driver
logo
Kinetic Technologies.
KTD3136 KINETIC-KTD3136 Datasheet
1Mb / 24P
   High Efficiency 3-Channel LED Backlight Driver
April 2019 - Revision 04a
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com