Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61193PWPR Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61193PWPR
Description  High-Performance 3-Channel LED Driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61193PWPR Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPS61193PWPR Datasheet HTML 16Page - Texas Instruments TPS61193PWPR Datasheet HTML 17Page - Texas Instruments TPS61193PWPR Datasheet HTML 18Page - Texas Instruments TPS61193PWPR Datasheet HTML 19Page - Texas Instruments TPS61193PWPR Datasheet HTML 20Page - Texas Instruments TPS61193PWPR Datasheet HTML 21Page - Texas Instruments TPS61193PWPR Datasheet HTML 22Page - Texas Instruments TPS61193PWPR Datasheet HTML 23Page - Texas Instruments TPS61193PWPR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
TPS61193
FB
PWM
OUT1
OUT2
L1
D1
Up to 37 V
4.5...28 V
COUT
RISET
Up to 100 mA/string
SW
LDO
FSET
VIN
VDDIO/EN
PGND
GND
PAD
VIN
ISET
FAULT
VDDIO
FAULT
RFSET
R1
R2
R3
CLDO
BRIGHTNESS
SYNC
EN
CIN
CIN BOOST
OUT3
CFB
TPS61193
SNVSAF4 – OCTOBER 2015
www.ti.com
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
TheTPS61193 supports input voltage range from 4.5 V to 40 V. Device internal circuitry is powered from the
integrated LDO.
The TPS61193 uses a simple four-wire control:
VDDIO/EN for enable
PWM input for brightness control
SYNC pin for boost synchronisation (optional)
FAULT output to indicate fault condition (optional)
8.2 Typical Applications
8.2.1 Typical Application for LED Strings
Figure 18 shows the typical application for TPS61193 which supports 3 LED strings with maximum current 100
mA and boost switching frequency is 300 kHz.
Figure 18. Three Strings 100 mA/String Configuration
20
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated


Similar Part No. - TPS61193PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61193PWPRQ1 TI1-TPS61193PWPRQ1 Datasheet
717Kb / 10P
TPS61193-Q1 Low-EMI Automotive LED Driver With Three 100-mA Channels
TPS61193PWPRQ1 TI2-TPS61193PWPRQ1 Datasheet
1Mb / 40P
TPS61193-Q1 Low-EMI Automotive LED Driver With Three 100-mA Channels
REVISED MAY 2017
TPS61193PWPRQ1.A TI2-TPS61193PWPRQ1.A Datasheet
1Mb / 40P
TPS61193-Q1 Low-EMI Automotive LED Driver With Three 100-mA Channels
REVISED MAY 2017
More results

Similar Description - TPS61193PWPR

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WS3110 WINSEMI-WS3110 Datasheet
262Kb / 8P
WS3110 High Performance LED Driver
logo
Texas Instruments
TPS61194 TI1-TPS61194 Datasheet
611Kb / 34P
High-Performance 4-Channel LED Driver
LP8861-Q1 TI1-LP8861-Q1 Datasheet
1Mb / 43P
Low-EMI, High-Performance Four-Channel LED Driver
LP8862-Q1 TI1-LP8862-Q1 Datasheet
1Mb / 37P
High-Performance 2-Channel LED Driver
TPS61193-Q1 TI1-TPS61193-Q1 Datasheet
1Mb / 35P
High-Performance 3-Channel LED Driver
TPS61194 TI1-TPS61194_16 Datasheet
712Kb / 9P
TPS61194 High-Performance Four-Channel LED Driver
logo
List of Unclassifed Man...
WS3130 ETC2-WS3130 Datasheet
1Mb / 8P
High Performance LED Driver
logo
Shenzhen Winsemi Microe...
WS3130 WINSEMI-WS3130 Datasheet
1Mb / 8P
High Performance LED Driver
logo
Will Semiconductor Ltd.
WD3153 WILLSEMI-WD3153 Datasheet
732Kb / 19P
3-Channel LED Driver
logo
Kinetic Technologies.
KTD3136 KINETIC-KTD3136 Datasheet
1Mb / 24P
High Efficiency 3-Channel LED Backlight Driver
April 2019 - Revision 04a
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com