Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP8862-Q1 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LP8862-Q1
Description  High-Performance 2-Channel LED Driver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8862-Q1 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LP8862-Q1 Datasheet HTML 11Page - Texas Instruments LP8862-Q1 Datasheet HTML 12Page - Texas Instruments LP8862-Q1 Datasheet HTML 13Page - Texas Instruments LP8862-Q1 Datasheet HTML 14Page - Texas Instruments LP8862-Q1 Datasheet HTML 15Page - Texas Instruments LP8862-Q1 Datasheet HTML 16Page - Texas Instruments LP8862-Q1 Datasheet HTML 17Page - Texas Instruments LP8862-Q1 Datasheet HTML 18Page - Texas Instruments LP8862-Q1 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
Minimum
headroom
level
reached
Open LED
fault
Shorted
LED fault
LOW_COMP
MID_COMP
HIGH_COMP
No actions
No actions
DC-DC
increases
voltage
Open LED fault when
VOUT=VOUT_MAX
Shorted LED fault (one
output should be
between LOW_COMP
and MID_COMP)
Both outputs are
above headroom
window
DC-DC
decreases
voltage
HEADROOM
WINDOW
HIGH_COMP
MID_COMP
LOW_COMP
OUT#
CURRENT/PWM
CONTROL
LOWEST VOLTAGE
SHORT STRING
DETECTION LEVEL
VOLTAGE THRESHOLD
LP8862-Q1
www.ti.com
SNVSA75A – NOVEMBER 2015 – REVISED NOVEMBER 2015
Figure 9. Comparators for Adaptive Voltage Control and LED Fault Detection
Figure 10 illustrates different cases which cause DC-DC voltage increase, decrease, or generate faults. In
normal operation, voltage at the OUT1 and OUT2 pins is between LOW_COMP and MID_COMP levels, and
VOUT voltage stays constant. LOW_COMP level is the minimum for proper LED current sink operation, 1.1 × VSAT
+ 0.2 V (typical). MID_COMP level is 1.1 × VSAT + 1.2 V (typical) so typical headroom window is 1 V.
When voltage at OUT1 and OUT2 pin increases above MID_COMP level, DC-DC voltage adapts downwards.
When voltage at OUT1 or OUT2 pin falls below LOW_COMP threshold, DC-DC voltage adapts upwards. In the
condition where VOUT reaches the maximum and there are one or more outputs still below LOW_COMP level, an
open LED fault is detected.
HIGH_COMP level, 6 V typical, is the threshold for shorted LED detection. When the voltage of OUT1 or OUT2
pin increases above HIGH_COMP level and the other output is within the normal headroom window, shorted
LED fault is detected.
Figure 10. DC-DC Adaptation and LED Fault Detection Algorithms
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LP8862-Q1


Similar Part No. - LP8862-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8860-Q1 TI1-LP8860-Q1 Datasheet
1Mb / 112P
[Old version datasheet]   Low-EMI, High-Performance 4-Channel LED Driver for Automotive Lighting
LP8860-Q1 TI1-LP8860-Q1 Datasheet
740Kb / 10P
[Old version datasheet]   Low-EMI Automotive LED Driver With Four 150-mA Channels
LP8860-Q1 TI1-LP8860-Q1 Datasheet
1Mb / 110P
[Old version datasheet]   Low-EMI Automotive LED Driver With Four 150-mA Channels
LP8860-Q1 TI1-LP8860-Q1_16 Datasheet
740Kb / 10P
[Old version datasheet]   Low-EMI Automotive LED Driver With Four 150-mA Channels
LP8860-Q1 TI1-LP8860-Q1_17 Datasheet
1Mb / 110P
[Old version datasheet]   Low-EMI Automotive LED Driver With Four 150-mA Channels
More results

Similar Description - LP8862-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61193 TI1-TPS61193 Datasheet
592Kb / 33P
[Old version datasheet]   High-Performance 3-Channel LED Driver
TPS61193-Q1 TI1-TPS61193-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   High-Performance 3-Channel LED Driver
TPS61194 TI1-TPS61194 Datasheet
611Kb / 34P
[Old version datasheet]   High-Performance 4-Channel LED Driver
TPS61194 TI1-TPS61194_16 Datasheet
712Kb / 9P
[Old version datasheet]   TPS61194 High-Performance Four-Channel LED Driver
logo
List of Unclassifed Man...
WS3130 ETC2-WS3130 Datasheet
1Mb / 8P
   High Performance LED Driver
logo
Shenzhen Winsemi Microe...
WS3130 WINSEMI-WS3130 Datasheet
1Mb / 8P
   High Performance LED Driver
logo
Texas Instruments
LP8861-Q1 TI1-LP8861-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   Low-EMI, High-Performance Four-Channel LED Driver
logo
Shenzhen Winsemi Microe...
WS3110 WINSEMI-WS3110 Datasheet
262Kb / 8P
   WS3110 High Performance LED Driver
logo
Maxim Integrated Produc...
MAX16838 MAXIM-MAX16838_14 Datasheet
1Mb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver
Rev 3; 6/13
logo
Kinetic Technologies.
KTD3133 KINETIC-KTD3133 Datasheet
1,019Kb / 24P
   High Efficiency 2-Channel LED Backlight Driver
October 2018 - Revision 04b
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com