Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP8862-Q1 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # LP8862-Q1
Description  High-Performance 2-Channel LED Driver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8862-Q1 Datasheet(HTML) 23 Page - Texas Instruments

Back Button LP8862-Q1 Datasheet HTML 19Page - Texas Instruments LP8862-Q1 Datasheet HTML 20Page - Texas Instruments LP8862-Q1 Datasheet HTML 21Page - Texas Instruments LP8862-Q1 Datasheet HTML 22Page - Texas Instruments LP8862-Q1 Datasheet HTML 23Page - Texas Instruments LP8862-Q1 Datasheet HTML 24Page - Texas Instruments LP8862-Q1 Datasheet HTML 25Page - Texas Instruments LP8862-Q1 Datasheet HTML 26Page - Texas Instruments LP8862-Q1 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
LP8862-Q1
www.ti.com
SNVSA75A – NOVEMBER 2015 – REVISED NOVEMBER 2015
As a result the inductor must be selected according to the ISAT. A more conservative and recommended
approach is to choose an inductor that has a saturation current rating greater than the maximum current limit. A
saturation current rating of at least 3 A is recommended for most applications. See Table 3 for inductance
recommendations for the different switching frequency ranges. Resistance of the inductor must be less than 300
m
Ω for good efficiency.
See detailed information in Understanding Boost Power Stages in Switch Mode Power Supplies. “Power Stage
Designer™ Tools” can be used for the boost calculation: http://www.ti.com/tool/powerstage-designer.
8.2.1.2.2
Output Capacitor Selection
A ceramic capacitor with 2 × VMAX BOOST or more voltage rating is recommended for the output capacitor. The
DC-bias effect can reduce the effective capacitance by up to 80%, which needs to be considered in capacitance
value selection. Capacitance recommendations for different boost switching frequencies are shown in Table 3.
To minimize audible noise of ceramic capacitors their geometric size must typically be minimized.
8.2.1.2.3
Input Capacitor Selection
A ceramic capacitor with 2 × VVIN MAX or more voltage rating is recommended for the input capacitor. The DC-
bias effect can reduce the effective capacitance by up to 80%, which needs to be considered in capacitance
value selection. Capacitance recommendations for different boost switching frequencies are shown in Table 3.
8.2.1.2.4
LDO Output Capacitor
A ceramic capacitor with at least 10-V voltage rating is recommended for the output capacitor of the LDO. The
DC-bias effect can reduce the effective capacitance by up to 80%, which needs to be considered in capacitance
value selection. Typically a 1-µF capacitor is sufficient.
8.2.1.2.5
Diode
A Schottky diode should be used for the boost output diode. Do not use ordinary rectifier diodes, since slow
switching speeds and long recovery times cause the efficiency and the load regulation to suffer. Diode rating for
peak repetitive current should be greater than inductor peak current (up to 3 A) to ensure reliable operation.
Average current rating must be greater than the maximum output current. Schottky diodes with a low forward
drop and fast switching speeds are ideal for increasing efficiency. Choose a reverse breakdown voltage of the
Schottky diode significantly larger than the output voltage.
8.2.1.2.6
Power Line Transistor
A pFET transistor with necessary voltage rating (VDS at least 5 V higher than max input voltage) must be used.
Current rating for the FET must be the same as input peak current or greater. Transfer characteristic is very
important for pFET. VGS for open transistor must be less then VIN. A 20-kΩ resistor between pFET gate and
source is sufficient.
8.2.1.2.7
Input Current Sense Resistor
A high-power 50 m
Ω resistor must be used for sensing the boost input current. Power rating can be calculated
from the input current and sense resistor resistance value. Increasing RISENSE decreases VIN_OCP current
proportionally.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LP8862-Q1


Similar Part No. - LP8862-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8860-Q1 TI1-LP8860-Q1 Datasheet
1Mb / 112P
Low-EMI, High-Performance 4-Channel LED Driver for Automotive Lighting
LP8860-Q1 TI1-LP8860-Q1 Datasheet
740Kb / 10P
Low-EMI Automotive LED Driver With Four 150-mA Channels
LP8860-Q1 TI1-LP8860-Q1 Datasheet
1Mb / 110P
Low-EMI Automotive LED Driver With Four 150-mA Channels
LP8860-Q1 TI1-LP8860-Q1_16 Datasheet
740Kb / 10P
Low-EMI Automotive LED Driver With Four 150-mA Channels
LP8860-Q1 TI1-LP8860-Q1_17 Datasheet
1Mb / 110P
Low-EMI Automotive LED Driver With Four 150-mA Channels
More results

Similar Description - LP8862-Q1

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WS3110 WINSEMI-WS3110 Datasheet
262Kb / 8P
WS3110 High Performance LED Driver
logo
Maxim Integrated Produc...
MAX16838 MAXIM-MAX16838_14 Datasheet
1Mb / 21P
Integrated, 2-Channel, High-Brightness LED Driver
Rev 3; 6/13
logo
Texas Instruments
TPS61194 TI1-TPS61194 Datasheet
611Kb / 34P
High-Performance 4-Channel LED Driver
LP8861-Q1 TI1-LP8861-Q1 Datasheet
1Mb / 43P
Low-EMI, High-Performance Four-Channel LED Driver
TPS61193 TI1-TPS61193 Datasheet
592Kb / 33P
High-Performance 3-Channel LED Driver
TPS61193-Q1 TI1-TPS61193-Q1 Datasheet
1Mb / 35P
High-Performance 3-Channel LED Driver
TPS61194 TI1-TPS61194_16 Datasheet
712Kb / 9P
TPS61194 High-Performance Four-Channel LED Driver
logo
List of Unclassifed Man...
WS3130 ETC2-WS3130 Datasheet
1Mb / 8P
High Performance LED Driver
logo
Shenzhen Winsemi Microe...
WS3130 WINSEMI-WS3130 Datasheet
1Mb / 8P
High Performance LED Driver
logo
Kinetic Technologies.
KTD3133 KINETIC-KTD3133 Datasheet
1,019Kb / 24P
High Efficiency 2-Channel LED Backlight Driver
October 2018 - Revision 04b
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com