Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP8862-Q1 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # LP8862-Q1
Description  High-Performance 2-Channel LED Driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8862-Q1 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LP8862-Q1 Datasheet HTML 18Page - Texas Instruments LP8862-Q1 Datasheet HTML 19Page - Texas Instruments LP8862-Q1 Datasheet HTML 20Page - Texas Instruments LP8862-Q1 Datasheet HTML 21Page - Texas Instruments LP8862-Q1 Datasheet HTML 22Page - Texas Instruments LP8862-Q1 Datasheet HTML 23Page - Texas Instruments LP8862-Q1 Datasheet HTML 24Page - Texas Instruments LP8862-Q1 Datasheet HTML 25Page - Texas Instruments LP8862-Q1 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
ISAT >
x
(VOUT - VIN)
VOUT
VIN
Where D =
Where IRIPPLE =
(2 x L x f)
DQG '¶ = (1 - D)
(VOUT ± VIN)
(VOUT)
+ IRIPPLE
IOUTMAX
For Boost
LP8862-Q1
SNVSA75A – NOVEMBER 2015 – REVISED NOVEMBER 2015
www.ti.com
Typical Applications (continued)
8.2.1.1 Design Requirements
Typical design parameters for a boost-mode two-string configuration are shown in Table 5:
Table 5. Boost Mode Design Parameters
DESIGN PARAMETER
VALUE
VIN voltage range
4.5…28 V
LED string
2 × 8 LEDs (30 V)
LED string current
160 mA
Max boost voltage
37 V
Boost switching frequency
400 kHz
External boost sync
not used
Boost spread spectrum
enabled
L1
22
μH
CIN
10 µF, 50 V
CIN BOOST
2 × (10-µF 50-V ceramic) + 33-µF 50-V electrolytic
COUT
2 × (10-µF 50-V ceramic) + 33-µF 50-V electrolytic
CFB
15 pF
CLDO
1 µF, 10 V
RISET
30 k
Ω
RFSET
160 k
Ω
RISENSE
50 m
Ω
R1
750 k
Ω
R2
130 k
Ω
R3
10 k
Ω
RGS
20 k
Ω
8.2.1.2 Detailed Design Procedure
8.2.1.2.1
Inductor Selection
There are two main considerations when choosing an inductor; the inductor must not saturate, and the inductor
current ripple must be small enough to achieve the desired output voltage ripple. Different saturation current
rating specifications are followed by different manufacturers so attention must be given to details. Saturation
current ratings are typically specified at 25°C. However, ratings at the maximum ambient temperature of
application should be requested from the manufacturer. Shielded inductors radiate less noise and are preferred.
The saturation current must be greater than the sum of the maximum load current and the worst case average-
to-peak inductor current. Equation 4 shows the worst-case conditions:
IRIPPLE - peak inductor current
IOUTMAX - maximum load current
VIN - minimum input voltage in application
L - min inductor value including worst case tolerances
f - minimum switching frequency
VOUT - output voltage
D - Duty Cycle for CCM Operation
VOUT - Output Voltage
(4)
22
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: LP8862-Q1


Similar Part No. - LP8862-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8860-Q1 TI1-LP8860-Q1 Datasheet
1Mb / 112P
Low-EMI, High-Performance 4-Channel LED Driver for Automotive Lighting
LP8860-Q1 TI1-LP8860-Q1 Datasheet
740Kb / 10P
Low-EMI Automotive LED Driver With Four 150-mA Channels
LP8860-Q1 TI1-LP8860-Q1 Datasheet
1Mb / 110P
Low-EMI Automotive LED Driver With Four 150-mA Channels
LP8860-Q1 TI1-LP8860-Q1_16 Datasheet
740Kb / 10P
Low-EMI Automotive LED Driver With Four 150-mA Channels
LP8860-Q1 TI1-LP8860-Q1_17 Datasheet
1Mb / 110P
Low-EMI Automotive LED Driver With Four 150-mA Channels
More results

Similar Description - LP8862-Q1

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WS3110 WINSEMI-WS3110 Datasheet
262Kb / 8P
WS3110 High Performance LED Driver
logo
Maxim Integrated Produc...
MAX16838 MAXIM-MAX16838_14 Datasheet
1Mb / 21P
Integrated, 2-Channel, High-Brightness LED Driver
Rev 3; 6/13
logo
Texas Instruments
TPS61194 TI1-TPS61194 Datasheet
611Kb / 34P
High-Performance 4-Channel LED Driver
LP8861-Q1 TI1-LP8861-Q1 Datasheet
1Mb / 43P
Low-EMI, High-Performance Four-Channel LED Driver
TPS61193 TI1-TPS61193 Datasheet
592Kb / 33P
High-Performance 3-Channel LED Driver
TPS61193-Q1 TI1-TPS61193-Q1 Datasheet
1Mb / 35P
High-Performance 3-Channel LED Driver
TPS61194 TI1-TPS61194_16 Datasheet
712Kb / 9P
TPS61194 High-Performance Four-Channel LED Driver
logo
List of Unclassifed Man...
WS3130 ETC2-WS3130 Datasheet
1Mb / 8P
High Performance LED Driver
logo
Shenzhen Winsemi Microe...
WS3130 WINSEMI-WS3130 Datasheet
1Mb / 8P
High Performance LED Driver
logo
Kinetic Technologies.
KTD3133 KINETIC-KTD3133 Datasheet
1,019Kb / 24P
High Efficiency 2-Channel LED Backlight Driver
October 2018 - Revision 04b
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com