Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TV04A580JB-HF Datasheet(PDF) 4 Page - Comchip Technology

Part # TV04A580JB-HF
Description  SMD Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

TV04A580JB-HF Datasheet(HTML) 4 Page - Comchip Technology

  TV04A580JB-HF Datasheet HTML 1Page - Comchip Technology TV04A580JB-HF Datasheet HTML 2Page - Comchip Technology TV04A580JB-HF Datasheet HTML 3Page - Comchip Technology TV04A580JB-HF Datasheet HTML 4Page - Comchip Technology TV04A580JB-HF Datasheet HTML 5Page - Comchip Technology TV04A580JB-HF Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Comchip Technology CO., LTD.
Page 4
SMD Transient Voltage Suppressor
REV:F
QW-JTV01
Company reserves the right to improve product design , functions and reliability without notice.
Electrical Characteristics (TV04A5V0-HF Thru. TV04A441-HF)
UNI
BI
Maximum
Surge
IPP (A)
Maximum
Clamping
Voltage
VC (V)
Marking
Part No.
Reverse
Leakage
IR (uA)
Peak
Voltage
VRWM (V)
(V)
(V)
(mA)
Breakdown voltage
Maximum
@VRWM
Working
Reverse
Current
Reverse
@IPP
VBR @ IT
Code
Device
Min.
IT
Max.
TV04A900J(B)-HF
TV04A111J(B)-HF
TV04A121J(B)-HF
TV04A101J(B)-HF
100.0
111.0
1
90.0
146.0
122.0
135.0
1
110.0
177.0
133.0
147.0
1
120.0
193.0
111.0
123.0
1
100.0
162.0
RX
RZ
SE
SG
ZX
ZZ
VE
VG
1
1
1
1
2.74
2.26
2.07
2.47
144.0
159.0
1
130.0
1.91
209.0
155.0
171.0
1
140.0
1.76
226.8
167.0
185.0
1
150.0
1.65
243.0
TV04A131J(B)-HF
TV04A141J(B)-HF
TV04A151J(B)-HF
TV04A161J(B)-HF
178.0
197.0
1
160.0
1.54
259.0
SK
SB
SM
SP
VK
VB
VM
VP
TV04A171J(B)-HF
189.0
209.0
1
170.0
1.45
275.0
TV04A181J(B)-HF
200.0
220.0
1
180.0
1.37
291.6
TV04A191J(B)-HF
211.0
232.0
1
190.0
1.30
307.8
TV04A201J(B)-HF
224.0
247.0
1
200.0
1.23
324.0
SR
SV
ST
SW
VR
VV
VT
VW
TV04A221J(B)-HF
246.0
272.0
1
220.0
1.12
356.0
TV04A251J(B)-HF
279.0
309.0
1
250.0
0.99
405.0
TV04A301J(B)-HF
335.0
371.0
1
300.0
0.82
486.0
TV04A351J(B)-HF
391.0
432.0
1
350.0
0.71
567.0
SZ
DE
DG
SX
VZ
HE
HG
VX
447.0
494.0
1
400.0
0.62
648.0
492.0
543.0
1
440.0
0.56
713.0
TV04A401J(B)-HF
TV04A441J(B)-HF
DK
DM
HK
HM
1) Suffix J denotes 5% tolerance devices.
2) Suffix B after part number to specify Bi-directional devices.
3) For Bi-Directional devices having VR of 10 volts and under, the IR limit is double.
Note:
1
1
1
1
1
1
1
1
1
1
1
1
1
1


Similar Part No. - TV04A580JB-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV04A580JB COMCHIP-TV04A580JB Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
More results

Similar Description - TV04A580JB-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV04A5V0-G COMCHIP-TV04A5V0-G Datasheet
161Kb / 4P
   SMD Transient Voltage Suppressor
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0-HF COMCHIP-TV06B5V0-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
logo
Formosa MS
SMCJ5.0 FORMOSA-SMCJ5.0 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
3.0SMCJ5.0 FORMOSA-3.0SMCJ5.0 Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
SMBJ5.0 FORMOSA-SMBJ5.0 Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
logo
Comchip Technology
TV06B5V0-G COMCHIP-TV06B5V0-G_12 Datasheet
138Kb / 7P
   SMD Transient Voltage Suppressor
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
   SMD Transient Voltage Suppressor
ATV04A5V0-HF COMCHIP-ATV04A5V0-HF Datasheet
524Kb / 6P
   SMD Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com