Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DL100-11AA2110 Datasheet(PDF) 3 Page - SICK AG

Part # DL100-11AA2110
Description  LONG RANGE DISTANCE SENSORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

DL100-11AA2110 Datasheet(HTML) 3 Page - SICK AG

  DL100-11AA2110 Datasheet HTML 1Page - SICK AG DL100-11AA2110 Datasheet HTML 2Page - SICK AG DL100-11AA2110 Datasheet HTML 3Page - SICK AG DL100-11AA2110 Datasheet HTML 4Page - SICK AG DL100-11AA2110 Datasheet HTML 5Page - SICK AG DL100-11AA2110 Datasheet HTML 6Page - SICK AG DL100-11AA2110 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DL100-11AA2110 | Dx100
LONG RANGE DISTANCE SENSORS
2016-03-17 13:18:11 | Online data sheet
Subject to change without notice
DISTANCE SENSORS | SICK
3
Housing material
Aluminum/zinc die-cast
Connection type
Male connector, M12, SPEEDCON™ compatible
Indication
6 digit 5 x 7 dot matrix display, LEDs
Weight
Approx. 800 g ... 1,600 g 3)
Output current IA
≤ 100 mA 4)
Current consumption
At 24 V DC < 250 mA
Modulation frequency
Fix
1) May not fall short of or exceed VS tolerances.
2) After loss of reflector < 40 ms.
3) Without mounting bracket: approx. 800 g, with mounting bracket: approx. 1,600 g.
4) Short-circuit protected, overload-protected. Max. 100 nF / 20 mH.
Ambient data
Enclosure rating
IP 65
Protection class
III
Electromagnetic compatibility (EMC)
EN 61000-6-2, EN 61000-6-4 1)
Ambient temperature
Operation: –20 °C ... +55 °C 2)
Operation with cooling case: –20 °C ... +75 °C
Storage: –40 °C ... +75 °C
Effect of air pressure
0.3 ppm/hPa
Effect of air temperature
1 ppm/K
Temperature drift
Typ. 0.1 mm/K
Mechanical load
Shock: (EN 600 68-2-27)
Sine: (EN 600 68-2-6)
Noise: (EN 600 68-2-64)
1) This is a Class A device. This device can cause radio interference in living quarters.
2) Temperatures < –10 °C require warm-up time of typ. 7 minutes.


Similar Part No. - DL100-11AA2110

ManufacturerPart #DatasheetDescription
logo
SICK AG
DL100-11AA2112 SICK-DL100-11AA2112 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
More results

Similar Description - DL100-11AA2110

ManufacturerPart #DatasheetDescription
logo
SICK AG
DL100-22AA2102 SICK-DL100-22AA2102 Datasheet
1Mb / 8P
   LONG RANGE DISTANCE SENSORS
DME4000-119 SICK-DME4000-119 Datasheet
1Mb / 6P
   LONG RANGE DISTANCE SENSORS
DME4000-314 SICK-DME4000-314 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DME4000-327 SICK-DME4000-327 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DME5000-123 SICK-DME5000-123 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DME5000-212 SICK-DME5000-212 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DL100-12AA2101 SICK-DL100-12AA2101 Datasheet
1Mb / 6P
   LONG RANGE DISTANCE SENSORS
DL100-12AA2110 SICK-DL100-12AA2110 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DL100-13HA2112 SICK-DL100-13HA2112 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DL100-21AA2109 SICK-DL100-21AA2109 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com