Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E13-00E0 Datasheet(PDF) 2 Page - Cherry Semiconductor Corporation

Part # E13-00E0
Description  Snap Action Switch Single Pole General Purpose
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

E13-00E0 Datasheet(HTML) 2 Page - Cherry Semiconductor Corporation

  E13-00E0 Datasheet HTML 1Page - Cherry Semiconductor Corporation E13-00E0 Datasheet HTML 2Page - Cherry Semiconductor Corporation E13-00E0 Datasheet HTML 3Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.cherryswitches.com
Page 2 of 3, Last update 2015-04-08, Specifications subject to change without notice.
Actuator Specifications
3
E13/G13 Series
Actuator
Max
Operating
Force
Max
Pre-Travel
Operating Point
4
Min Over-
Travel
Max
Movement
Differential
Actuation
Length
5
g (lb)
mm (in)
mm (in)
mm (in)
mm (in)
mm (in)
E
425 (0.94)
1.27 (0.050)
7.24 ± 0.51 (0.285 ± 0.020)
2.54 (0.100)
0.38 (0.015)
N/A
H
100 (0.22)
6.35 (0.250)
7.93 ± 1.57 (0.312 ± 0.062)
4.75 (0.187)
2.36 (0.093)
38.10 (1.500)
H
High ratio
65 (0.14)
8.71 (0.343)
7.14 ± 1.57 (0.281 ± 0.062)
4.75 (0.187)
3.56 (0.14)
44.45 (1.750)
J
425 (0.94)
1.27 (0.050)
17.02 ± 0.76 (0.670 ± 0.030)
2.74 (0.108)
0.38 (0.015)
N/A
K
100 (0.22)
6.35 (0.250)
18.24 ± 1.57 (0.718 ± 0.062)
4.75 (0.187)
2.36 (0.093)
35.33 (1.391)
K
High ratio
63 (0.14)
10.24 (0.403)
17.45 ± 1.57 (0.687 ± 0.062)
4.75 (0.187)
2.36 (0.093)
41.28 (1.625)
M
425 (0.94)
1.27 (0.050)
20.63 ± 0.76 (0.812 ± 0.030)
5.54 (0.218)
0.38 (0.015)
N/A
E14 Series
Actuator
Max
Operating
Force
Max
Pre-Travel
Operating Point
4
Min Over-
Travel
Max
Movement
Differential
Actuation
Length
5
g (lb)
mm (in)
mm (in)
mm (in)
mm (in)
mm (in)
A
850 (1.87)
2.54 (0.100)
6.30 ± 0.66 (0.248 ± 0.026)
1.27 (0.050)
0.38 (0.015)
N/A
H
280 (0.62)
7.93 (0.312)
11.89 ± 1.57 (0.468 ± 0.062)
2.67 (0.105)
1.27 (0.050)
20.85 (0.821)
H
High ratio
170 (0.37)
13.34 (0.525)
11.10 ± 1.57 (0.437 ± 0.062)
5.54 (0.218)
2.03 (0.080)
27.20 (1.071)
J
850 (1.87)
2.54 (0.100)
16.08 ± 0.76 (0.633 ± 0.030)
1.27 (0.050)
0.38 (0.015)
N/A
K
285 (0.63)
8.84 (0.348)
21.84 ± 1.57 (0.860 ± 0.062)
3.30 (0.130)
1.14 (0.045)
17.48 (0.688)
K
High ratio
211 (0.47)
12.27 (0.483)
21.03 ± 1.57 (0.828 ± 0.062)
5.54 (0.218)
1.85 (0.073)
23.95 (0.943)
M
850 (1.87)
2.54 (0.100)
19.69 ± 0.76 (0.775 ± 0.030)
4.27 (0.168)
0.38 (0.015)
N/A
3Contact factory regarding combinations not shown
4Measured above reference line; refer to dimensional drawing below
5Actuator tolerances ± 0.791 mm (0.031”); G13 has operating point tolerance of ± 7.62 (0.30); E14 H and K actuators are shorter and formed up
11⁰ at the button
Material Specifications
Case
General Purpose Phenolic
Actuating Button
Thermoplastic
Common Terminal
Copper Alloy
NO and NC Terminal
Copper Alloy (E13, G13)
Copper (E14)
Moving Blade
Copper Alloy (E13, G13)
Copper (E14)
Spring
Stainless Steel
Auxiliary Actuators
Cold-Rolled Steel (Nickel-Plated)
Roller
Sintered Stainless Steel
Contacts
Gold Crosspoint (G13)
Silver Alloy (E13, E14)
Dimensions – see page 3
Environmental Specifications
Temperature Rating
105 ⁰C (221 ⁰F) standard
150 ⁰C (302 ⁰F) available
200 ⁰C (392 ⁰F) available for E13
Flammability Rating
UL94HB


Similar Part No. - E13-00E0

ManufacturerPart #DatasheetDescription
logo
ZF Friedrichshafen AG
E13-00E0 ZFSWITCHES-E13-00E0 Datasheet
307Kb / 3P
Single Pole General Purpose
More results

Similar Description - E13-00E0

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A20GDB7K OMRON-A20GDB7K Datasheet
940Kb / 8P
General-purpose Snap Action Switch
V-153-1C25 OMRON-V-153-1C25 Datasheet
1Mb / 16P
General Purpose Snap Action Switch
V10G11C24K OMRON-V10G11C24K Datasheet
1Mb / 16P
General Purpose Snap Action Switch
V-15-3C6-K OMRON-V-15-3C6-K Datasheet
1Mb / 16P
General Purpose Snap Action Switch
V1141C4 OMRON-V1141C4 Datasheet
1Mb / 16P
Snap Action Switch
V-15-1C25-K OMRON-V-15-1C25-K Datasheet
1Mb / 16P
General Purpose Snap Action Switch
V151C25K OMRON-V151C25K Datasheet
1Mb / 16P
General Purpose Snap Action Switch
logo
Cherry Semiconductor Co...
E19-00A0 CHERRY-E19-00A0 Datasheet
532Kb / 3P
Snap Action Switch Double Pole General Purpose
GPTCLS11 CHERRY-GPTCLS11 Datasheet
453Kb / 4P
General Purpose Snap Action Switch
logo
ZF Friedrichshafen AG
GPTCLS11 ZFSWITCHES-GPTCLS11 Datasheet
453Kb / 4P
General Purpose Snap Action Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com