Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M21428 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # M21428
Description  3G/HD/SD-SDI Dual-Output Cable Driver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M21428 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  M21428 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M21428 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.mindspeed.com/salesoffices
General Information: (949) 579-3000
Headquarters – Newport Beach
4000 MacArthur Blvd., East Tower
Newport Beach, CA 92660-3007
M21428-BRF-001-D.pdf
© 2010 Mindspeed Technologies, Inc. All rights reserved. Mindspeed and the Mindspeed logo are
trademarks of Mindspeed Technologies. All other trademarks are the property of their respec-
tive owners. Although Mindspeed Technologies strives for accuracy in all its publications, this
material may contain errors or omissions and is subject to change without notice. This material is
provided as is and without any express or implied warranties, including merchantability, fitness
for a particular purpose and non-infringement. Mindspeed Technologies shall not be liable for
any special, indirect, incidental or consequential damages as a result of its use.
For more product information, please visit www.mindspeed.com
Fig. 1 - Routing Switcher Application Diagram
> Product Features
Applications
3G/HD/SD-SDI switchers
3G/HD/SD-SDI routers
3G/HD/SD distribution amplifiers
Standard Compliance
SMPTE 424M, 292M, and 259M
DVB-ASI (270 Mbps)
Package (RoHS Compliant)
3x3 mm, 72-pin MLF
RSET
DDI
M21428 CABLE DRIV E R
INPUT
BUFFER
2.5 to3.3V and
BIAS CIRCUITRY
AVDD
OUTPUT
BUFFER
SDO 1
SDO 1
OUTPUT
BUFFER
SDO 2
SDO 2
CONTROL
LOGIC
DDI
SD/HD
MUTE1
MUTE2
Fig. 2 - M21428 Block Diagram
Crosspoint
Backplane
M21428
Cable Driver
Reclocker
Equalizer


Similar Part No. - M21428

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M21428 MA-COM-M21428 Datasheet
305Kb / 21P
   HD/SD and 3G/HD/SD-SDI Cable Drivers
M21428 MA-COM-M21428 Datasheet
575Kb / 22P
   HD/SD and 3G/HD/SD-SDI Cable Drivers
More results

Similar Description - M21428

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M21424 MA-COM-M21424 Datasheet
180Kb / 2P
   3G/HD/SD-SDI Dual-Output Cable Equalizer
M21528 MA-COM-M21528 Datasheet
221Kb / 2P
   3G/HD/SD-SDI Low Power Dual Cable Driver
logo
Texas Instruments
LMH0324 TI1-LMH0324 Datasheet
723Kb / 9P
[Old version datasheet]   3G/HD/SD SDI Dual Output Adaptive Cable Equalizer
logo
M/A-COM Technology Solu...
M21518 MA-COM-M21518 Datasheet
235Kb / 2P
   3G/HD/SD-SDI Low Power Cable Driver
M21528-13 MA-COM-M21528-13 Datasheet
760Kb / 22P
   Dual 3G/HD/SD-SDI Multi-rate Video Cable Driver
M21418 MA-COM-M21418_15 Datasheet
575Kb / 22P
   HD/SD and 3G/HD/SD-SDI Cable Drivers
214X8-DSH-001-E MA-COM-214X8-DSH-001-E Datasheet
305Kb / 21P
   HD/SD and 3G/HD/SD-SDI Cable Drivers
M21518-13 MA-COM-M21518-13 Datasheet
931Kb / 24P
   3G/HD/SD-SDI Multi-rate Video Cable Driver
logo
Semtech Corporation
GS3470 SEMTECH-GS3470 Datasheet
4Mb / 169P
   3G, HD, SD SDI Receiver
logo
National Semiconductor ...
LMH0302 NSC-LMH0302_08 Datasheet
186Kb / 8P
   3Gbps HD/SD SDI Cable Driver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com