Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M21424 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # M21424
Description  3G/HD/SD-SDI Dual-Output Cable Equalizer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M21424 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  M21424 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M21424 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.mindspeed.com/salesoffices
General Information: (949) 579-3000
Headquarters – Newport Beach
4000 MacArthur Blvd., East Tower
Newport Beach, CA 92660-3007
M21424-BRF-001-E.pdf
© 2010 Mindspeed Technologies, Inc. All rights reserved. Mindspeed and the Mindspeed logo are
trademarks of Mindspeed Technologies. All other trademarks are the property of their respec-
tive owners. Although Mindspeed Technologies strives for accuracy in all its publications, this
material may contain errors or omissions and is subject to change without notice. This material is
provided as is and without any express or implied warranties, including merchantability, fitness
for a particular purpose and non-infringement. Mindspeed Technologies shall not be liable for
any special, indirect, incidental or consequential damages as a result of its use.
For more product information, please visit www.mindspeed.com
Fig. 1 - Routing Switcher Application Diagram
> Product Features
Applications
SDI Routers
SDI Switches
SDI Distribution Amplifier
SDI Camera
Standards Compliance
SMPTE 259M, 292, 344M, 424M
Supports DVB-ASI (270 Mbps)
Package (RoHS Compliant)
5x5 mm, 32-pin QFN
THRESH
CLEN
SDI
SDI
CABLE
LENGTH
INDICATOR
EQUALIZER
CORE
INPUT
BUFFER
0
1
DC
RESTORE
SDO 2_EN
SDO2
OUTPUT
BUFFER
SDO2
OUTPUT
BUFFER
SDO1
SDO1
CONTROL
LOGIC
SD/ M UTE
EQ_ BYP
M21424 Cable Equalizer
SWING_L/H
Fig. 2 - M21424 Block Diagram
Crosspoint
Backplane
Cable Driver
Reclocker
M21424
Equalizer


Similar Part No. - M21424

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M21424 MA-COM-M21424 Datasheet
262Kb / 20P
SD, HD, and 3G Cable Equalizers
M21424-13 MA-COM-M21424-13 Datasheet
465Kb / 20P
SD, HD, and 3G Cable Equalizers
M21424G-13 MA-COM-M21424G-13 Datasheet
465Kb / 20P
SD, HD, and 3G Cable Equalizers
More results

Similar Description - M21424

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0395 TI1-LMH0395 Datasheet
370Kb / 21P
3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
logo
M/A-COM Technology Solu...
214X8-DSH-001-E MA-COM-214X8-DSH-001-E Datasheet
305Kb / 21P
HD/SD and 3G/HD/SD-SDI Cable Drivers
logo
Semtech Corporation
GS6042 SEMTECH-GS6042 Datasheet
1,018Kb / 21P
6G UHD-SDI/3G/HD/SD Adaptive Cable Equalizer
logo
M/A-COM Technology Solu...
M21324 MA-COM-M21324 Datasheet
243Kb / 20P
SD, HD, 3G Cable Equalizer
M21644 MA-COM-M21644 Datasheet
809Kb / 31P
3G/HD/SD-SDI Long Reach Adaptive Cable Equalizer
M21428 MA-COM-M21428 Datasheet
195Kb / 2P
3G/HD/SD-SDI Dual-Output Cable Driver
M21418 MA-COM-M21418_15 Datasheet
575Kb / 22P
HD/SD and 3G/HD/SD-SDI Cable Drivers
logo
Texas Instruments
LMH0324 TI1-LMH0324 Datasheet
723Kb / 9P
3G/HD/SD SDI Dual Output Adaptive Cable Equalizer
LMH0395 TI1-LMH0395_15 Datasheet
1Mb / 33P
3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
logo
Semtech Corporation
GS3471 SEMTECH-GS3471 Datasheet
5Mb / 179P
3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com