Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M21424 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # M21424
Description  3G/HD/SD-SDI Dual-Output Cable Equalizer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M21424 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  M21424 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M21424 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
M21424 3G/HD/SD-SDI Dual-Output Cable Equalizer
> Product Overview
The M21424 is a high-speed, low-power, adaptive co-axial cable equalizer designed to increase the maximum low-jitter
transmission distance of serial digital interface (SDI) video signals and DVB-ASI across commonly used bandwidth
limiting 75
coaxial cable. These devices automatically optimize their transfer function based on the bit rate and
cable length to minimize the inter-symbol interference (ISI) jitter caused by the cable and to remove the DC offset
components introduced with the pathological test pattern and AC coupling in systems.
The M21424 is designed to support SD, HD, and 3G data rates from 143 Mbps to 2970 Mbps.
The low-noise, high-gain equalizer allows for low jitter 3G-SDI transmissions up to 100m (Belden 1694A) and HD trans-
missions up to a length of 200m (Belden 1694A) and 120m (Belden 8281). For SD data rates, cable lengths up to 400m
(Belden 1694A) and 300m (Belden 8281) are supported.
The M21424 is available in a green and RoHS compliant package.
Features
Benefits
> SMPTE 424M, 292, 259M compliant, DVB-ASI (270 Mbps)
Robust standard compliant equalizers
> Adaptive cable equalization
Design flexibility and control
> Optimized data rates from 143 Mbps to 2.97 Gbps
Range of solution for multiple data rates
> Pair of CML outputs with selectable high amplitude
High speed outputs with low cost integration
> Mute and manual BYPASS mode
Supports non standard rates
> Typical equalized length of Belden 1694A cable: 100m at 2.97 Gbps
Extend legacy cable length at higher speeds
> 200m at 1.485 Gbps, and 400m at 270 Mbps
Extend industry standard cable length
> Low power dissipation (175 mW at 2.5V, and 230 mW at 3.3V)
Low power and thermal management costs
> 2.5V or 3.3V power supply
Standard voltage supplies supported
> Small form factor (5x5mm, 32-pin QFN package)
Saves board area
> Extended operating temperature range: –10°C to +85 °C
Provides additional margin for most applications
>


Similar Part No. - M21424

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M21424 MA-COM-M21424 Datasheet
262Kb / 20P
SD, HD, and 3G Cable Equalizers
M21424-13 MA-COM-M21424-13 Datasheet
465Kb / 20P
SD, HD, and 3G Cable Equalizers
M21424G-13 MA-COM-M21424G-13 Datasheet
465Kb / 20P
SD, HD, and 3G Cable Equalizers
More results

Similar Description - M21424

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0324 TI1-LMH0324 Datasheet
723Kb / 9P
3G/HD/SD SDI Dual Output Adaptive Cable Equalizer
logo
M/A-COM Technology Solu...
M21428 MA-COM-M21428 Datasheet
195Kb / 2P
3G/HD/SD-SDI Dual-Output Cable Driver
logo
Semtech Corporation
GS6042 SEMTECH-GS6042 Datasheet
1,018Kb / 21P
6G UHD-SDI/3G/HD/SD Adaptive Cable Equalizer
logo
M/A-COM Technology Solu...
M21644 MA-COM-M21644 Datasheet
809Kb / 31P
3G/HD/SD-SDI Long Reach Adaptive Cable Equalizer
logo
Texas Instruments
LMH0395 TI1-LMH0395_15 Datasheet
1Mb / 33P
3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
LMH0395 TI1-LMH0395 Datasheet
370Kb / 21P
3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
logo
M/A-COM Technology Solu...
M21324 MA-COM-M21324 Datasheet
243Kb / 20P
SD, HD, 3G Cable Equalizer
logo
Semtech Corporation
GS3471 SEMTECH-GS3471 Datasheet
5Mb / 179P
3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
logo
M/A-COM Technology Solu...
M21418 MA-COM-M21418_15 Datasheet
575Kb / 22P
HD/SD and 3G/HD/SD-SDI Cable Drivers
214X8-DSH-001-E MA-COM-214X8-DSH-001-E Datasheet
305Kb / 21P
HD/SD and 3G/HD/SD-SDI Cable Drivers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com