Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJU7630 Datasheet(PDF) 8 Page - New Japan Radio

Part # NJU7630
Description  PWM control Step-Down switching regulator IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7630 Datasheet(HTML) 8 Page - New Japan Radio

  NJU7630_12 Datasheet HTML 1Page - New Japan Radio NJU7630_12 Datasheet HTML 2Page - New Japan Radio NJU7630_12 Datasheet HTML 3Page - New Japan Radio NJU7630_12 Datasheet HTML 4Page - New Japan Radio NJU7630_12 Datasheet HTML 5Page - New Japan Radio NJU7630_12 Datasheet HTML 6Page - New Japan Radio NJU7630_12 Datasheet HTML 7Page - New Japan Radio NJU7630_12 Datasheet HTML 8Page - New Japan Radio NJU7630_12 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
NJU7630
- 8 -
Ver.2012-08-03
■ TYPICAL CHARACTERISTICS
8
10
12
14
16
18
20
22
24
-50
-25
0
25
50
75
100 125
Ambient Temperature Ta (
oC)
Soft Start Time vs. Temperature
(V+=3.3V)
0.99
0.995
1
1.005
1.01
-50
-25
0
25
50
75
100 125
Ambient Temperature Ta (
oC)
Reference Voltage vs. Temperature
(V+=3.3V)
640
660
680
700
720
740
760
-50
-25
0
25
50
75
100 125
Ambient Temperature Ta (
oC)
Oscillator Frequency vs. Temperature
(V+=3.3V, R
T
=47k
Ω)
1.86
1.9
1.94
1.98
2.02
2.06
-50
-25
0
25
50
75
100 125
Ambient Temperature Ta (
oC)
Under Voltage Lockout Block
vs. Temperature
V
T_OFF
V
T_ON
0
200
400
600
800
1000
-50
-25
0
25
50
75
100 125
Ambient Temperature Ta (
oC)
Quiescent Current vs. Temperature
(V+=3.3V, R
T
=47k
Ω)


Similar Part No. - NJU7630_12

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7630M NJRC-NJU7630M Datasheet
105Kb / 9P
PWM control Step-Down switching regulator IC
NJU7630RB1 NJRC-NJU7630RB1 Datasheet
105Kb / 9P
PWM control Step-Down switching regulator IC
More results

Similar Description - NJU7630_12

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7630 NJRC-NJU7630 Datasheet
105Kb / 9P
PWM control Step-Down switching regulator IC
logo
Anachip Corp
AP1623 ANACHIP-AP1623 Datasheet
182Kb / 6P
PWM Control Step-Down Switching Regulator-Converter
logo
Seiko Instruments Inc
S-8520 SII-S-8520 Datasheet
2Mb / 34P
PWM CONTROL & PWM/PFM CONTROL STEP-DOWN SWITCHING REGULATOR-CONTROLLERS
logo
New Japan Radio
NJM2309 NJRC-NJM2309 Datasheet
131Kb / 7P
Switching Regulator Control IC for Step-Down
NJU7631 NJRC-NJU7631 Datasheet
168Kb / 9P
Step-Down Switching Regulator IC with Power Saving PWM/PFM control
logo
Seiko Instruments Inc
S-8533 SII-S-8533 Datasheet
410Kb / 31P
STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8533 ABLIC-S-8533 Datasheet
488Kb / 33P
STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.3.0_02
logo
Seiko Instruments Inc
S8533 SII-S8533 Datasheet
1Mb / 33P
STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
logo
New Japan Radio
NJU7600 NJRC-NJU7600 Datasheet
110Kb / 9P
PWM control Step-Up / Flyback switching regulator IC
logo
Seiko Instruments Inc
S8520 SII-S8520 Datasheet
2Mb / 44P
STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com