Electronic Components Datasheet Search |
|
NJU7630 Datasheet(PDF) 3 Page - New Japan Radio |
|
|
NJU7630 Datasheet(HTML) 3 Page - New Japan Radio |
3 / 9 page NJU7630 - 3 - Ver.2012-08-03 ■ ABSOLUTE MAXIMUM RATINGS (Ta=25°C) PARAMETER SYMBOL MAXIMUM RATINGS UNIT Supply Voltage V+ +9 V Output Pin Current IO ±50 mA Power Dissipation PD DMP8 :300 MSOP8 (TVSP8) :320 mW Operating Temperature Range TOPR -40 to +85 °C Storage Temperature Range TSTG -40 to +125 °C ■ RECOMMENDED OPERATING CONDITIONS (Ta=25°C) PARAMETER SYMBOL MIN. TYP. MAX. UNIT Operating Voltage V+ 2.2 – 8 V Oscillator Timing Resistor RT 30 47 120 kΩ Oscillation Frequency fOSC 300 700 1,000 kHz ■ ELECTRICAL CHARACTERISTICS (V+=3.3V, RT=47kΩ, Ta=25°C) PARAMETER SYMBOL TEST CONDITION MIN. TYP. MAX. UNIT Under Voltage Lockout Block ON Threshold Voltage VT_ON V+= L → H 1.9 2.0 2.1 V OFF Threshold Voltage VT_OFF V+= H → L 1.8 1.9 2.0 V Hysteresis Voltage VHYS 60 100 – mV Soft Start Block Soft Start Time TSS VT_ON → Duty=80% 8 16 24 ms Short Circuit Protection Block Input Threshold Voltage VT_PC FB Pin 0.95 1.00 1.05 V Charge Current ICHG VSCP=0V 1.5 2 2.5 µA Latch Mode ON Threshold Voltage VT_LA SCP Pin 0.95 1.00 1.05 V Latch Mode OFF Threshold Voltage VT_LAOFF SCP Pin 0.2 0.45 0.7 V Oscillator Block RT Pin Voltage VRT -5% 0.5 +5% V Oscillation Frequency fOSC 630 700 770 kHz Oscillate Supply Voltage Fluctuations fDV V+=2.2V to 8V – 1 – % Oscillate Temperature Fluctuations fDT Ta=-40 °C to +85°C – 3 – % |
Similar Part No. - NJU7630_12 |
|
Similar Description - NJU7630_12 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |