Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJU7630 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJU7630
Description  PWM control Step-Down switching regulator IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7630 Datasheet(HTML) 2 Page - New Japan Radio

  NJU7630_12 Datasheet HTML 1Page - New Japan Radio NJU7630_12 Datasheet HTML 2Page - New Japan Radio NJU7630_12 Datasheet HTML 3Page - New Japan Radio NJU7630_12 Datasheet HTML 4Page - New Japan Radio NJU7630_12 Datasheet HTML 5Page - New Japan Radio NJU7630_12 Datasheet HTML 6Page - New Japan Radio NJU7630_12 Datasheet HTML 7Page - New Japan Radio NJU7630_12 Datasheet HTML 8Page - New Japan Radio NJU7630_12 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
NJU7630
- 2 -
Ver.2012-08-03
■ BLOCK DIAGRAM
Buffer
0.5V
OSC
1V
0.5
RT
A
2kΩ
2
µA
UVLO
Soft Start
Vref
1V
1V
0.8V
0.2V
OUT
GND
RT
DTC
RT
SCP
IN-
FB
V
+
PWM
SCP
ER
⋅AMP
Latch


Similar Part No. - NJU7630_12

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7630M NJRC-NJU7630M Datasheet
105Kb / 9P
PWM control Step-Down switching regulator IC
NJU7630RB1 NJRC-NJU7630RB1 Datasheet
105Kb / 9P
PWM control Step-Down switching regulator IC
More results

Similar Description - NJU7630_12

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1623 ANACHIP-AP1623 Datasheet
182Kb / 6P
PWM Control Step-Down Switching Regulator-Converter
Rev. 0.1 Feb 10, 2004
logo
New Japan Radio
NJU7600 NJRC-NJU7600 Datasheet
110Kb / 9P
PWM control Step-Up / Flyback switching regulator IC
NJU7630 NJRC-NJU7630 Datasheet
105Kb / 9P
PWM control Step-Down switching regulator IC
logo
Seiko Instruments Inc
S-8520 SII-S-8520 Datasheet
2Mb / 34P
PWM CONTROL & PWM/PFM CONTROL STEP-DOWN SWITCHING REGULATOR-CONTROLLERS
S-8533 SII-S-8533 Datasheet
410Kb / 31P
STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
logo
New Japan Radio
NJM2309 NJRC-NJM2309 Datasheet
131Kb / 7P
Switching Regulator Control IC for Step-Down
NJU7631 NJRC-NJU7631 Datasheet
168Kb / 9P
Step-Down Switching Regulator IC with Power Saving PWM/PFM control
logo
Seiko Instruments Inc
S8520 SII-S8520 Datasheet
2Mb / 44P
STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8533 SII-S8533 Datasheet
1Mb / 33P
STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8533 ABLIC-S-8533 Datasheet
488Kb / 33P
STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.3.0_02
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com