Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX385-2.5 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SPX385-2.5
Description  Micropower Voltage Reference
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX385-2.5 Datasheet(HTML) 5 Page - Sipex Corporation

  SPX385-2.5 Datasheet HTML 1Page - Sipex Corporation SPX385-2.5 Datasheet HTML 2Page - Sipex Corporation SPX385-2.5 Datasheet HTML 3Page - Sipex Corporation SPX385-2.5 Datasheet HTML 4Page - Sipex Corporation SPX385-2.5 Datasheet HTML 5Page - Sipex Corporation SPX385-2.5 Datasheet HTML 6Page - Sipex Corporation SPX385-2.5 Datasheet HTML 7Page - Sipex Corporation SPX385-2.5 Datasheet HTML 8Page - Sipex Corporation SPX385-2.5 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Date:05/21/04
SPX385-2.5 Micropower Voltage Reference
© Copyright 2004 Sipex Corporation
5
PACKAGE: 3 PIN SOT-23
A
A2
A1
SIDE VIEW
A
A
Seating Plane
C
E
E1
e
e1
D
b
1
2
3
L
Gauge Plane
VIEW C
SEE VIEW C
B
B
-
-
1.25
Dimensions in (mm)
3 PIN SOT-23
1.050 1.100
1.150
0.36
0.38
0.45
0.15
-
0.20
0.37
0.45
0.53
-
A
A2
b
c
D
E
E1
L
L2
Ø
MIN
NOM MAX
2.901 2.926
2.951
1.601
1.626
1.651
e
e1
VIEW A-A
Seating Plane
Ø
0.925 0.950
0.975
1.850
1.900
1.950
2.700 2.800
2.900
SEE VIEW D
c
WITH PLATING
BASE METAL
b
SECTION B-B
VIEW D
L2
-
-
0.05
A1
0
-
0.10
3 PIN SOT-23


Similar Part No. - SPX385-2.5

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX385-1.2 SIPEX-SPX385-1.2 Datasheet
223Kb / 8P
Micropower Voltage Reference
SPX385-5.0 SIPEX-SPX385-5.0 Datasheet
137Kb / 8P
5V Micropower Voltage Reference
More results

Similar Description - SPX385-2.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1004 LINER-LT1004_15 Datasheet
182Kb / 8P
Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100A-2.5 ADMOS-AMS3100A-2.5 Datasheet
45Kb / 4P
MICROPOWER VOLTAGE REFERENCE
AMS1004-1.2 ADMOS-AMS1004-1.2_05 Datasheet
71Kb / 7P
MICROPOWER VOLTAGE REFERENCE
logo
Renesas Technology Corp
ISL21010 RENESAS-ISL21010 Datasheet
3Mb / 37P
Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS1004-12 ADMOS-AMS1004-12 Datasheet
76Kb / 7P
MICROPOWER VOLTAGE REFERENCE
AMS3100-12 ADMOS-AMS3100-12 Datasheet
68Kb / 6P
MICROPOWER VOLTAGE REFERENCE
AMS3100-25 ADMOS-AMS3100-25 Datasheet
61Kb / 6P
MICROPOWER VOLTAGE REFERENCE
logo
Intersil Corporation
ISL21010_1112 INTERSIL-ISL21010_1112 Datasheet
1Mb / 20P
Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100-2.5 ADMOS-AMS3100-2.5_08 Datasheet
64Kb / 6P
MICROPOWER VOLTAGE REFERENCE
logo
Unisonic Technologies
M385 UTC-M385_11 Datasheet
175Kb / 6P
MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com