Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M21202 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # M21202
Description  SD-SDI Broadcast Video Co-axial Cable Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M21202 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  M21202 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M21202 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.mindspeed.com/salesoffices
General Information: (949) 579-3000
Headquarters – Newport Beach
4000 MacArthur Blvd., East Tower
Newport Beach, CA 92660-3007
21202-BRF-001-B.PDF
© 2005 Mindspeed Technologies. All rights reserved. Mindspeed and the Mindspeed
logo are trademarks of Mindspeed Technologies. All other trademarks are the prop-
erty of their respective owners. Although Mindspeed Technologies strives for accu-
racy in all its publications, this material may contain errors or omissions and is
subject to change without notice. This material is provided as is and without any
express or implied warranties, including merchantability, fitness for a particular
purpose and non-infringement. Mindspeed Technologies shall not be liable for any
special, indirect, incidental or consequential damages as a result of its use.
Applications
Small to large serial routing switchers
Master control switchers
Productions switchers
Distribution amplifiers
SD-SDI processing gear
Ordering Information
M21202-14: SD video cable driver
(143 Mbps – 540Mbps)
M21202G-14: SD video cable driver
(143 Mbps – 540Mbps)
[RoHS compliant package]
Package: 8 pin SOIC
8 pin SOIC [RoHS compliant package]
Product Features
SD Production & Master Control Switcher Application
SD Routing Switcher Application
SDO
M21111 - 17 x 17
M21121 - 34 x 34
Other
Mindspeed
Reclockers
M21252
75 Ohm
Cable
Drivers
Crosspoint
Switches
M21205
CLOCK & DATA
RECOVERY
W/ BYPASS
M21202
M21204
Cable
Equalizers
SDO
M21131V - 72 x 72
M21151V - 144 x 144
SD-SDI
SD-SDI
M21202
10
10
Serializers
Deserializers
Crosspoint
Matrices
LINE SYNC/GENLOCK
MEMORY MANAGER
FRAME MEMORY
FRAME SYNC
Y
C
Y
C
PCLK
PCLK
75 Ohm
Cable Drivers
EFFECTS
BLOCK
PROCESSING
SDO
SDO
10
10
M21111 - 17 x 17
M21121 - 34 x 34
M21131V - 72 x 72
M21151V - 144 x 144
FPGA
Integrated
Mindspeed
SerDes IP
M21204
Cable
Equalizers
SD-SDI
SD-SDI


Similar Part No. - M21202

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M212023B1N MTRONPTI-M212023B1N Datasheet
895Kb / 7P
Multiple Frequency Clock Oscillator 5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML/HCMOS Output
M212023B2N MTRONPTI-M212023B2N Datasheet
895Kb / 7P
Multiple Frequency Clock Oscillator 5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML/HCMOS Output
M212023BAN MTRONPTI-M212023BAN Datasheet
895Kb / 7P
Multiple Frequency Clock Oscillator 5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML/HCMOS Output
M212023G1N MTRONPTI-M212023G1N Datasheet
895Kb / 7P
Multiple Frequency Clock Oscillator 5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML/HCMOS Output
M212023G2N MTRONPTI-M212023G2N Datasheet
895Kb / 7P
Multiple Frequency Clock Oscillator 5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML/HCMOS Output
More results

Similar Description - M21202

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9068 GENNUM-GS9068 Datasheet
113Kb / 8P
SD SDI Cable Driver
logo
Emcore Corporation
OTP-1HDP EMCORE-OTP-1HDP Datasheet
93Kb / 2P
HD-SDI & SD-SDI Video
OTP-2HDP EMCORE-OTP-2HDP Datasheet
86Kb / 2P
HD-SDI & SD-SDI Video
OTP-1HD EMCORE-OTP-1HD Datasheet
95Kb / 2P
HD-SDI & SD-SDI Video
logo
Gennum Corporation
GS9068 GENNUM-GS9068_10 Datasheet
445Kb / 11P
SD SDI Cable Driver
logo
M/A-COM Technology Solu...
M21214 MA-COM-M21214 Datasheet
122Kb / 2P
HD/SD Broadcast Video Adaptive Co-Axial Cable Equalizer
M21234-33 MA-COM-M21234-33 Datasheet
535Kb / 18P
Wideband (SD/HD-SDI) Adaptive Co-axial Cable Equalizer
M21518-13 MA-COM-M21518-13 Datasheet
931Kb / 24P
3G/HD/SD-SDI Multi-rate Video Cable Driver
M21204 MA-COM-M21204 Datasheet
123Kb / 2P
SD-SDI Broadcast Video Adaptive Co-Axial Cable Equalizer
M21218 MA-COM-M21218 Datasheet
109Kb / 2P
SD/HD Broadcast Video Co-axial Cable Driver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com